Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CO13050 Datasheet(PDF) 1 Page - Raltron Electronics Corporation

Part # CO13050
Description  THROUGH HOLE CLOCK OSCILLATORS - TTL COMPATIBLE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

CO13050 Datasheet(HTML) 1 Page - Raltron Electronics Corporation

  CO13050 Datasheet HTML 1Page - Raltron Electronics Corporation CO13050 Datasheet HTML 2Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Raltron Electronics Corporation 10651 NW 19th St. Miami, Florida 33172 U.S.A.
Tel: 305-593-6033 Fax: 305-594-3973 e-mail: sales@raltron.com Internet: http://www.raltron.com
35
THROUGH HOLE CLOCK OSCILLATORS - TTL COMPATIBLE
SERIES CO1 AND CO13
SERIES
CO1
CO13
PACKAGE
14 PIN DIP
8 PIN DIP
FREQUENCY RANGE
500.00 KHz TO 125.00 MHz
500.00 KHz TO 125.00 MHz
FREQUENCY STABILITY†
CO1100 : ±100 ppm
CO13100 : ±100 ppm
CO1050 : ±50 ppm
CO13050 : ±50 ppm
CO1025 : ±25 ppm
CO13025 : ±25 ppm
OPERATING TEMPERATURE RANGE
0° C TO +70° C STANDARD
-40° C TO +85° C EXTENDED
0° C TO +70° C STANDARD
-40° C TO +85° C EXTENDED
STORAGE TEMPERATURE RANGE
-55° C TO +125° C
-55° C TO +125° C
INPUT
VOLTAGE††
+5 VDC ±0.5 VDC
+5 VDC ±0.5 VDC
CURRENT (MAX)
500.00 KHz TO 2.999 MHz: 30 mA
500.00 KHz TO 2.999 MHz: 30 mA
3.00 MHz TO 31.999 MHz: 50 mA
3.00 MHz TO 31.999 MHz: 50 mA
32.00 MHz TO 79.999 MHz: 70 mA
32.00 MHz TO 79.999 MHz: 70 mA
80.00 MHz TO 125.00 MHz: 80 mA
80.00 MHz TO 125.00 MHz: 80 mA
OUTPUT
SYMMETRY
(AT 1.4 VDC LEVEL)
40 TO 60% NORMAL
45 TO 55% TIGHT
40 TO 60% NORMAL
45 TO 55% TIGHT
RISE AND FALL TIME
(0.4 - 2.4 VDC)
UNDER 9 MHz : ±15 ns MAX
UNDER 9 MHz : ±15 ns MAX
9 MHz TO 32 MHz : ±10 ns MAX
9 MHz TO 32 MHz : ±10 ns MAX
32 MHz TO 80 MHz : ±6 ns MAX
32 MHz TO 80 MHz : ±6 ns MAX
80 MHz TO 125 MHz : ±4 ns MAX
80 MHz TO 125 MHz : ±4 ns MAX
LOGIC "0" LEVEL
+0.5 V MAX, SINK TO 16 mA
+0.5 V MAX, SINK TO 16 mA
LOGIC "1" LEVEL
+2.4 V MIN, SOURCE 0.4 mA
+2.4 V MIN, SOURCE 0.4 mA
LOAD†††
1 TO 10 TTL STANDARD
1 TO 10 TTL STANDARD
SPECIFICATIONS
PART NUMBERING SYSTEM
EXAMPLE: CO1100-20.000-EXT-T, CO13050-32.000-T-TR
VCC
"1" LEVEL
"0" LEVEL
0 VDC
t
T
+2.5 VDC
+1.5 VDC
+0.5 VDC
tf
tr
OUTPUT WAVEFORM
ENVIRONMENTAL
TEMPERATURE CYCLE
MIL-STD 883, METHOD 1010, 10 CYCLES -20° C TO 85° C
SHOCK
MIL-STD-202, METHOD 213, TEST CONDITION C
VIBRATION
MIL-STD-202, METHOD 204, TEST CONDITION A
RESISTANCE TO
SOLDERING HEAT
MIL-STD-202, METHOD 210, TEST CONDITION B
HUMIDITY
85% RELATIVE HUMIDITY AT 85° C 250 HOURS
MECHANICAL
GROSS LEAK TEST
MIL-STD-883, METHOD 1014, TEST CONDITION C
FINE LEAK TEST
MIL-STD-883, METHOD 1014, TEST CONDITION A
TERMINAL STRENGTH
MIL-STD-202, METHOD 211, TEST CONDITION A AND C
MARKING INK
EPOXY, HEAT CURED.
MOISTURE RESISTANCE
MIL-STD 202, METHOD 106, OMIT STEP 7B
SOLDERABILITY
MIL-STD-202, METHOD 208, 95% COVERAGE
SOLVENT RESISTANCE
MIL-STD-202, METHOD 2002, METHOD 215
† FREQUENCYSTABILITYINCLUSIVE OF ROOMTOLERANCE ,
FREQUENCY STABILITY OVER TEMPERATURE, 10% POWER SUPPLY VARIATION, AGING, SHOCK,AND VIBRATION
†† +3.3 VOLTVERSION IS AVAILABLE. CONSULT RALTRON FOR SPECIFICATIONS
††† OUTPUTLOADS ALSOAVAILABLEAT 15 pF, 30 pF AND 50 pF. CONSULT RALTRON FOR SPECIFICATIONS
ENVIRONMENTALAND TECHNICAL CONDITIONS
FEATURES
STANDARD 8 AND 14 PIN DIP PACKAGE
TOLERANCEAND STABILITY TO
± 25 PPM
LOW COST
AVAILABLE IN 3.3 VOLT
FREQUENCY
EXTENDED
TEMPERA TURE
TR
GW
3.3
TA PE A ND REEL*
GULL WING
+3.3 V
OPTIONS
-
EXT
-
T
SY MMETRY
TIGHT SY MMETRY
SERIES
CO1
CO13
(14 PIN DIP)
(8 PIN DIP)
-
±100 PPM
±50 PPM
±25 PPM
100
050
025
FREQUENCY
STABILITY
-
IN MHz
* Available for Gull Wing only


Similar Part No. - CO13050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CO13 ETC-CO13 Datasheet
43Kb / 2P
   THROUGH HOLE CLOCK OSCILLATORS - TTL COMPATIBLE
More results

Similar Description - CO13050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CO1 ETC-CO1 Datasheet
43Kb / 2P
   THROUGH HOLE CLOCK OSCILLATORS - TTL COMPATIBLE
logo
Raltron Electronics Cor...
CO6 RALTRON-CO6 Datasheet
99Kb / 2P
   THROUGH HOLE CLOCK OSCILLATORS-HCMOS COMPATIBLE
logo
Vishay Siliconix
XO-53 VISHAY-XO-53_11 Datasheet
82Kb / 3P
   Full Size Clock Oscillators TTL Compatible
Revision: 08-Mar-11
logo
RSG Electronic Componen...
HO-11 RSG-HO-11 Datasheet
84Kb / 1P
   FULL SIZE CLOCK OSCILLATORS TTL COMPATIBLE
logo
Vishay Siliconix
XO-53 VISHAY-XO-53_07 Datasheet
96Kb / 3P
   Full Size Clock Oscillators TTL Compatible
Revision: 05-Mar-07
logo
RSG Electronic Componen...
HO-21 RSG-HO-21 Datasheet
84Kb / 1P
   HALF SIZE CLOCK OSCILLATORS TTL COMPATIBLE
logo
Vishay Siliconix
XO-53 VISHAY-XO-53 Datasheet
118Kb / 1P
   Full Size Clock Oscillators TTL Compatible
Revision: 17-Jun-05
logo
Raltron Electronics Cor...
CO15 RALTRON-CO15 Datasheet
106Kb / 2P
   THROUGH HOLE CLOCK OSCILLATORS - 3 STATE HCMOS COMPATIBLE
logo
Vishay Siliconix
XO-54 VISHAY-XO-54 Datasheet
81Kb / 1P
   Full Size Clock Oscillators TTL/HCMOS Compatible
Revision: 10-Jun-03
logo
RSG Electronic Componen...
HO-22 RSG-HO-22 Datasheet
85Kb / 1P
   HALF SIZE CLOCK OSCILLATORS TTL/HCMOS COMPATIBLE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com