Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F10 Datasheet(PDF) 1 Page - Raltron Electronics Corporation

Part # F10
Description  SURFACE MOUNT MONOLITHIC CRYSTAL FILTER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

F10 Datasheet(HTML) 1 Page - Raltron Electronics Corporation

  F10 Datasheet HTML 1Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Raltron Electronics Corporation 10651 NW 19th St. Miami, Florida 33172 U.S.A.
Tel: 305-593-6033 Fax: 305-594-3973 e-mail: sales@raltron.com Internet: http://www.raltron.com
FREQUENCY RANGE
20.00 MHz TO 45.00 MHz
PASS BANDWIDTH AT 3dB
± 10 KHz MIN
ATTENUATION BANDWIDTH AT 10dB
± 25 KHz MAX
RIPPLE
0.5 dB MAX
INSERTION LOSS
2.0 dB MAX
GUARANTEED ATTENUATION
AT Fo - 910 KHz 70 dB MIN
TERMINAL IMPEDANCE
SPECIFIC TO PRODUCT MODEL
OPERATING TEMP. RANGE
-20°C TO +70°C
1.5 DIA
.06 DIA
.079
2.0
1.3
3.9
.154
.315
8.0
.051
3.5 ± 0.2
.138 ± 0.2
1.0 ± 0.1
.039 ± 0.1
0.6
.024
1.5
.059
.055
1.4
1.4
.055
1.1
.043
1
2
3
4
1.1 mm MAXIMUM HEIGHT
EXCELLENT STABILITY OVER TEMPERATURE
TAPE AND REEL PACKAGING
SURFACE MOUNT MONOLITHIC CRYSTAL FILTER
FEATURES
SPECIFICATIONS
OUTLINE DRAWING
CARRIER TAPE DIMENSIONS
PREHEATING
REFLOW
COOLING
240 °C
150 °C
25 °C
60
TIME (SECONDS)
200
1 TO 9 °C/s
1 TO 5 °C/s
10 s
1 TO 5 °C/s
SOLDER REFLOW PROFILE
PART NUMBERING SYSTEM
SERIES F10
PACKAGING
SOLDER PATTERN
F10
PIN
FUNCTION
1
GND
2
OUT/IN
3
GND
4
IN/OUT
PINCONNECTION
180 mm REEL DIAMETER,16 mm TAPE WIDTH, 8 mm PITCH
QUANTITY: 1000 PIECES PER REEL
SERIES
-
FREQUENCY
MODE
PASS BANDWIDTH
POLES
F10
IN MHz
F: FUNDAMENTAL
M: THIRD OVERTONE
±10 KHz = 20
A = 2 POLES
EXAMPLE: F10-21.4-T


Similar Part No. - F10

ManufacturerPart #DatasheetDescription
logo
Powerbox
F10 POWERBOX-F10 Datasheet
493Kb / 2P
   10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
logo
RFE international
F10 RFE-F10 Datasheet
91Kb / 1P
   LEADED (THRU-HOLE): High Voltage Fast Recovery & Short Protection Rectifiers
logo
Ohmite Mfg. Co.
F10 OHMITE-F10 Datasheet
360Kb / 3P
   Stackable
logo
XP Power Limited
F10 XPPOWER-F10 Datasheet
622Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
HK TO-GRACE TECHNOLOGY ...
F10 TO-GRACE-F10 Datasheet
1,005Kb / 10P
   1.9mm Round Subminiature Lead LEDs
More results

Similar Description - F10

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
F13 RALTRON-F13 Datasheet
30Kb / 1P
   SURFACE MOUNT MONOLITHIC CRYSTAL FILTER
logo
Abracon Corporation
ASCF45UB ABRACON-ASCF45UB Datasheet
134Kb / 2P
   SURFACE MOUNT CRYSTAL FILTER
4.10.07
ASCF21UB ABRACON-ASCF21UB Datasheet
146Kb / 1P
   SURFACE MOUNT CRYSTAL FILTER
logo
Vectron International, ...
MQF13.0-2500 VECTRON-MQF13.0-2500_06 Datasheet
56Kb / 1P
   Monolithic crystal filter
MQF19.5-1200 VECTRON-MQF19.5-1200_06 Datasheet
57Kb / 1P
   Monolithic crystal filter
MQF20.0-0300 VECTRON-MQF20.0-0300_06 Datasheet
55Kb / 1P
   Monolithic crystal filter
MQF21.4-0750 VECTRON-MQF21.4-0750_06 Datasheet
60Kb / 1P
   Monolithic crystal filter
MQF21.4-1500-01 VECTRON-MQF21.4-1500-01_04 Datasheet
56Kb / 1P
   Monolithic crystal filter
MQF21.4-1500-33 VECTRON-MQF21.4-1500-33_02 Datasheet
63Kb / 1P
   Monolithic crystal filter
MQF21.4-1800-08 VECTRON-MQF21.4-1800-08_05 Datasheet
61Kb / 1P
   Monolithic crystal filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com