Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT6323A Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74HCT6323A
Description  Programmable ripple counter with oscillator; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT6323A Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74HCT6323A Datasheet HTML 7Page - NXP Semiconductors 74HCT6323A Datasheet HTML 8Page - NXP Semiconductors 74HCT6323A Datasheet HTML 9Page - NXP Semiconductors 74HCT6323A Datasheet HTML 10Page - NXP Semiconductors 74HCT6323A Datasheet HTML 11Page - NXP Semiconductors 74HCT6323A Datasheet HTML 12Page - NXP Semiconductors 74HCT6323A Datasheet HTML 13Page - NXP Semiconductors 74HCT6323A Datasheet HTML 14Page - NXP Semiconductors 74HCT6323A Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
September 1993
11
Philips Semiconductors
Product specification
Programmable ripple counter with
oscillator; 3-state
74HC/HCT6323A
Fig.5
Test set-up for measuring forward
transconductance gfs = dio/dvi at
vo is constant (see also Fig.6); MR = HIGH.
handbook, halfpage
MGA645
A
output
100 F
V
CC
input
0.47 F
R
= 560 k
bias
i o
(f = 1 kHz)
GND
v
i
µ
µ
Fig.6
Typical forward transconductance gfs as a
function of the supply voltage Vcc at
Tamb =25 °C.
handbook, halfpage
MBA331
24
20
16
12
8
4
0
012
3456
gfs
(mA/V)
VCC (V)
Fig.7
Waveforms showing the clock (X1) to output (OUT) propagation delays, the clock pulse width,
the output transition times and the maximum clock frequency.
(1) HC : VM = 50%; VI = GND to VCC.
HCT : VM = 1.3 V; VI = GND to 3 V.
handbook, full pagewidth
t PHL
VM
(1)
t THL
t TLH
t W
1/f max
t PLH
OUT OUTPUT
X1 INPUT
MBA318
VM
(1)


Similar Part No. - 74HCT6323A

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT6323A NEXPERIA-74HCT6323A Datasheet
256Kb / 22P
   Programmable ripple counter with oscillator; 3-state
Rev. 4 - 9 July 2018
74HCT6323AD NEXPERIA-74HCT6323AD Datasheet
256Kb / 22P
   Programmable ripple counter with oscillator; 3-state
Rev. 4 - 9 July 2018
More results

Similar Description - 74HCT6323A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC9323A PHILIPS-74HC9323A Datasheet
44Kb / 6P
   Programmable ripple counter with oscillator 3-State
1995 Oct 27
logo
Nexperia B.V. All right...
74HCT6323A NEXPERIA-74HCT6323A Datasheet
256Kb / 22P
   Programmable ripple counter with oscillator; 3-state
Rev. 4 - 9 July 2018
logo
NXP Semiconductors
74HC4060 PHILIPS-74HC4060 Datasheet
90Kb / 12P
   14-stage binary ripple counter with oscillator
December 1990
logo
ON Semiconductor
MC74HC4060A ONSEMI-MC74HC4060A_06 Datasheet
147Kb / 14P
   14?뭆tage Binary Ripple Counter With Oscillator
January, 2006 ??Rev. 5
MC74HC4060A ONSEMI-MC74HC4060A Datasheet
205Kb / 12P
   14-Stage Binary Ripple Counter With Oscillator
March, 2000 ??Rev. 2
MC74HC4060A ONSEMI-MC74HC4060A_16 Datasheet
116Kb / 11P
   14-Stage Binary Ripple Counter With Oscillator
June, 2016 ??Rev. 10
logo
NXP Semiconductors
74HC4060-Q100 NXP-74HC4060-Q100 Datasheet
187Kb / 24P
   14-stage binary ripple counter with oscillator
Rev. 1-2 August 2012
74HC4060 NXP-74HC4060 Datasheet
150Kb / 25P
   14-stage binary ripple counter with oscillator
Rev. 03-14 July 2008
logo
Nexperia B.V. All right...
74HCT4060 NEXPERIA-74HCT4060 Datasheet
317Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 6 - 7 September 2021
74HC4060-Q100 NEXPERIA-74HC4060-Q100 Datasheet
316Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 4 - 8 September 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com