Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBU120-105 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # SBU120-105
Description  120W Open Frame Switching Power Supplies For I.T.E.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

SBU120-105 Datasheet(HTML) 2 Page - DB Lectro Inc

  SBU120-105 Datasheet HTML 1Page - DB Lectro Inc SBU120-105 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Output Voltage And Current Rating Chart (Single Output) :
Output Voltage And Current Rating Chart ( Multi Output ) :
Mechanical Specifications :
Note:
1. Dimensions are shown in inches mm value.
2. Weight: 330~380gs approx.
3. Input connector mates with Molex housing 09-50-3051
and Molex 2878 series crimp terminal.
4. Output connector mates with Molex housing
09-50-3061(or 09-50-3081,09-50-3131)and Molex
2878 series crimp
OUTput # 1
Out
put #2
Output #3
Vonom Iomin Iomax Regmax Vonom
Iomin Iomax Regmax Vonom Iomin Iomax Regmax
Model
Number
SBU120-200
SBU120-201
SBU120-202
SBU120-203
SBU120-204
SBU120-215
SBU120-219
SBU120-300
SBU120-301
SBU120-302
SBU120-303
SBU120-304
SBU120-305
SBU120-306
+3.3V
+3.3V
+28V
+3.3V
+5V
+5V
+5V
+5V
+5V
+3.3V
1.5A
1.5A
1.5A
1.5A
1.5A
1.5A
0.39A
1.5A
1.5A
1.5A
1.5A
1.5A
1.5A
1.5A
15A
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
+12V
+12V
+15V
+24V
+5V
-24V
+5V
+12V
+12V
+12V
+15V
+24V
+24V
+12V
0.6A
0.6A
0.6A
0.35A
0.6A
0.2A
0.2A
0.6A
0.6A
0.6A
0.6A
0.35A
0.35A
0.6A
6A
6A
6A
3.5A
6A
2A
2A
6A
6A
6A
6A
3.5A
6A
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
5%
-12V
-5V
-12V
-15V
-24V
-12V
-5V
0A
0A
0A
0A
0A
0A
0A
0.8A
0.8A
0.8A
0.8A
0.8A
0.8A
0.8A
5%
5%
5%
5%
5%
5%
5%
120W
120W
120W
120W
79.5W
120W
120W
120W
120W
120W
120W
120W
120W
120W
Maximum
OUTput Power
+5V
+5V
+5V
+5V
15A
15A
15A
15A
15A
3.92A
15A
15A
15A
15A
15A
15A
15A
SBU120-300-1 +3.3V
1.5A
5%
+12V
0.6A
6A
5%
+12V
0A
0.8A
5%
120W
15A
SBU120-301-1
SBU120-302-1
SBU120-303-1
SBU120-304-1
SBU120-305-1
+5V
1.5A
5%
+12V
0.6A
6A
5%
+5V
0A
0.8A
5%
120W
15A
+5V
1.5A
5%
+12V
0.6A
6A
5%
+12V
0A
0.8A
5%
120W
15A
+5V
1.5A
5%
+15V
0.6A
6A
5%
+15V
0A
0.8A
5%
120W
15A
+5V
1.5A
5%
+24V
0.35A
3.5A
5%
+24V
0A
0.8A
5%
120W
15A
3.5A
+5V
1.5A
5%
+24V
0.35A
5%
+12V
0A
0.8A
5%
120W
15A
3.5A
SBU120-306-1 +3.3V
1.5A
5%
+12V
0.6A
6A
5%
+5V
0A
0.8A
5%
120W
15A
SBU120-307
+5V
1.5A
5%
+10V
0.6A
6A
5%
-10V
0A
1.0A
5%
120W
15A
SBU120-307-1
+5V
1.5A
5%
+10V
0.6A
6A
5%
+10V
0A
1.0A
5%
120W
15A
SBU120-308
+3.3V
1.5A
5%
+5V
0.6A
6A
5%
-12V
0A
1.0A
5%
91.5W
15A
SBU120-308-1 +3.3V
1.5A
5%
+5V
0.6A
6A
5%
+12V
0A
1.0A
5%
15A
Model Number
OUTputVoltage
OUTput Current
Total Regulation
SBU120-101
3
~
5
VDC
22.00 ~ 20.00 A
5%
100W
SBU120-102
5
~
6
VDC
22.00 ~ 18.33 A
5%
110W
SBU120-103
6
~
9
VDC
19.16 ~ 12.77 A
5%
115W
SBU120-104
9
~ 11
VDC
13.33 ~ 10.90 A
4%
120W
SBU120-105
11
~ 13
VDC
10.90 ~
9.23 A
3%
120W
SBU120-106
13
~ 16
VDC
9.23 ~
7.50 A
3%
120W
SBU120-107
16
~ 21
VDC
7.50 ~
5.71 A
3%
120W
SBU120-108
21
~ 27
VDC
5.71 ~
4.44 A
2%
120W
SBU120-109
27
~ 33
VDC
4.44 ~
3.63 A
2%
120W
SBU120-110
33
~ 40
VDC
3.63 ~
3.00 A
2%
120W
SBU120-111
40
~ 50
VDC
3.00 ~
2.40 A
2%
120W
OUTput Power
Maximum
SBU120 SERIES
120W Open Frame Switching Power Supplies For I.T.E.
91.5W
PIN CHART
MODEL
PIN
SBU120-1XX-6PIN
SBU120-1XX-13PIN OUT OUT
1
2
34
5
6
78
9 10 11 12
13
(Optional)
SBU120-1XX-8PIN
OUT
OUT
OUT OUT OUT
OUT OUT OUT
OUT
RTN
RTN
RTN
RTN
RTN
RTN
RTN
RTN
RTN
RTN RTN RTN
RTN
PFD
PFD
PFD
SBU120-219-6PIN
SBU120-3XX-13PIN
Vo2
Vo2 Vo2
1
2
34
5
6
78
9 10 11 12
13
(Optional)
SBU120-2XX-13PIN
Vo1
Vo1
Vo1 Vo1 Vo1
Vo1 Vo1 Vo1
Vo1 Vo1
COM
COM
COM
PFD
PFD
PFD
Vo2
COM
COM
COM
COM
COM
COM Vo2
Vo3
N/C
COM COM
COM COM
PIN
Note:
Vo1:Output#1
Vo2:Output#2
Vo3:Output#3
OUT OUT
MODEL
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com


Similar Part No. - SBU120-105

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
SBU120-105 VOLGEN-SBU120-105 Datasheet
283Kb / 2P
   120W Open Frame Switching Power Supplies For I.T.E.
More results

Similar Description - SBU120-105

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
SBU120 VOLGEN-SBU120 Datasheet
283Kb / 2P
   120W Open Frame Switching Power Supplies For I.T.E.
logo
Total Power Internation...
TPSBU-120 TOTAL-POWER-TPSBU-120 Datasheet
268Kb / 2P
   120W Open Frame Type I.T.E. Power Supplies
logo
DB Lectro Inc
SBU80 DBLECTRO-SBU80 Datasheet
446Kb / 2P
   80W Open frame Switching Power Supplies For I.T.E.
SBU100 DBLECTRO-SBU100 Datasheet
432Kb / 2P
   100W Open frame Switching Power Supplies For I.T.E.
SBU81 DBLECTRO-SBU81 Datasheet
460Kb / 2P
   80W Open frame Switching Power Supplies For I.T.E.
SBU16A DBLECTRO-SBU16A Datasheet
349Kb / 2P
   15W Open frame Switching Power Supplies For I.T.E.
SBU61 DBLECTRO-SBU61 Datasheet
205Kb / 2P
   63W Open Frame Switching Power Supplies For I.T.E.
SBU60 DBLECTRO-SBU60 Datasheet
205Kb / 2P
   63W Open Frame Switching Power Supplies For I.T.E.
logo
Volgen Kaga Electronics...
SBU60 VOLGEN-SBU60 Datasheet
491Kb / 2P
   63W Open Frame Switching Power Supplies For I.T.E.
logo
DB Lectro Inc
SBU31 DBLECTRO-SBU31 Datasheet
231Kb / 2P
   30W Open frame Switching Power Supplies For I.T.E.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com