Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8201CP-LF Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RTL8201CP-LF
Description  SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RTL8201CP-LF Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RTL8201CP-LF Datasheet HTML 1Page - List of Unclassifed Manufacturers RTL8201CP-LF Datasheet HTML 2Page - List of Unclassifed Manufacturers RTL8201CP-LF Datasheet HTML 3Page - List of Unclassifed Manufacturers RTL8201CP-LF Datasheet HTML 4Page - List of Unclassifed Manufacturers RTL8201CP-LF Datasheet HTML 5Page - List of Unclassifed Manufacturers RTL8201CP-LF Datasheet HTML 6Page - List of Unclassifed Manufacturers RTL8201CP-LF Datasheet HTML 7Page - List of Unclassifed Manufacturers RTL8201CP-LF Datasheet HTML 8Page - List of Unclassifed Manufacturers RTL8201CP-LF Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
RTL8201CP
Datasheet
Single-Chip/Port 10/100 Fast Ethernet PHYceiver
iii
Track ID: JATR-1076-21 Rev. 1.21
Table of Contents
1.
GENERAL DESCRIPTION................................................................................................................................................1
2.
FEATURES...........................................................................................................................................................................1
3.
BLOCK DIAGRAM.............................................................................................................................................................2
4.
PIN ASSIGNMENTS ...........................................................................................................................................................3
5.
PIN DESCRIPTION ............................................................................................................................................................4
5.1.
MII INTERFACE............................................................................................................................................................4
5.2.
SNI (SERIAL NETWORK INTERFACE) 10MBPS ONLY....................................................................................................5
5.3.
CLOCK INTERFACE .......................................................................................................................................................5
5.4.
10MBPS/100MBPS NETWORK INTERFACE....................................................................................................................5
5.5.
DEVICE CONFIGURATION INTERFACE ...........................................................................................................................6
5.6.
LED INTERFACE/PHY ADDRESS CONFIGURATION.......................................................................................................6
5.7.
POWER AND GROUND PINS ..........................................................................................................................................7
5.8.
RESET AND OTHER PINS...............................................................................................................................................7
6.
REGISTER DESCRIPTIONS ............................................................................................................................................8
6.1.
REGISTER 0 BASIC MODE CONTROL REGISTER............................................................................................................8
6.2.
REGISTER 1 BASIC MODE STATUS REGISTER ...............................................................................................................9
6.3.
REGISTER 2 PHY IDENTIFIER REGISTER 1 ...................................................................................................................9
6.4.
REGISTER 3 PHY IDENTIFIER REGISTER 2 ...................................................................................................................9
6.5.
REGISTER 4 AUTO-NEGOTIATION ADVERTISEMENT REGISTER (ANAR) ....................................................................10
6.6.
REGISTER 5 AUTO-NEGOTIATION LINK PARTNER ABILITY REGISTER (ANLPAR)......................................................10
6.7.
REGISTER 6 AUTO-NEGOTIATION EXPANSION REGISTER (ANER) .............................................................................11
6.8.
REGISTER 16 NWAY SETUP REGISTER (NSR) ............................................................................................................12
6.9.
REGISTER 17 LOOPBACK, BYPASS, RECEIVER ERROR MASK REGISTER (LBREMR) ................................................12
6.10.
REGISTER 18 RX_ER COUNTER (REC).....................................................................................................................13
6.11.
REGISTER 19 SNR DISPLAY REGISTER ......................................................................................................................13
6.12.
REGISTER 25 TEST REGISTER.....................................................................................................................................13
7.
FUNCTIONAL DESCRIPTION.......................................................................................................................................14
7.1.
MII AND MANAGEMENT INTERFACE ..........................................................................................................................14
7.1.1.
Data Transition.....................................................................................................................................................14
7.1.2.
Serial Management...............................................................................................................................................15
7.2.
AUTO-NEGOTIATION AND PARALLEL DETECTION ......................................................................................................16
7.2.1.
Setting the Medium Type and Interface Mode to MAC.........................................................................................16
7.2.2.
UTP Mode and MII Interface ...............................................................................................................................16
7.2.3.
UTP Mode and SNI Interface ...............................................................................................................................17
7.2.4.
Fiber Mode and MII Interface..............................................................................................................................17
7.3.
FLOW CONTROL SUPPORT ..........................................................................................................................................17
7.4.
HARDWARE CONFIGURATION AND AUTO-NEGOTIATION ............................................................................................18
7.5.
LED AND PHY ADDRESS CONFIGURATION................................................................................................................19
7.6.
SERIAL NETWORK INTERFACE....................................................................................................................................20
7.7.
POWER DOWN, LINK DOWN, POWER SAVING, AND ISOLATION MODES......................................................................20
7.8.
MEDIA INTERFACE .....................................................................................................................................................20
7.8.1.
100Base-TX ..........................................................................................................................................................20
7.8.2.
100Base-FX Fiber Mode Operation.....................................................................................................................21
7.8.3.
10Base-T TX/RX ...................................................................................................................................................21
7.9.
REPEATER MODE OPERATION.....................................................................................................................................22
7.10.
RESET, AND TRANSMIT BIAS ......................................................................................................................................22
7.11.
3.3V POWER SUPPLY AND VOLTAGE CONVERSION CIRCUIT.......................................................................................22


Similar Part No. - RTL8201CP-LF

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8201CP REALTEK-RTL8201CP Datasheet
438Kb / 37P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
More results

Similar Description - RTL8201CP-LF

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8201CL REALTEK-RTL8201CL Datasheet
597Kb / 39P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
Rev. 1.24 04 November 2005
RTL8201CP REALTEK-RTL8201CP Datasheet
438Kb / 37P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
RTL8201F-VB-CG REALTEK-RTL8201F-VB-CG Datasheet
908Kb / 66P
   SINGLE-CHIP/PORT 10/100M ETHERNET PHYCEIVER
logo
List of Unclassifed Man...
RTL8201BL ETC-RTL8201BL Datasheet
335Kb / 29P
   REALTEK SINGLE CHIP SINGLE PORT 10/100M FAST ETHERNET PHYCEIVER RTL8201BL
logo
Realtek Semiconductor C...
RTL8201DL-GR REALTEK-RTL8201DL-GR_07 Datasheet
616Kb / 41P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR REALTEK-RTL8201N-GR Datasheet
620Kb / 40P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR_07 REALTEK-RTL8201N-GR_07_09 Datasheet
699Kb / 46P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201DL-GR REALTEK-RTL8201DL-GR Datasheet
580Kb / 42P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR REALTEK-RTL8201N-GR_07 Datasheet
616Kb / 39P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
logo
Infineon Technologies A...
ADM7001 INFINEON-ADM7001 Datasheet
5Mb / 90P
   Single Ethernet 10/100M PHY
Data Sheet, Rev. 1.07, Nov. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com