Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC648 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74HC648
Description  Octal bus transceiver/register; 3-state; inverting
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC648 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74HC648 Datasheet HTML 2Page - NXP Semiconductors 74HC648 Datasheet HTML 3Page - NXP Semiconductors 74HC648 Datasheet HTML 4Page - NXP Semiconductors 74HC648 Datasheet HTML 5Page - NXP Semiconductors 74HC648 Datasheet HTML 6Page - NXP Semiconductors 74HC648 Datasheet HTML 7Page - NXP Semiconductors 74HC648 Datasheet HTML 8Page - NXP Semiconductors 74HC648 Datasheet HTML 9Page - NXP Semiconductors 74HC648 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
December 1990
6
Philips Semiconductors
Product specification
Octal bus transceiver/register; 3-state;
inverting
74HC/HCT648
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: bus driver
ICC category: MSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
An, Bn to Bn, An
39
14
11
135
27
23
170
34
29
205
41
35
ns
2.0
4.5
6.0
Fig.6
tPHL/ tPLH
propagation delay
CPAB, CPBA to Bn, An
74
27
22
230
46
39
290
58
49
345
69
59
ns
2.0
4.5
6.0
Fig.7
tPHL/ tPLH
propagation delay
SAB, SBA to Bn, An
55
20
16
190
38
32
240
48
41
285
57
48
ns
2.0
4.5
6.0
Fig.8
tPZH/ tPZL
3-state output enable
time OE to An, Bn
52
19
15
175
35
30
220
44
37
265
53
45
ns
2.0
4.5
6.0
Fig.9
tPHZ/ tPLZ
3-state output disable
time OE to An, Bn
61
22
18
175
35
30
220
44
37
265
53
45
ns
2.0
4.5
6.0
Fig.9
tPZH/ tPZL
3-state output enable
time DIR to An, Bn
52
19
15
175
35
30
220
44
37
265
53
45
ns
2.0
4.5
6.0
Fig.10
tPHZ/ tPLZ
3-state output disable
time DIR to An, Bn
55
20
16
175
35
30
220
44
37
265
53
45
ns
2.0
4.5
6.0
Fig.10
tTHL/ tTLH
output transition time
14
5
4
60
12
10
75
15
13
90
18
15
ns
2.0
4.5
6.0
Fig.6 and Fig.8
tW
clock pulse width
HIGH or LOW
CPAB or CPBA
80
16
14
25
9
7
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.7
tsu
set-up time
An, Bn to CPAB, CPBA
60
12
10
0
0
0
75
15
13
90
18
15
ns
2.0
4.5
6.0
Fig.7
th
hold time
An, Bn to CPAB, CPBA
35
7
6
6
2
2
45
9
8
55
11
9
ns
2.0
4.5
6.0
Fig.7
fmax
maximum clock pulse
frequency
6.0
30
35
22
68
81
4.8
24
28
4.0
20
24
MHz
2.0
4.5
6.0
Fig.7


Similar Part No. - 74HC648

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC640 PHILIPS-74HC640 Datasheet
47Kb / 6P
   Octal bus transceiver; 3-state; inverting
March 1988
74HC640D PHILIPS-74HC640D Datasheet
47Kb / 6P
   Octal bus transceiver; 3-state; inverting
March 1988
74HC640DB PHILIPS-74HC640DB Datasheet
47Kb / 6P
   Octal bus transceiver; 3-state; inverting
March 1988
74HC640N PHILIPS-74HC640N Datasheet
47Kb / 6P
   Octal bus transceiver; 3-state; inverting
March 1988
74HC640PW PHILIPS-74HC640PW Datasheet
47Kb / 6P
   Octal bus transceiver; 3-state; inverting
March 1988
More results

Similar Description - 74HC648

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT648 PHILIPS-74ABT648 Datasheet
120Kb / 14P
   Octal transceiver/register, inverting 3-State
1998 Jun 08
74ABT651 PHILIPS-74ABT651 Datasheet
88Kb / 7P
   Octal transceiver/register, inverting 3-State
1995 Sep 06
74HC640 PHILIPS-74HC640 Datasheet
47Kb / 6P
   Octal bus transceiver; 3-state; inverting
March 1988
logo
IK Semicon Co., Ltd
IN74LV640 IKSEMICON-IN74LV640 Datasheet
257Kb / 5P
   Octal 3-State Inverting Bus Transceiver
logo
Integral Corp.
IN74LV640 INTEGRAL-IN74LV640 Datasheet
44Kb / 5P
   Octal 3-State Inverting Bus Transceiver
IN74LV620 INTEGRAL-IN74LV620 Datasheet
135Kb / 5P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
logo
IK Semicon Co., Ltd
IN74LV620 IKSEMICON-IN74LV620 Datasheet
249Kb / 6P
   OCTAL 3-STATE INVERTING BUS TRANSCEIVER
logo
NXP Semiconductors
74F640 PHILIPS-74F640 Datasheet
85Kb / 11P
   Octal bus transceiver, inverting 3-State
1989 Nov 27
logo
Integral Corp.
IN74AC640 INTEGRAL-IN74AC640 Datasheet
197Kb / 5P
   Octal 3-State Inverting Bus Transceiver
logo
NXP Semiconductors
74ABT652A NXP-74ABT652A Datasheet
113Kb / 19P
   Octal transceiver/register; non-inverting; 3-state
Rev. 02-12 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com