Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2035-15-SM Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 2035-15-SM
Description  Precision Gas Discharge Tube Surge Protector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2035-15-SM Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  2035-15-SM Datasheet HTML 1Page - Bourns Electronic Solutions 2035-15-SM Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
2035-xx-SM Precision Gas Discharge Tube Surge Protector
Features
Leadless, surface mount for economical
assembly
Compact mini-size
High surge current rating
Low capacitance and insertion loss
Stable breakdown throughout life
UL Recognized
RoHS compliant* version available
Insulation Resistance (IR).......................................100 V (50 V for Model 2035-09) ...................................> 1010
Glow Voltage..........................................................10 mA...........................................................................~ 70 V
Arc Voltage.............................................................>1 A..............................................................................~ 10 V
Glow-Arc Transition Current ........................................................................................................................< 0.5 A
Capacitance...........................................................1 MHz...........................................................................< 1 pF
DC Holdover Voltage1 ...........................................>135 V, (52 V for Model 2035-09, ................................< 150 ms
80 V for Model 2035-15)
Impulse Discharge Current ....................................10000 A, 8/20 µs2.........................................................1 operation minimum
5000 A, 8/20 µs............................................................> 10 operations
100 A, 10/1000 µs .......................................................> 300 operations
100 A, 10/700 µs .........................................................> 500 operations
Alternating Discharge Current................................20 Arms, 11 cycles2 .....................................................1 operation minimum
5 Arms, 1 s ...................................................................> 10 operations
Operating Temperature................................................................................................................................-55 to +85 °C
Notes:
UL Recognized component, UL File E153537
Sparkover limits after life ±20 % (-25 %, +30 % for Model 2035-09, 2035-60), IR >108Ω .
1 Network applied.
2 Tube may exceed ±20 % but will continue to protect without venting.
Characteristics
Test Methods per ITU-T (CCITT) K.12, IEEE C62.31
Bourns now offers a surface mount (SM) 2-electrode GDT surge protection device. The industry-leading quality and features of the
Bourns® miniature 2035 Series GDT continue in this new SM version. Compatible with “pick and place” assembly systems, the SM is
ideal for high-density applications such as PCBs for telecommunications, commercial and industrial applications.
Characteristic
Model No.
2035-09
2035-15
2035-20
2035-23
2035-25
2035-30
DC Sparkover ±15 %
(±20 % for Model 2035-09) @ 100 V/s
90 V
150 V
200 V
230 V
250 V
300 V
Impulse Sparkover
100 V/µs
1000 V/µs
350 V
525 V
400 V
550 V
425 V
575 V
450 V
600 V
475 V
625 V
525 V
650 V
Characteristic
Model No.
2035-35
2035-40
2035-42
2035-47
2035-60
DC Sparkover ±15 % @ 100 V/s
(-12 %, +15 % for Model 2035-60) @ 100
V/s
350 V
400 V
420 V
470 V
600 V
Impulse Sparkover
100 V/µs
1000 V/µs
600 V
750 V
650 V
800 V
675 V
850 V
750 V
950 V
950 V
1100 V
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.


Similar Part No. - 2035-15-SM

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2035-15-SM BOURNS-2035-15-SM Datasheet
345Kb / 2P
   Precision Gas Discharge Tube Surge Protector
2035-15-SM-LF BOURNS-2035-15-SM-LF Datasheet
345Kb / 2P
   Precision Gas Discharge Tube Surge Protector
2035-15-SM-RP BOURNS-2035-15-SM-RP Datasheet
345Kb / 2P
   Precision Gas Discharge Tube Surge Protector
2035-15-SM-RP3 BOURNS-2035-15-SM-RP3 Datasheet
345Kb / 2P
   Precision Gas Discharge Tube Surge Protector
2035-15-SM-RP3LF BOURNS-2035-15-SM-RP3LF Datasheet
345Kb / 2P
   Precision Gas Discharge Tube Surge Protector
More results

Similar Description - 2035-15-SM

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2027-07-SM-RPLF BOURNS-2027-07-SM-RPLF Datasheet
280Kb / 3P
   Precision Gas Discharge Tube Surge Protector
2035-XX-SM BOURNS-2035-XX-SM Datasheet
345Kb / 2P
   Precision Gas Discharge Tube Surge Protector
2035-09-SM-RPLF BOURNS-2035-09-SM-RPLF_15 Datasheet
345Kb / 2P
   Precision Gas Discharge Tube Surge Protector
2036-XX-SM BOURNS-2036-XX-SM Datasheet
232Kb / 3P
   Precision Gas Discharge Tube Surge Protector
2036-07-SM BOURNS-2036-07-SM_16 Datasheet
232Kb / 3P
   Precision Gas Discharge Tube Surge Protector
2036-07-SM BOURNS-2036-07-SM Datasheet
234Kb / 2P
   Precision Gas Discharge Tube Surge Protector
2027-XX-SM BOURNS-2027-XX-SM Datasheet
280Kb / 3P
   Precision Gas Discharge Tube Surge Protector
2055-23 BOURNS-2055-23 Datasheet
206Kb / 2P
   Gas Discharge Tube Surge Protector
2003-07 BOURNS-2003-07 Datasheet
429Kb / 3P
   Gas Discharge Tube Surge Protector
2051-09 BOURNS-2051-09_15 Datasheet
241Kb / 2P
   Gas Discharge Tube Surge Protector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com