Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A553-0716-00 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # A553-0716-00
Description  10BASE-TNETWORKCOMPONENTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

A553-0716-00 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  A553-0716-00 Datasheet HTML 1Page - Bel Fuse Inc. A553-0716-00 Datasheet HTML 2Page - Bel Fuse Inc. A553-0716-00 Datasheet HTML 3Page - Bel Fuse Inc. A553-0716-00 Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
defining a degree of excellence
Bel Fuse Inc. 198 Van Vorst Street, Jersey City, NJ 07302 • Tel: 201-432-0463 • Fax: 201-432-9542 • E-Mail: BelFuse@belfuse.com
Website: http://www.belfuse.com
Specifications subject to change without notice.
SCHEMATICS
A553-0716-00
-1.0
140
-18
-40
N/A
N/A
N/A
A
1
A553-5999-64
-1.0
200
-18
-40
N/A
N/A
N/A
A
1
S553-0716-00
-1.0
140
-18
-40
N/A
N/A
N/A
A
2
S553-5999-08
-1.0
110
-15
-40
N/A
-40
-30
B
2
S556-5999-26
-1.0
110
-15
-40
-5 -10-16
-40
-30
C
2
S556-5999-53
-1.0
110
-15
-40
-5 -10-16
-40
-30
C
3
960051B
AB
C
• Designed for use with Level One 10Base-T chipset
LXT901 LXT907, LXT914 or Texas Instruments Quad
PHY (TNETE 2004)
• 1:1 or 1:š2 turns ratio on transmit, 1:1 turns ratio on
receive
10BASE-TNETWORKCOMPONENTS
• Single port components, available with and without
common mode chokes
• Through-hole and surface mount packaging
• Models with additional differential filtering available
• 2000 Vrms isolation
MECHANICALS
1
ELECTRICALS AT 25ºC
Insertion Loss
Return Loss
Crosstalk
Attenuation
CM-CM Rej
(dB) Max
OCL
(dB) Min
(dB) Min
(dB) Min
(dB) Min
Package
Part No.
1-10MHz
(µH) Min
1-10MHz
1MHz-10MHz
25 30 40
10-30MHz 30-100MHz
Schematic
Style


Similar Part No. - A553-0716-00

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
A553-0716-00 BEL-A553-0716-00 Datasheet
67Kb / 4P
   10BASE-T LAN MAGNETICS
A553-0716-00 BEL-A553-0716-00_1 Datasheet
67Kb / 4P
   10BASE-T LAN MAGNETICS
More results

Similar Description - A553-0716-00

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S553-5841-03 BEL-S553-5841-03 Datasheet
340Kb / 2P
   10BASE-TNETWORKCOMPONENTS
S553-5999-18 BEL-S553-5999-18 Datasheet
537Kb / 4P
   10BASE-TNETWORKCOMPONENTS
0556-2006-A5 BEL-0556-2006-A5 Datasheet
453Kb / 4P
   10BASE-TNETWORKCOMPONENTS
S553-5999-28 BEL-S553-5999-28 Datasheet
628Kb / 4P
   10BASE-TNETWORKCOMPONENTS
S556-5999-29 BEL-S556-5999-29 Datasheet
246Kb / 2P
   10BASE-TNETWORKCOMPONENTS
A553-5999-00 BEL-A553-5999-00 Datasheet
306Kb / 2P
   10BASE-TNETWORKCOMPONENTS
S553-2940-08 BEL-S553-2940-08 Datasheet
531Kb / 2P
   10BASE-TNETWORKCOMPONENTS
S553-5841-22 BEL-S553-5841-22 Datasheet
548Kb / 2P
   10BASE-TNETWORKCOMPONENTS
S553-5999-52 BEL-S553-5999-52 Datasheet
245Kb / 2P
   10BASE-TNETWORKCOMPONENTS
S553-2940-01 BEL-S553-2940-01 Datasheet
558Kb / 2P
   10BASE-TNETWORKCOMPONENTS
S553-2940-05 BEL-S553-2940-05 Datasheet
531Kb / 2P
   10BASE-TNETWORKCOMPONENTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com