Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S553-5999-03 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # S553-5999-03
Description  10BASE-TNETWORKCOMPONENTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S553-5999-03 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  S553-5999-03 Datasheet HTML 1Page - Bel Fuse Inc. S553-5999-03 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
defining a degree of excellence
Bel Fuse Inc. 198 Van Vorst Street, Jersey City, NJ 07302 • Tel: 201-432-0463 • Fax: 201-432-9542 • E-Mail: BelFuse@belfuse.com
Website: http://www.belfuse.com
Specifications subject to change without notice.
SCHEMATIC
A553-5999-00
1:1
-1.0
150
-18
-40
1
A553-5999-01
1:š2
-1.0
150
-18
-40
1
S553-5999-02
1:1
-1.0
150
-18
-40
2
S553-5999-03
1:š2
-1.0
150
-18
-40
2
960052A
MECHANICALS
• Designed for use with Level One LXT914 multi-port
10Base-T repeater PHY transceiver
• Quad, 4-port transmit or receive in one through-hole or
surface mount package
10BASE-TNETWORKCOMPONENTS
• Complies with IEEE 802.3 10Base-T specifications
• 2000 Vrms isolation
12
ELECTRICALS AT 25ºC
Turns
Insertion Loss
OCL
Return Loss
Crosstalk
Ratio
(dB) Max
µH
(dB) Min
(dB) Min
Package
Part No.
(all xfmrs)
1-10MHz
+/-30%
1MHz-10MHz
1MHz-10MHz
Style


Similar Part No. - S553-5999-03

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S553-5999-08 BEL-S553-5999-08 Datasheet
411Kb / 4P
   10BASE-TNETWORKCOMPONENTS
S553-5999-08 BEL-S553-5999-08 Datasheet
67Kb / 4P
   10BASE-T LAN MAGNETICS
More results

Similar Description - S553-5999-03

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S553-5841-03 BEL-S553-5841-03 Datasheet
340Kb / 2P
   10BASE-TNETWORKCOMPONENTS
S553-5999-18 BEL-S553-5999-18 Datasheet
537Kb / 4P
   10BASE-TNETWORKCOMPONENTS
0556-2006-A5 BEL-0556-2006-A5 Datasheet
453Kb / 4P
   10BASE-TNETWORKCOMPONENTS
S553-5999-28 BEL-S553-5999-28 Datasheet
628Kb / 4P
   10BASE-TNETWORKCOMPONENTS
S556-5999-29 BEL-S556-5999-29 Datasheet
246Kb / 2P
   10BASE-TNETWORKCOMPONENTS
S553-2940-08 BEL-S553-2940-08 Datasheet
531Kb / 2P
   10BASE-TNETWORKCOMPONENTS
S553-5841-22 BEL-S553-5841-22 Datasheet
548Kb / 2P
   10BASE-TNETWORKCOMPONENTS
S553-5999-52 BEL-S553-5999-52 Datasheet
245Kb / 2P
   10BASE-TNETWORKCOMPONENTS
S553-2940-01 BEL-S553-2940-01 Datasheet
558Kb / 2P
   10BASE-TNETWORKCOMPONENTS
S553-2940-05 BEL-S553-2940-05 Datasheet
531Kb / 2P
   10BASE-TNETWORKCOMPONENTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com