Electronic Components Datasheet Search |
|
ADSP-2186N Datasheet(PDF) 3 Page - Analog Devices |
|
ADSP-2186N Datasheet(HTML) 3 Page - Analog Devices |
3 / 45 page –3– REV. 0 ADSP-218xN Series The EZ-KIT Lite includes the following features: • 75 MHz ADSP-2189M • Full 16-Bit Stereo Audio I/O with AD73322 Codec • RS-232 Interface • EZ-ICE Connector for Emulator Control • DSP Demonstration Programs • Evaluation Suite of VisualDSP++ The ADSP-218x EZ-ICE® Emulator provides an easier and more cost-effective method for engineers to develop and optimize DSP systems, shortening product development cycles for faster time-to-market. ADSP-218xN series members integrate on-chip emulation support with a 14-pin ICE-Port interface. This interface provides a simpler target board connection that requires fewer mechanical clearance considerations than other ADSP-2100 Family EZ-ICEs. ADSP-218xN series members need not be removed from the target system when using the EZ-ICE, nor are any adapt- ers needed. Due to the small footprint of the EZ-ICE con- nector, emulation can be supported in final board designs.The EZ-ICE performs a full range of functions, including: •In-target operation • Up to 20 breakpoints • Single-step or full-speed operation • Registers and memory values can be examined and altered • PC upload and download functions • Instruction-level emulation of program booting and execution • Complete assembly and disassembly of instructions • C source-level debugging Additional Information This data sheet provides a general overview of ADSP- 218xN series functionality. For additional information on the architecture and instruction set of the processor, refer to the ADSP-218x DSP Hardware Reference and the ADSP- 218x DSP Instruction Set Reference. ARCHITECTURE OVERVIEW The ADSP-218xN series instruction set provides flexible data moves and multifunction (one or two data moves with a computation) instructions. Every instruction can be exe- cuted in a single processor cycle. The ADSP-218xN assem- bly language uses an algebraic syntax for ease of coding and readability. A comprehensive set of development tools sup- ports program development. The functional block diagram is an overall block diagram of the ADSP-218xN series. The processor contains three in- dependent computational units: the ALU, the multiplier/ accumulator (MAC), and the shifter. The computational units process 16-bit data directly and have provisions to support multiprecision computations. The ALU performs a standard set of arithmetic and logic operations; division primitives are also supported. The MAC performs single- cycle multiply, multiply/add, and multiply/subtract opera- tions with 40 bits of accumulation. The shifter performs logical and arithmetic shifts, normalization, denormaliza- tion, and derive exponent operations. The shifter can be used to efficiently implement numeric format control, including multiword and block floating- point representations. The internal result (R) bus connects the computational units so that the output of any unit may be the input of any unit on the next cycle. A powerful program sequencer and two dedicated data address generators ensure efficient delivery of operands to these computational units. The sequencer supports condi- tional jumps, subroutine calls, and returns in a single cycle. With internal loop counters and loop stacks, ADSP-218xN series members execute looped code with zero overhead; no explicit jump instructions are required to maintain loops. Two data address generators (DAGs) provide addresses for simultaneous dual operand fetches (from data memory and program memory). Each DAG maintains and updates four address pointers. Whenever the pointer is used to access data (indirect addressing), it is post-modified by the value of one of four possible modify registers. A length value may be associated with each pointer to implement automatic modulo addressing for circular buffers. Five internal buses provide efficient data transfer: • Program Memory Address (PMA) Bus • Program Memory Data (PMD) Bus • Data Memory Address (DMA) Bus • Data Memory Data (DMD) Bus • Result (R) Bus The two address buses (PMA and DMA) share a single external address bus, allowing memory to be expanded off- chip, and the two data buses (PMD and DMD) share a single external data bus. Byte memory space and I/O memory space also share the external buses. Program memory can store both instructions and data, per- mitting ADSP-218xN series members to fetch two oper- ands in a single cycle, one from program memory and one from data memory. ADSP-218xN series members can fetch an operand from program memory and the next instruction in the same cycle. In lieu of the address and data bus for external memory connection, ADSP-218xN series members may be config- ured for 16-bit Internal DMA port (IDMA port) connec- tion to external systems. The IDMA port is made up of 16 EZ-ICE is a registered trademark of Analog Devices, Inc. |
Similar Part No. - ADSP-2186N |
|
Similar Description - ADSP-2186N |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |