Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-2188N Datasheet(PDF) 5 Page - Analog Devices

Part # ADSP-2188N
Description  DSP Microcomputer
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2188N Datasheet(HTML) 5 Page - Analog Devices

  ADSP-2188N Datasheet HTML 1Page - Analog Devices ADSP-2188N Datasheet HTML 2Page - Analog Devices ADSP-2188N Datasheet HTML 3Page - Analog Devices ADSP-2188N Datasheet HTML 4Page - Analog Devices ADSP-2188N Datasheet HTML 5Page - Analog Devices ADSP-2188N Datasheet HTML 6Page - Analog Devices ADSP-2188N Datasheet HTML 7Page - Analog Devices ADSP-2188N Datasheet HTML 8Page - Analog Devices ADSP-2188N Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
–5–
REV. 0
ADSP-218xN Series
Table 2. Common-Mode Pins
Pin Name
# of Pins
I/O
Function
RESET
1
I
Processor Reset Input
BR
1I
Bus Request Input
BG
1
O
Bus Grant Output
BGH
1
O
Bus Grant Hung Output
DMS
1
O
Data Memory Select Output
PMS
1O
Program Memory Select Output
IOMS
1O
Memory Select Output
BMS
1
O
Byte Memory Select Output
CMS
1
O
Combined Memory Select Output
RD
1
O
Memory Read Enable Output
WR
1
O
Memory Write Enable Output
IRQ2
1
I
Edge- or Level-Sensitive Interrupt Request1
PF7
I/O
Programmable I/O pin
IRQL1
1
I
Level-Sensitive Interrupt Requests
1
PF6
I/O
Programmable I/O Pin
IRQL0
1
I
Level-Sensitive Interrupt Requests
1
PF5
I/O
Programmable I/O Pin
IRQE
1
I
Edge-Sensitive Interrupt Requests
1
PF4
I/O
Programmable I/O Pin
Mode D
1
I
Mode Select Input—Checked Only During RESET
PF3
I/O
Programmable I/O Pin During Normal Operation
Mode C
1
I
Mode Select Input—Checked Only During RESET
PF2
I/O
Programmable I/O Pin During Normal Operation
Mode B
1
I
Mode Select Input—Checked Only During RESET
PF1
I/O
Programmable I/O Pin During Normal Operation
Mode A
1
I
Mode Select Input—Checked Only During RESET
PF0
I/O
Programmable I/O Pin During Normal Operation
CLKIN
1
I
Clock Input
XTAL
1
O
Quartz Crystal Output
CLKOUT
1
O
Processor Clock Output
SPORT0
5
I/O
Serial Port I/O Pins
SPORT1
5
I/O
Serial Port I/O Pins
IRQ1 – 0, FI, FO
Edge- or Level-Sensitive Interrupts, FI, FO2
PWD
1
I
Power-Down Control Input
PWDACK
1
O
Power-Down Acknowledge Control Output
FL0, FL1, FL2
3
O
Output Flags
V
DDINT
2I
Internal V
DD (1.8 V) Power (LQFP)
V
DDEXT
4I
External V
DD (1.8 V, 2.5 V, or 3.3 V) Power (LQFP)
GND
10
I
Ground (LQFP)
V
DDINT
4I
Internal V
DD (1.8 V) Power (Mini-BGA)
V
DDEXT
7I
External V
DD (1.8 V, 2.5 V, or 3.3 V) Power (Mini-
BGA)
GND
20
I
Ground (Mini-BGA)
EZ-Port
9
I/O
For Emulation Use
1Interrupt/Flag pins retain both functions concurrently. If IMASK is set to enable the corresponding interrupts, the DSP will
vector to the appropriate interrupt vector address when the pin is asserted, either by external devices or set as a programmable
flag.
2SPORT configuration determined by the DSP System Control Register. Software configurable.


Similar Part No. - ADSP-2188N

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2188N AD-ADSP-2188N Datasheet
1Mb / 48P
   DSP Microcomputer
REV. A
ADSP-2188NBCA-320 AD-ADSP-2188NBCA-320 Datasheet
1Mb / 48P
   DSP Microcomputer
REV. A
ADSP-2188NBCA-320 AD-ADSP-2188NBCA-320 Datasheet
1Mb / 48P
   DSP Microcomputer
REV. A
ADSP-2188NBCA-320 AD-ADSP-2188NBCA-320 Datasheet
1Mb / 48P
   DSP Microcomputer
REV. A
ADSP-2188NBST-320 AD-ADSP-2188NBST-320 Datasheet
1Mb / 48P
   DSP Microcomputer
REV. A
More results

Similar Description - ADSP-2188N

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com