Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD0402-T3.3C Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # CD0402-T3.3C
Description  CD0402-TxxC - TVS Diode Array Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD0402-T3.3C Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  CD0402-T3.3C Datasheet HTML 1Page - Bourns Electronic Solutions CD0402-T3.3C Datasheet HTML 2Page - Bourns Electronic Solutions CD0402-T3.3C Datasheet HTML 3Page - Bourns Electronic Solutions CD0402-T3.3C Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CD0402-TxxC – TVS Diode Array Series
Performance Graphs
Peak Pulse Power vs Pulse Time
Pulse Wave Form
20
40
60
80
100
120
0
030
25
20
15
10
5
t – Time (µs)
Test Waveform Parameters
tt = 8 µs
td = 20 µs
tt
et
td = t
|IPP/2
Overshoot & Clamping Voltage
-5
5
15
25
35
-90.000 ns
110.000
10.000 ns
ESD Test Pulse - 25 kilovolt, 1/30 ns (waveshape)
Power Derating Curve
0
20
40
60
80
100
0
255075
100
125
150
TL – Lead Temperature (°C)
Average Power
Peak Pulse Power
8/20 µs
10,000
1,000
100
10
1
0.01
10
100
10,000
1,000
td – Pulse Duration (µs)
250 W, 8/20 µs Waveform
Typical Clamping Voltage vs. Peak Pulse Current
0
2
4
6
8
10
12
14
020
510
15
IPP – Peak Pulse Current - Amps


Similar Part No. - CD0402-T3.3C

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CD0402-T3.3LC BOURNS-CD0402-T3.3LC Datasheet
329Kb / 4P
   CD0402-TxxLC - TVS Diode Array Series
More results

Similar Description - CD0402-T3.3C

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CD0402-T3.3LC BOURNS-CD0402-T3.3LC Datasheet
329Kb / 4P
   CD0402-TxxLC - TVS Diode Array Series
CDSOD323-T03C BOURNS-CDSOD323-T03C Datasheet
322Kb / 4P
   CDSOD323-TxxC - TVS Diode Array Series
CDSOD323-TXXC BOURNS-CDSOD323-TXXC Datasheet
192Kb / 5P
   CDSOD323-TxxC - TVS Diode Array Series
REV. 09/19
CDDFN2-T50C BOURNS-CDDFN2-T50C Datasheet
263Kb / 4P
   CDDFN2 TxxC Series Surface Mount TVS Diode
CDDFN2-T12C BOURNS-CDDFN2-T12C Datasheet
268Kb / 4P
   CDDFN2-TxxC Series - Surface Mount TVS Diode
CDDFN2-T24C BOURNS-CDDFN2-T24C Datasheet
263Kb / 4P
   CDDFN2-TxxC Series - Surface Mount TVS Diode
CDSOT23-T03-Q BOURNS-CDSOT23-T03-Q Datasheet
932Kb / 5P
   TVS Diode Array Series
CDSOD323-T05C BOURNS-CDSOD323-T05C_13 Datasheet
255Kb / 4P
   TVS Diode Array Series
CDS0T23-T03C BOURNS-CDS0T23-T03C Datasheet
266Kb / 4P
   TVS Diode Array Series
CDSOT23-T03C BOURNS-CDSOT23-T03C_12 Datasheet
266Kb / 4P
   TVS Diode Array Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com