Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC670N Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HC670N
Description  4 x 4 register file; 3-state
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC670N Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC670N Datasheet HTML 1Page - NXP Semiconductors 74HC670N Datasheet HTML 2Page - NXP Semiconductors 74HC670N Datasheet HTML 3Page - NXP Semiconductors 74HC670N Datasheet HTML 4Page - NXP Semiconductors 74HC670N Datasheet HTML 5Page - NXP Semiconductors 74HC670N Datasheet HTML 6Page - NXP Semiconductors 74HC670N Datasheet HTML 7Page - NXP Semiconductors 74HC670N Datasheet HTML 8Page - NXP Semiconductors 74HC670N Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
December 1990
3
Philips Semiconductors
Product specification
4 x 4 register file; 3-state
74HC/HCT670
PIN DESCRIPTION
PIN NO.
SYMBOL
NAME AND FUNCTION
5, 4
RA, RB
read address inputs
8
GND
ground (0 V)
10, 9, 7, 6
Q0 to Q3
data outputs
11
RE
3-state output read enable input (active LOW)
12
WE
write enable input (active LOW)
14, 13
WA, WB
write address inputs
15, 1, 2, 3
D0 to D3
data inputs
16
VCC
positive supply voltage
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.
Fig.4 Functional diagram.
WRITE MODE SELECT TABLE
Note
1. The write address (WA and WB) to the
“internal latches” must be stable while WE is
LOW for conventional operation.
OPERATING
MODE
INPUTS
INTERNAL
LATCHES(1)
WE
Dn
write data
L
L
L
H
L
H
data latched
H
X
no change
READ MODE SELECT TABLE
Notes
1. The selection of the “internal latches” by read address
(RA and RB) are not constrained by WE or RE operation.
H = HIGH voltage level
L = LOW voltage level
X = don’t care
Z = high impedance OFF-state
OPERATING
MODE
INPUTS
OUTPUT
RE
INTERNAL LATCHES(1)
Qn
read
L
L
L
H
L
H
disabled
H
X
Z


Similar Part No. - 74HC670N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC670DB PHILIPS-74HC670DB Datasheet
83Kb / 9P
   4 x 4 register file 3-state
December 1990
More results

Similar Description - 74HC670N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC670DB PHILIPS-74HC670DB Datasheet
83Kb / 9P
   4 x 4 register file 3-state
December 1990
74F670 PHILIPS-74F670 Datasheet
97Kb / 12P
   4 x 4 register file 3-State
1990 Jul 12
logo
Motorola, Inc
SN54LS670 MOTOROLA-SN54LS670 Datasheet
202Kb / 6P
   4 x 4 REGISTER FILE WITH 3-STATE OUTPUTS
logo
STMicroelectronics
M74HC670 STMICROELECTRONICS-M74HC670 Datasheet
482Kb / 11P
   4 WORD x 4 BIT REGISTER FILE (3 STATE)
logo
Hitachi Semiconductor
HD74AC670 HITACHI-HD74AC670 Datasheet
62Kb / 10P
   4 x 4 Register File with 3-State Output
logo
STMicroelectronics
M54HC670 STMICROELECTRONICS-M54HC670 Datasheet
264Kb / 12P
   4 WORD X 4 BIT REGISTER FILE 3 STATE
logo
Fairchild Semiconductor
DM74LS670 FAIRCHILD-DM74LS670 Datasheet
65Kb / 6P
   3-STATE 4-by-4 Register File
logo
Toshiba Semiconductor
TC74HC670AP TOSHIBA-TC74HC670AP Datasheet
289Kb / 7P
   4 WORDx4 BIT REGISTER FILE(3-STATE)
logo
Hitachi Semiconductor
HD74HC670 HITACHI-HD74HC670 Datasheet
56Kb / 10P
   4-by-4 Register File (with 3-state outputs)
logo
Motorola, Inc
SN54LS170 MOTOROLA-SN54LS170 Datasheet
107Kb / 4P
   4 x 4 REGISTER FILE OPEN-COLLECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com