Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RNP100S Datasheet(PDF) 2 Page - DB Lectro Inc

Part # RNP100S
Description  TO247 140W HIGH POWER RESISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

RNP100S Datasheet(HTML) 2 Page - DB Lectro Inc

  RNP100S Datasheet HTML 1Page - DB Lectro Inc RNP100S Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POWER SOLUTION -
DBL
140W HIGH POWER RESISTORS
RNP100S
Ordering Information
P/N
Type
TCR
Resistance
Tolerance
Code/Notes
RNP100SA1R2F000
RNP100S
A(100ppm/C)
1R2
F(1%)
(1.2ohm,100ppm, 1%)
RNP100SA1R2FZ00
RNP100S
A(100ppm/C)
1R2
F(1%)
(1.2ohm, 1%, Lead-free)
RNP100SC100F000
RNP100S
C(50ppm/C)
100
F(1%)
(10ohm, 100ppm, 1%)
RNP100SC100FZ00
RNP100S
C(50ppm/C)
100
F(1%)
(10ohm, 1%, Lead-free)
20050212
Temperature Rise
Resistor surface temperature rise based on flange (C)
140
RNP100SA 1R5 J
120
100
80
60
40
20
0
0
25
50
75
100
125
150
Power (Watts)
Derating Curve
Rating Power(W)
150
+25C
125
100
75
50
25
+155C
0
-50
0
50
100
150
200
Flange Temperature (C)
Pulse Energy Durability
Pulse Peak Watt (Watts)
100K
RNP100S A 0R2 J to RNP100S C 100 F
10K
1K
100
100n
1u
10u
100u
1m
10m
Pulse Width (seconds)
Frequency Characteristics
Impedance (Ohms)
1k
RNP100S C 101 F
100
RNP100S A 100 F
10
1
10k
100k
1M
10M
100M
1G
Frequency (Hz)
Design for heat release
Recommendation
(1) Flat surface heat sink, thermal compound and
sufficient mount screw torque will be necessary
for well heat transfer.
(2) In rush current protection application as
charge current limitation resistor, sufficient power
derating will be necessary.
Lead Free
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com


Similar Part No. - RNP100S

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
RNP10SA0R1J000 DBLECTRO-RNP10SA0R1J000 Datasheet
202Kb / 2P
   TO126 20W HIGH POWER RESISTORS
RNP10SC101F010 DBLECTRO-RNP10SC101F010 Datasheet
202Kb / 2P
   TO126 20W HIGH POWER RESISTORS
RNP10SC101FZ10 DBLECTRO-RNP10SC101FZ10 Datasheet
202Kb / 2P
   TO126 20W HIGH POWER RESISTORS
RNP10SC500F000 DBLECTRO-RNP10SC500F000 Datasheet
202Kb / 2P
   TO126 20W HIGH POWER RESISTORS
RNP10SC500FZ00 DBLECTRO-RNP10SC500FZ00 Datasheet
202Kb / 2P
   TO126 20W HIGH POWER RESISTORS
More results

Similar Description - RNP100S

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
RNP50S DBLECTRO-RNP50S Datasheet
282Kb / 2P
   TO247 100W HIGH POWER RESISTORS
logo
Bi technologies
MHP140 BITECH-MHP140 Datasheet
909Kb / 2P
   140W TO-247 HIGH POWER RESISTORS
logo
Mospec Semiconductor
2N5038 MOSPEC-2N5038 Datasheet
89Kb / 2P
   POWER TRANSISTORS(20A,140W)
logo
American Accurate Compo...
RHP-10X-R02JYT AAC-RHP-10X-R02JYT Datasheet
301Kb / 8P
   HIGH POWER RESISTOR - 20W to 140W
logo
STMicroelectronics
STA5100 STMICROELECTRONICS-STA5100 Datasheet
146Kb / 14P
   140W MONO BASH POWER AMPLIFIER
logo
Mospec Semiconductor
2N5671 MOSPEC-2N5671 Datasheet
125Kb / 3P
   POWER TRANSISTORS(30A,140W)
logo
Ningbo Leison Motor Co....
LS-6IK140-6GU NINGBO-LS-6IK140-6GU Datasheet
937Kb / 1P
   Induction Motor 140W
logo
ETA-USA
MTE140-SX-F-W6 ETA-USA-MTE140-SX-F-W6 Datasheet
2Mb / 5P
   140W Medical Approvals
logo
RCD COMPONENTS INC.
HDP220P-R010JB RCD-HDP220P-R010JB Datasheet
84Kb / 1P
   POWER THICK FILM ON STEEL RESISTORS TO126, TO220, and TO247, 25 to 100 WATT
logo
Tyco Electronics
SQPW201R0F MACOM-SQPW201R0F Datasheet
255Kb / 3P
   High Power Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com