Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDNBS08-SLVU2.8-8 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # CDNBS08-SLVU2.8-8
Description  CDNBS08-SLVU2.8-8 - Low Capacitance TVS Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CDNBS08-SLVU2.8-8 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  CDNBS08-SLVU2.8-8 Datasheet HTML 1Page - Bourns Electronic Solutions CDNBS08-SLVU2.8-8 Datasheet HTML 2Page - Bourns Electronic Solutions CDNBS08-SLVU2.8-8 Datasheet HTML 3Page - Bourns Electronic Solutions CDNBS08-SLVU2.8-8 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CDNBS08-SLVU2.8-8 – Low Capacitance TVS Array
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Packaging
The surface mount product is packaged in a 8 mm x 4 mm Tape and Reel format per EIA-481 standard.
2.0 ± 0.05
(.08 ± .002)
0.3 ± 0.05
(.01 ± .002)
9.0 ± 0.1
(.354 ± .004)
6.4 ± 0.1
(.252 ± .004)
1.75 ± 0.1
(.07 ± .004)
5.5 ± 0.3
(.22 ± .01)
12.0 ± 0.3
(.47 ± .01)
2.1 ± 0.1
(.083 ± .004)
ORIENTATION
OF COMPONENT
IN POCKET
BACKSIDE FACING UP
TOP SIDE VIEW
(INTO COMPONENT POCKET)
0.3
(0.01)
4.0 ± 0.1
(.16 ± .004)
8.0 ± 0.3
(.31 ± .01)
0.25
(0.010)
TYP.
R
1.5 ± 0.1/-0
(.06 ± .004/-0)
DIA.
MAX.
R
Block Diagram
8765
1234
Device Pinout
Bidirectional
Bidirectional
Differential
Pin
Common Mode
Mode
1
Line 1
Line Pair 1
2
GND
Line Pair 1
3
GND
Line Pair 2
4
Line 4
Line Pair 2
5
Line 3
Line Pair 4
6
GND
Line Pair 4
7
GND
Line Pair 3
8
Line 2
Line Pair 3


Similar Part No. - CDNBS08-SLVU2.8-8

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CDNBS08-SLVU2.8-8 BOURNS-CDNBS08-SLVU2.8-8 Datasheet
343Kb / 4P
   Low Capacitance TVS Array
CDNBS08-SLVU2.8-8 BOURNS-CDNBS08-SLVU2.8-8_12 Datasheet
343Kb / 4P
   Low Capacitance TVS Array
More results

Similar Description - CDNBS08-SLVU2.8-8

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CDNBS08-SLVU2.8-4 BOURNS-CDNBS08-SLVU2.8-4 Datasheet
330Kb / 4P
   CDNBS08-SLVU2.8-4 - Low Capacitance TVS Array
logo
Littelfuse
SLVU2-8-8 LITTELFUSE-SLVU2-8-8 Datasheet
968Kb / 4P
   SLVU2.8-8 Series 2.8V 30A TVS Array
logo
Diodes Incorporated
D3V3X8U9LP3810 DIODES-D3V3X8U9LP3810 Datasheet
396Kb / 5P
   8 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
DT1240A-08LP3810 DIODES-DT1240A-08LP3810 Datasheet
326Kb / 5P
   8 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
D3V3F8U9LP3810 DIODES-D3V3F8U9LP3810 Datasheet
396Kb / 5P
   8 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
DT1240-08LP3810 DIODES-DT1240-08LP3810 Datasheet
374Kb / 5P
   8 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
logo
List of Unclassifed Man...
PCL01-6 ETC-PCL01-6 Datasheet
142Kb / 4P
   LOW CAPACITANCE TVS ARRAY
logo
Bruckewell Technology L...
ES0542 BWTECH-ES0542 Datasheet
420Kb / 4P
   Low Capacitance TVS Array
logo
Protek Devices
RSB6.8G PROTEC-RSB6.8G Datasheet
59Kb / 4P
   LOW CAPACITANCE TVS ARRAY
VSMF05LC PROTEC-VSMF05LC Datasheet
67Kb / 4P
   LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com