Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDNBS16-T08C Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # CDNBS16-T08C
Description  CDNBS16-T03~T36C - TVS Diode Array Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CDNBS16-T08C Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  CDNBS16-T08C Datasheet HTML 1Page - Bourns Electronic Solutions CDNBS16-T08C Datasheet HTML 2Page - Bourns Electronic Solutions CDNBS16-T08C Datasheet HTML 3Page - Bourns Electronic Solutions CDNBS16-T08C Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CDNBS16-T03~T36C – TVS Diode Array Series
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Performance Graphs
Peak Pulse Power vs Pulse Time
10,000
1,000
100
10
1
0.1
10
100
10,000
1,000
td – Pulse Duration (µs)
500 W, 8/20 µs Waveform
Pulse Wave Form
20
40
60
80
100
120
0
030
25
20
15
10
5
t – Time (µs)
Test Waveform Parameters
tt = 8 µs
td = 20 µs
tt
et
td = t
|IPP/2
Power Derating Curve
0
20
40
60
80
100
0
25
50
75
100
125
150
TL – Lead Temperature (°C)
Average Power
Peak Pulse Power
8/20 µs
Block Diagram
Device Pinout
Pin
Function
Pin
Function
1
GND
9
I/O 1
2
GND
10
I/O 2
3
GND
11
I/O 3
4
GND
12
I/O 4
5
GND
13
I/O 5
6
GND
14
I/O 6
7
GND
15
I/O 7
8
GND
16
I/O 8
The device block diagrams below include the pin names and basic
electrical connections associated with each channel.
16
15
14
13
UNIDIRECTIONAL
12
11
10
9
1
2
3
4
5
6
7
8
16
15
14
13
BIDIRECTIONAL
12
11
10
9
1
2
3
4
5
6
7
8


Similar Part No. - CDNBS16-T08C

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CDNBS16-T03C BOURNS-CDNBS16-T03C Datasheet
466Kb / 4P
   TVS Diode Array Series
CDNBS16-T03C BOURNS-CDNBS16-T03C_11 Datasheet
466Kb / 4P
   TVS Diode Array Series
More results

Similar Description - CDNBS16-T08C

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CDSOT23-T03 BOURNS-CDSOT23-T03 Datasheet
302Kb / 4P
   CDSOT23-T03~T36C - TVS Diode Array Series
CDNBS08-T03 BOURNS-CDNBS08-T03 Datasheet
335Kb / 4P
   CDNBS08-T03~T36C - TVS Diode Array Series
CDSOT23-TXXC-Q BOURNS-CDSOT23-TXXC-Q Datasheet
172Kb / 5P
   CDSOT23-T03-Q~T15C-Q - TVS Diode Array Series
REV. 02/22
CDSOT23-T03-Q BOURNS-CDSOT23-T03-Q Datasheet
932Kb / 5P
   TVS Diode Array Series
CDSOD323-T05C BOURNS-CDSOD323-T05C_13 Datasheet
255Kb / 4P
   TVS Diode Array Series
CDS0T23-T03C BOURNS-CDS0T23-T03C Datasheet
266Kb / 4P
   TVS Diode Array Series
CDSOT23-T03C BOURNS-CDSOT23-T03C_12 Datasheet
266Kb / 4P
   TVS Diode Array Series
CDSOT236-DSL0312 BOURNS-CDSOT236-DSL0312 Datasheet
514Kb / 6P
   TVS Diode Array Series
CDNBS08-T03C BOURNS-CDNBS08-T03C_12 Datasheet
333Kb / 4P
   TVS Diode Array Series
CDNBS16-T03C BOURNS-CDNBS16-T03C_11 Datasheet
466Kb / 4P
   TVS Diode Array Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com