Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDSOT23-T24 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # CDSOT23-T24
Description  CDSOT23-T03~T36C - TVS Diode Array Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CDSOT23-T24 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  CDSOT23-T24 Datasheet HTML 1Page - Bourns Electronic Solutions CDSOT23-T24 Datasheet HTML 2Page - Bourns Electronic Solutions CDSOT23-T24 Datasheet HTML 3Page - Bourns Electronic Solutions CDSOT23-T24 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CDSOT23-T03~T36C – TVS Diode Array Series
Performance Graphs
Peak Pulse Power vs Pulse Time
Pulse Wave Form
20
40
60
80
100
120
0
030
25
20
15
10
5
t – Time (µs)
Test Waveform Parameters
tt = 8 µs
td = 20 µs
tt
et
td = t
|IPP/2
Power Derating Curve
0
20
40
60
80
100
0
25
50
75
100
125
150
TL – Lead Temperature (°C)
Average Power
Peak Pulse Power
8/20 µs
Block Diagram
3
1
2
3
1
2
Unidirectional
Bidirectional
The device block diagrams below include the pin names and basic
electrical connections associated with each channel.
10,000
1,000
100
10
1
0.01
10
100
10,000
1,000
td – Pulse Duration (µs)
500 W, 8/20 µs Waveform


Similar Part No. - CDSOT23-T24

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CDSOT23-T24 BOURNS-CDSOT23-T24 Datasheet
266Kb / 4P
   TVS Diode Array Series
CDSOT23-T24C BOURNS-CDSOT23-T24C Datasheet
266Kb / 4P
   TVS Diode Array Series
CDSOT23-T24CAN BOURNS-CDSOT23-T24CAN Datasheet
505Kb / 6P
   CANbus Protector
CDSOT23-T24LC BOURNS-CDSOT23-T24LC Datasheet
291Kb / 4P
   CDSOT23-T03LC~T36LC - Low Capacitance TVS Diode Array Series
CDSOT23-T24LC BOURNS-CDSOT23-T24LC Datasheet
266Kb / 4P
   RoHS compliant
More results

Similar Description - CDSOT23-T24

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CDNBS16-T03 BOURNS-CDNBS16-T03 Datasheet
517Kb / 4P
   CDNBS16-T03~T36C - TVS Diode Array Series
CDNBS08-T03 BOURNS-CDNBS08-T03 Datasheet
335Kb / 4P
   CDNBS08-T03~T36C - TVS Diode Array Series
CDSOT23-TXXC-Q BOURNS-CDSOT23-TXXC-Q Datasheet
172Kb / 5P
   CDSOT23-T03-Q~T15C-Q - TVS Diode Array Series
REV. 02/22
CDSOT23-TXXLC-Q BOURNS-CDSOT23-TXXLC-Q Datasheet
174Kb / 5P
   CDSOT23-TxxLC-Q - Low Capacitance TVS Diode Array Series
REV. 02/22
CDSOT23-T03LC BOURNS-CDSOT23-T03LC Datasheet
291Kb / 4P
   CDSOT23-T03LC~T36LC - Low Capacitance TVS Diode Array Series
CDSOT23-SRV05-4 BOURNS-CDSOT23-SRV05-4 Datasheet
318Kb / 3P
   CDSOT23-SRV05-4 - Steering Diode TVS Array Combo
CDSOT23-SR724 BOURNS-CDSOT23-SR724 Datasheet
395Kb / 4P
   CDSOT23-SR724 - Steering Diode Array
CDSOT23-SR208 BOURNS-CDSOT23-SR208 Datasheet
313Kb / 3P
   CDSOT23-SR208 - Steering Diode Array
CDSOT23-0502B BOURNS-CDSOT23-0502B Datasheet
237Kb / 4P
   CDSOT23-0502B - Surface Mount TVS Diode
CDSOT23-0502U BOURNS-CDSOT23-0502U Datasheet
233Kb / 4P
   CDSOT23-0502U - Surface Mount TVS Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com