Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RNP20S Datasheet(PDF) 2 Page - DB Lectro Inc

Part # RNP20S
Description  TO220 35W HIGH POWER RESISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

RNP20S Datasheet(HTML) 2 Page - DB Lectro Inc

  RNP20S Datasheet HTML 1Page - DB Lectro Inc RNP20S Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POWER SOLUTION -
DBL
30W HIGH POWER RESISTORS
RNP20S
Specifications
Items
Specification-Performance
Test Conditions
Rating Power
30 Watt
-55 to 25 C flange temperature
Rating Power
1 Watt
Free air.
Heat Resistance
3.3 C/W
Hot spot to flange
Resistance Range
0.01-0.91ohm
0.1-9.1ohm
10-220ohm
220-51k ohm are available, see Note
Nominal Resistance
E6
E24
E24
Include 2.5 and 5.0
TCR(ppm/K)
250(H)
100 (A)
50 (C)
-55 to +155 C
Tolerance
5%(J)
1% (F) 5% (J)
+/-1% (F)
Operation Temp.
-55C to+155C
Max. Operating Volt.
500V or
R
P
Withstanding Volt.
DC2000 Volt
60 seconds. Actual 2000VAC
Load Life
+/-(1.0 %+0.05 ohm)
25C, 90 min.ON,30min.OFF,1000hours.
Humidity
+/- (1.0 %+0.05 ohm)
40C, 90-95%RH, DC 0.1W, 1000 hours.
Temp. Cycle
+/- (0.25 %+0.05 ohm)
-55 C,30 min.,+155 C,30 min., 5cycles
Soldering Heat
+/- (0.1 %+0.05 ohm)
350+/-5 C, 3seconds,
Solder ability
Over 95% of surface
230+/-5 C, 3seconds.
Insulation Resistance
Over 1,000 Meg ohm
Between terminals and tab.
Vibration
+/- (0.25 %+0.05 ohm)
Note: At resistance from 220 to 51kohms rating power shall be restricted in 20W.
20050212
Temperature Rise
Temperature Rise (C)
140
RNP20SC500 F
120
100
Hot spot temperature on resistor based
80 referenced from flange temperature.
60
40
20
0
0
10
20
30
Power (Watt
)
Frequency Characteristics
Impedance (ohm)
1k
RNP-20S C1K0F
RNP-20S C101F
100
RNP-20S C100F
10
RNP-20S C500F
RNP-20S C220F
1
100k
1M
10M
100M
1G
Frequency (Hz)
Pulse Energy Durability
One time rectangular impulse. Pulse Peak Watt (Watts)
10K
RNP-20SC100F
1K
100
10
10µ
100µ
1m
10m
100m
Pulse With (seconds)
Derating
Rating Power (W)
+25C
40
30
20
10
+155C
0
-50
0
50
100
150
200
Flange Temperature (C)
Note:
(1) Insulating material is unnecessary between flange and resistors, flange and resistor is separated by alumina
substrate.
(2) At surface mount soldering, temperature profile in Flange shall not exceed 220C.
(3) Using heat conduction grease on surface of flange is recommended.
(4) Heat resistance between resistor and flange is 3.3 C/W. Heat design will be done, as resistor temperature shall be
under 155C in operation.
(5) 0.1% tolerance resistors and over 220ohm resistance are available, please call factory.
Lead Free
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com


Similar Part No. - RNP20S

ManufacturerPart #DatasheetDescription
logo
RFHIC
RNP21040-50 RFHIC-RNP21040-50 Datasheet
329Kb / 5P
   Narrowband Power Amplifier
RNP24100-20 RFHIC-RNP24100-20 Datasheet
490Kb / 5P
   GaN Power Amp Pallet
RNP24150-20 RFHIC-RNP24150-20 Datasheet
466Kb / 5P
   GaN Power Amp Pallet
RNP24200-20 RFHIC-RNP24200-20 Datasheet
468Kb / 5P
   GaN Power Amp Pallet
RNP24300-20 RFHIC-RNP24300-20 Datasheet
470Kb / 5P
   GaN Power Amp Pallet
More results

Similar Description - RNP20S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MHP201R0F ETC2-MHP201R0F Datasheet
665Kb / 3P
   20W TO220 High Power Resistors
logo
DB Lectro Inc
RNP-10 DBLECTRO-RNP-10 Datasheet
271Kb / 2P
   TO220 20W HIGH POWER RESISTORS
RNP50U DBLECTRO-RNP50U Datasheet
209Kb / 2P
   50W TO220 HIGH POWER RESISTORS
logo
List of Unclassifed Man...
MHP50102F ETC2-MHP50102F Datasheet
447Kb / 3P
   50W TO220 High Power Resistors
logo
Bi technologies
MHP35 BITECH-MHP35 Datasheet
845Kb / 2P
   35W TO-220 HIGH POWER RESISTORS
logo
Texas Instruments
PT3400 TI1-PT3400_14 Datasheet
330Kb / 15P
[Old version datasheet]   35W Output Power
logo
List of Unclassifed Man...
TNP20E ETC-TNP20E Datasheet
1Mb / 2P
   35W High Power thin film Resistros
logo
Mospec Semiconductor
2N3583 MOSPEC-2N3583 Datasheet
217Kb / 4P
   POWER TRANSISTORS(35W)
logo
List of Unclassifed Man...
STK4863 ETC-STK4863 Datasheet
125Kb / 2P
   2CHANNEL 35W POWER AMPLIFIER
logo
Sanyo Semicon Device
STK401-060 SANYO-STK401-060 Datasheet
1Mb / 8P
   AF Power Amplifier (Split Power Supply) (35W 35W min, THD = 0.4%)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com