Electronic Components Datasheet Search |
|
ATC210-48D12-03J Datasheet(PDF) 9 Page - ATMEL Corporation |
|
ATC210-48D12-03J Datasheet(HTML) 9 Page - ATMEL Corporation |
9 / 16 page ATC210 Dual Series | 210 W DC-DC 9 www.artesyn.com Intermediate Bus Converters File Name: atc210.pdf Rev: 15 May 2006 General Description Characteristic Notes and Conditions Bus type I2C Clock frequency 100 kHz Supply Voltage (Note 1) 3.3 V Serial Bus Interface Inventory Data Parameter Name Address Field Size Firmware revision (primary) 40 h-47 h 8 Firmware revision (secondary) 48 h-4F h 8 Firmware P/N (primary) 50 h-5F h 16 Firmware P/V (secondary) 60 h-6F h 16 ATC210 P/N (Artesyn format) 70 h-87 h 24 ATC210 Revision 88 h-8F h 8 ATC210 Serial No. 90 h-97 h 8 ATC210 Date Code 98 h-9F h 8 ATC210 Vendor (Artesyn) A0 h-A7 h 8 I2C Addressing and Access Value Registers, Address 20 h to 28 h The temperature parameter is scaled at 0.5 ºC/bit with an offset of -10 ºC for a range of -10 ºC (00 h) to 117 ºC (FFh). I2C Serial bus Interface - This page is a summary of the I2C features set for further detail refer to App 206 I2C Serial Bus Interface Type Parameter Name Description Scaling Factor Address Voltage (Pri) -48 V Voltage between HU- and HU+IN 0.2915 V/bit 20 h Current (Pri) -48 V Current after input OR-ing 0.0273 A/bit 21 h Voltage (Pri) -48 V_A Voltage between –48V A and RTN A 0.2817 V/bit 22 h Voltage (Pri) -48 V_B Voltage between –48V A and RTN A 0.2817 V/bit 23 h Voltage (Sec) 3.3 V Management power voltage 0.0170 V/bit 24 h Voltage (Sec) 12 V Intermediate bus voltage 0.0598 V/bit 25 h Current (Sec) 12 V Current in intermediate bus 0.1082 A/Bit 26 h Temperature (Sec) Temp Secondary side temperature 0.5 ºC/bit-10 ºC 27 h Temperature (Pri) Temp Primary side temperature 0.5 ºC/bit-10 ºC 28 h |
Similar Part No. - ATC210-48D12-03J |
|
Similar Description - ATC210-48D12-03J |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |