Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF-SMDF050 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # MF-SMDF050
Description  MF-SMDF Series - PTC Resettable Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-SMDF050 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  MF-SMDF050 Datasheet HTML 1Page - Bourns Electronic Solutions MF-SMDF050 Datasheet HTML 2Page - Bourns Electronic Solutions MF-SMDF050 Datasheet HTML 3Page - Bourns Electronic Solutions MF-SMDF050 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
*
RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Characteristics
Max. Time
Tripped
Ihold
Itrip
To Trip
Power
Resistance
Dissipation
Model
Amperes
Ohms
Amperes
Seconds
Watts
V max.
I max.
at 23
°C
at 23
°C
at 23
°C
at 23
°C
at 23
°C
Volts
Amps
Hold
Trip
RMin.
R1Max.
Typ.
MF-SMDF050
60
10
0.55
1.20
0.200
1.0
2.5
3.0
0.9
MF-SMDF100*
15
40
1.1
2.20
0.06
0.36
8.0
0.4
1.0
MF-SMDF150*
15
40
1.5
3.00
0.05
0.17
8.0
0.8
1.1
MF-SMDF200
10
40
2.0
4.00
0.03
0.100
8.0
2.40
1.1
Operating Temperature ......................................-40 °C to +85 °C
Maximum Device Surface Temperature
in Tripped State ................................................125 °C
Passive Aging......................................................+85 °C, 1000 hours ....................................±5 % typical resistance change
Humidity Aging....................................................+85 °C, 85 % R.H. 1000 hours ..................±5 % typical resistance change
Thermal Shock ....................................................+85 °C to -40 °C, 20 times ........................±10 % typical resistance change
Solvent Resistance ............................................MIL-STD-202, Method 215 ........................No change
Vibration ..............................................................MIL-STD-883C, Method 2007.1, ................No change
Condition A
Environmental Characteristics
Test
Test Conditions
Accept/Reject Criteria
Visual/Mech.....................................Verify dimensions and materials ....................................Per MF physical description
Resistance ......................................In still air @ 23 °C............................................................Rmin ≤ R ≤ R1max
Time to Trip ....................................At specified current, Vmax, 23 °C ..................................T ≤ max. time to trip (seconds)
Hold Current ..................................30 min. at Ihold ..............................................................No trip
Trip Cycle Life ................................Vmax, Imax, 100 cycles ..................................................No arcing or burning
Trip Endurance ................................Vmax, 48 hours ..............................................................No arcing or burning
Solderability ....................................ANSI/J-STD-002 ............................................................95 % min. coverage
UL File Number ..................................E174545
http://www.ul.com/ Follow link to Certifications, then UL File No., enter E174545
CSA File Number ..............................CA110338
http://directories.csa-international.org/ Under “Certification Record” and “File Number” enter 110338-0-000
TÜV Certificate Number ....................R 02057213
http://www.tuvdotcom.com/ Follow link to “other certificates”, enter File No. 2057213
Test Procedures And Requirements For Model MF-SMDF Series
MF-SMDF Series - PTC Resettable Fuses
Features
Very low profile
Very fast tripping time
High voltage
RoHS compliant*
Symmetrical
2018 footprint
Agency recognition:
Applications
Power Over Ethernet (IEEE 802.3 af) port
protection
Automotive electronic control module
protection
Telecom equipment low voltage
protection
Thermal Derating Chart - Ihold / Itrip (Amps)
Ambient Operating Temperature
Model
-40
°C
-20
°C0 °C
23
°C
40
°C
50
°C
60
°C
70
°C
85
°C
MF-SMDF050
0.87 / 1.90
0.77 / 1.68
0.67 / 1.46
0.55 / 1.20
0.46 / 1.00
0.41 / 0.89
0.36 / 0.79
0.31 / 0.68
0.23 / 0.50
MF-SMDF100
1.71 / 3.42
1.52 / 3.04
1.32 / 2.64
1.10 / 2.20
0.94 / 1.88
0.84 / 1.68
0.74 / 1.48
0.64 / 1.28
0.50 / 1.00
MF-SMDF150
2.38 / 4.76
2.10 / 4.20
1.82 / 3.64
1.50 / 3.00
1.27 / 2.54
1.13 / 2.26
0.99 / 1.98
0.85 / 1.70
0.64 / 1.28
MF-SMDF200
2.95 / 5.90
2.65 / 5.30
2.35 / 4.70
2.00 / 4.00
1.74 / 3.48
1.59 / 3.18
1.44 / 2.88
1.29 / 2.58
1.06 / 2.12
TV Rheinland
*Agency approval pending.


Similar Part No. - MF-SMDF050

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-SMDF050 BOURNS-MF-SMDF050 Datasheet
124Kb / 4P
   PTC Resettable Fuses
MF-SMDF050 BOURNS-MF-SMDF050 Datasheet
371Kb / 4P
   PTC Resettable Fuses
MF-SMDF050-2 BOURNS-MF-SMDF050-2 Datasheet
371Kb / 4P
   PTC Resettable Fuses
More results

Similar Description - MF-SMDF050

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-SM125-2 BOURNS-MF-SM125-2 Datasheet
287Kb / 4P
   MF-SM Series - PTC Resettable Fuses
MFMSMF BOURNS-MFMSMF Datasheet
319Kb / 5P
   MF-MSMF Series - PTC Resettable Fuses
MF-SM100-2 BOURNS-MF-SM100-2 Datasheet
298Kb / 5P
   MF-SM Series - PTC Resettable Fuses
MF-MSMF200-2 BOURNS-MF-MSMF200-2 Datasheet
356Kb / 5P
   MF-MSMF Series - PTC Resettable Fuses
MF-PSMF010X BOURNS-MF-PSMF010X Datasheet
300Kb / 3P
   MF-PSMF Series - PTC Resettable Fuses
MF-R110-0-99 BOURNS-MF-R110-0-99 Datasheet
210Kb / 6P
   MF-R Series - PTC Resettable Fuses
MF-SM200-2 BOURNS-MF-SM200-2 Datasheet
290Kb / 4P
   MF-SM Series - PTC Resettable Fuses
MF-R110-2 BOURNS-MF-R110-2 Datasheet
210Kb / 6P
   MF-R Series - PTC Resettable Fuses
MF-GSMF BOURNS-MF-GSMF Datasheet
312Kb / 6P
   MF-GSMF Series – PTC Resettable Fuses
REV. B, 09/19
MF-NSHT BOURNS-MF-NSHT Datasheet
344Kb / 6P
   MF-NSHT Series - PTC Resettable Fuses
REV. F 07/20
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com