Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATR2434-PLT Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATR2434-PLT
Description  WirelessUSB 2.4-GHz DSSS Radio SoC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR2434-PLT Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATR2434-PLT Datasheet HTML 6Page - ATMEL Corporation ATR2434-PLT Datasheet HTML 7Page - ATMEL Corporation ATR2434-PLT Datasheet HTML 8Page - ATMEL Corporation ATR2434-PLT Datasheet HTML 9Page - ATMEL Corporation ATR2434-PLT Datasheet HTML 10Page - ATMEL Corporation ATR2434-PLT Datasheet HTML 11Page - ATMEL Corporation ATR2434-PLT Datasheet HTML 12Page - ATMEL Corporation ATR2434-PLT Datasheet HTML 13Page - ATMEL Corporation ATR2434-PLT Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
10
ATR2434 [Preliminary]
4822C–ISM–09/04
Register
Descriptions
Table 2
displays the list of registers inside the ATR2434 that are addressable through
the SPI interface. All registers are read and writable, except where noted.
Table 2. Register Map(1)
Register Name
Mnemonic
Address
Default
Access
Revision ID
REG_ID
0x00
0x07
RO
Synthesizer A Counter
REG_SYN_A_CNT
0x01
0x00
RW
Synthesizer N Counter
REG_SYN_N_CNT
0x02
0x00
RW
Control
REG_CONTROL
0x03
0x00
RW
Data Rate
REG_DATA_RATE
0x04
0x00
RW
Configuration
REG_CONFIG
0x05
0x01
RW
SERDES Control
REG_SERDES_CTL
0x06
0x03
RW
Receive Interrupt Enable
REG_RX_INT_EN
0x07
0x00
RW
Receive Interrupt Status
REG_RX_INT_STAT
0x08
0x00
RO
Receive Data A
REG_RX_DATA_A
0x09
0x00
RO
Receive Valid A
REG_RX_VALID_A
0x0A
0x00
RO
Receive Data B
REG_RX_DATA_B
0x0B
0x00
RO
Receive Valid B
REG_RX_VALID_B
0x0C
0x00
RO
Transmit Interrupt Enable
REG_TX_INT_EN
0x0D
0x00
RW
Transmit Interrupt Status
REG_TX_INT_STAT
0x0E
0x00
RO
Transmit Data
REG_TX_DATA
0x0F
0x00
RW
Transmit Valid
REG_TX_VALID
0x10
0x00
RW
PN Code
REG_PN_CODE
0x11-0x18
0x1E8B6A3DE0E9B222
RW
Threshold Low
REG_THRESHOLD_L
0x19
0x08
RW
Threshold High
REG_THRESHOLD_H
0x1A
0x38
RW
Wake Enable
REG_WAKE_EN
0x1C
0x00
RW
Wake Status
REG_WAKE_STAT
0x1D
0x01
RO
Analog Control
REG_ANALOG_CTL
0x20
0x04
RW
Channel
REG_CHANNEL
0x21
0x00
RW
Receive Signal Strength Indicator
REG_RSSI
0x22
0x00
RO
Power Control
REG_PA
0x23
0x00
RW
Crystal Adjust
REG_CRYSTAL_ADJ
0x24
0x00
RW
VCO Calibration
REG_VCO_CAL
0x26
0x00
RW
AGC Control
REG_AGC_CTL
0x2E
0x00
RW
Carrier Detect
REG_CARRIER_DETECT
0x2F
0x00
RW
Clock Manual
REG_CLOCK_MANUAL
0x32
0x00
RW
Clock Enable
REG_CLOCK_ENABLE
0x33
0x00
RW
Synthesizer Lock Count
REG_SYN_LOCK_CNT
0x38
0x64
RW
Manufacturing ID
REG_MID
0x3C-0x3F
-
RO
Note:
1. All registers are accessed Little Endian.


Similar Part No. - ATR2434-PLT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR2406 ATMEL-ATR2406 Datasheet
682Kb / 20P
   LOW IF .4 GHZ ISM TRANSCEIVER
ATR2406 ATMEL-ATR2406 Datasheet
850Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406 Datasheet
813Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406-DEV-BOARD ATMEL-ATR2406-DEV-BOARD Datasheet
682Kb / 20P
   LOW IF .4 GHZ ISM TRANSCEIVER
ATR2406-DEV-BOARD ATMEL-ATR2406-DEV-BOARD Datasheet
850Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
More results

Similar Description - ATR2434-PLT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYWUSB6935 CYPRESS-CYWUSB6935_10 Datasheet
1Mb / 36P
   WirelessUSB??LR 2.4 GHz DSSS Radio SoC
CYWUSB6935 CYPRESS-CYWUSB6935 Datasheet
603Kb / 33P
   WirelessUSB LRTM 2.4-GHz DSSS Radio SoC
CYWUSB6932 CYPRESS-CYWUSB6932_05 Datasheet
374Kb / 30P
   WirelessUSB??LS 2.4-GHz DSSS Radio SoC
CYWUSB6932 CYPRESS-CYWUSB6932 Datasheet
305Kb / 30P
   WirelessUSB LS 2.4-GHz DSSS Radio SoC
CYRF6936 CYPRESS-CYRF6936_09 Datasheet
578Kb / 23P
   WirelessUSB LP 2.4 GHz Radio SoC
CYRF6986 CYPRESS-CYRF6986 Datasheet
1Mb / 23P
   WirelessUSB??LPstar 2.4 GHz Radio SoC
CYRF6936 CYPRESS-CYRF6936 Datasheet
874Kb / 40P
   WirelessUSB??LP 2.4 GHz Radio SoC
CYRF6936 CYPRESS-CYRF6936_11 Datasheet
664Kb / 28P
   WirelessUSB LP 2.4 GHz Radio SoC Low external component count
CYRF9935 CYPRESS-CYRF9935 Datasheet
1Mb / 47P
   WirelessUSB??NX 2.4 GHz Low Power Radio
CYRF8935 CYPRESS-CYRF8935_13 Datasheet
689Kb / 40P
   WirelessUSB??NL 2.4 GHz Low Power Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com