Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC7404N Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74HC7404N
Description  5-Bit x 64-word FIFO register; 3-state
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC7404N Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74HC7404N Datasheet HTML 2Page - NXP Semiconductors 74HC7404N Datasheet HTML 3Page - NXP Semiconductors 74HC7404N Datasheet HTML 4Page - NXP Semiconductors 74HC7404N Datasheet HTML 5Page - NXP Semiconductors 74HC7404N Datasheet HTML 6Page - NXP Semiconductors 74HC7404N Datasheet HTML 7Page - NXP Semiconductors 74HC7404N Datasheet HTML 8Page - NXP Semiconductors 74HC7404N Datasheet HTML 9Page - NXP Semiconductors 74HC7404N Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
September 1993
6
Philips Semiconductors
Product specification
5-Bit x 64-word FIFO register; 3-state
74HC/HCT7404
FUNCTIONAL DESCRIPTION
The DIR flag indicates the input stage
status, either empty and ready to
receive data (DIR = HIGH) or full and
busy (DIR = LOW). When DIR and SI
are HIGH, data present at D0 to D4 is
shifted into the input stage; once
complete DIR goes LOW. When SI is
set LOW, data is automatically shifted
to the output stage or to the last
empty location. A FIFO which can
receive data is indicated by DIR set
HIGH.
A DOR flag indicates the output stage
status, either data available
(DOR = HIGH) or busy
(DOR = LOW). When SO and DOR
are HIGH, data is available at the
outputs (Q0 to Q4). When SO is LOW
new data may be shifted into the
output stage, once complete DOR is
set LOW.
Expanded Format (see Fig.18)
The DOR and DIR signals are used to
allow the ‘7404’ to be cascaded. Both
parallel and serial expansion is
possible. Serial expansion is only
possible with typical devices.
Parallel Expansion
Parallel expansion is accomplished
by logically ANDing the DOR and DIR
signals to form a composite signal.
Serial Expansion
Serial expansion is accomplished by:
• tying the data outputs of the first
device to the data inputs of the
second device
• connecting the DOR pin of the first
device to the SI pin of the second
device
• connecting the SO pin of the first
device to the DIR pin of the second
device.
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: parallel outputs, bus driver; serial output, standard ICC category: MSI
Output capability: driver 8 mA
ICC category: LSI
Voltages are referenced to GND (ground = 0 V).
DC CHARACTERISTICS FOR 74HC
SYMBOL
PARAMETER
Tamb °C
UNIT
TEST CONDITION
+25
−40 to +85 −40 to +125
VCC
(V)
VI
OTHER
MIN
TYP
MAX
MIN
MAX
MIN
MAX
VOH
HIGH level
output voltage
3.98
5.48
4.32
5.81
3.84
5.34
3.70
5.20
V
V
4.5
6
VIH
or
VIL
IO = −8 mA
IO = −10 mA
VOL
LOW level
output voltage
0.15
0.15
0.26
0.26
0.33
0.33
0.4
0.4
V
V
4.5
6
VIH
or
VIL
IO = 8 mA
IO = 10 mA


Similar Part No. - 74HC7404N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC7403 PHILIPS-74HC7403 Datasheet
163Kb / 28P
   4-Bit x 64-word FIFO register; 3-state
September 1993
74HC7403-Q100 NXP-74HC7403-Q100 Datasheet
299Kb / 32P
   4-bit x 64-word FIFO register; 3-state
Rev. 1-21 September 2012
74HC7403D PHILIPS-74HC7403D Datasheet
163Kb / 28P
   4-Bit x 64-word FIFO register; 3-state
September 1993
74HC7403N PHILIPS-74HC7403N Datasheet
163Kb / 28P
   4-Bit x 64-word FIFO register; 3-state
September 1993
More results

Similar Description - 74HC7404N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC7403 PHILIPS-74HC7403 Datasheet
163Kb / 28P
   4-Bit x 64-word FIFO register; 3-state
September 1993
74HC7030 PHILIPS-74HC7030 Datasheet
172Kb / 22P
   9-bit x 64-word FIFO register; 3-state
December 1990
74HC7403-Q100 NXP-74HC7403-Q100 Datasheet
299Kb / 32P
   4-bit x 64-word FIFO register; 3-state
Rev. 1-21 September 2012
74HC40105 PHILIPS-74HC40105 Datasheet
200Kb / 25P
   4-bit x 16-word FIFO register
1998 Jan 23
logo
STMicroelectronics
M54HC670 STMICROELECTRONICS-M54HC670 Datasheet
264Kb / 12P
   4 WORD X 4 BIT REGISTER FILE 3 STATE
M74HC670 STMICROELECTRONICS-M74HC670 Datasheet
482Kb / 11P
   4 WORD x 4 BIT REGISTER FILE (3 STATE)
logo
Cypress Semiconductor
CY7C401 CYPRESS-CY7C401 Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
logo
Integrated Device Techn...
IDT72401 IDT-IDT72401 Datasheet
95Kb / 9P
   CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT
logo
Toshiba Semiconductor
TC74HC40105AP TOSHIBA-TC74HC40105AP Datasheet
467Kb / 11P
   4 Bit 횞 16 Word FIFO Register
logo
Renesas Technology Corp
M66288FP RENESAS-M66288FP Datasheet
511Kb / 24P
   262144-word x 8-bit x 3-FIFO MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com