Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT75 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74HCT75
Description  Quad bistable transparent latch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT75 Datasheet(HTML) 5 Page - NXP Semiconductors

  74HCT75 Datasheet HTML 1Page - NXP Semiconductors 74HCT75 Datasheet HTML 2Page - NXP Semiconductors 74HCT75 Datasheet HTML 3Page - NXP Semiconductors 74HCT75 Datasheet HTML 4Page - NXP Semiconductors 74HCT75 Datasheet HTML 5Page - NXP Semiconductors 74HCT75 Datasheet HTML 6Page - NXP Semiconductors 74HCT75 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
December 1990
5
Philips Semiconductors
Product specification
Quad bistable transparent latch
74HC/HCT75
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL =50pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to+85
−40 to+125
min.
typ.
max. min. max. min.
max.
tPHL/ tPLH
propagation delay
nD to nQ
33
12
10
110
22
19
140
28
24
165
33
28
ns
2.0
4.5
6.0
Fig.6
tPHL/ tPLH
propagation delay
nD to nQ
39
14
11
120
24
20
150
30
26
180
36
31
ns
2.0
4.5
6.0
Fig.7
tPHL/ tPLH
propagation delay
LEn-n to nQ
33
12
10
120
24
20
150
30
26
180
36
31
ns
2.0
4.5
6.0
Fig.8
tPHL/ tPLH
propagation delay
LEn-n to nQ
39
14
11
125
25
21
155
31
26
190
38
32
ns
2.0
4.5
6.0
Fig.8
tTHL/ tTLH
output transition time
19
7
6
75
15
13
95
19
16
110
22
19
ns
2.0
4.5
6.0
Figs 6 and 7
tW
enable pulse width
HIGH
80
16
14
17
6
5
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.8
tsu
set-up time
nD to LEn-n
60
12
10
14
5
4
75
15
13
90
18
15
ns
2.0
4.5
6.0
Fig.9
th
hold time
nD to LEn-n
3
3
3
−8
−3
−2
3
3
3
3
3
3
ns
2.0
4.5
6.0
Fig.9


Similar Part No. - 74HCT75

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT7540 PHILIPS-74HCT7540 Datasheet
55Kb / 7P
   Octal Schmitt trigger buffer/line driver; 3-state; inverting
December 1990
74HCT7540 NXP-74HCT7540 Datasheet
157Kb / 16P
   Octal Schmitt trigger buffer/line driver; 3-state; inverting Rev. 4 ??31 December 2012
Rev. 4-31 December 2012
logo
Nexperia B.V. All right...
74HCT7540 NEXPERIA-74HCT7540 Datasheet
270Kb / 15P
   Octal Schmitt trigger buffer/line driver; 3-state; inverting
Rev. 6 - 4 August 2021
logo
NXP Semiconductors
74HCT7540D NXP-74HCT7540D Datasheet
157Kb / 16P
   Octal Schmitt trigger buffer/line driver; 3-state; inverting Rev. 4 ??31 December 2012
Rev. 4-31 December 2012
logo
Nexperia B.V. All right...
74HCT7540D NEXPERIA-74HCT7540D Datasheet
270Kb / 15P
   Octal Schmitt trigger buffer/line driver; 3-state; inverting
Rev. 6 - 4 August 2021
More results

Similar Description - 74HCT75

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC75N NXP-74HC75N Datasheet
87Kb / 20P
   Quad bistable transparant latch
Rev. 03-12 November 2004
74HC75 PHILIPS-74HC75_15 Datasheet
113Kb / 20P
   Quad bistable transparant latch
Rev. 03-12 November 2004
logo
Nexperia B.V. All right...
74HC75 NEXPERIA-74HC75 Datasheet
257Kb / 16P
   Quad bistable transparant latch
Rev. 5 - 17 March 2021
logo
Texas Instruments
CD54HC75 TI-CD54HC75_08 Datasheet
508Kb / 17P
[Old version datasheet]   Dual 2-Bit Bistable Transparent Latch
CD74HC75 TI-CD74HC75 Datasheet
56Kb / 8P
[Old version datasheet]   Dual 2-Bit Bistable Transparent Latch
CD54HC75 TI-CD54HC75 Datasheet
348Kb / 15P
[Old version datasheet]   Dual 2-Bit Bistable Transparent Latch
CD54HC75 TI-CD54HC75_07 Datasheet
430Kb / 19P
[Old version datasheet]   Dual 2-Bit Bistable Transparent Latch
logo
ON Semiconductor
MC14042B ONSEMI-MC14042B Datasheet
174Kb / 8P
   Quad Transparent Latch
March, 2000 ??Rev. 3
MC14042B ONSEMI-MC14042B_05 Datasheet
100Kb / 8P
   Quad Transparent Latch
August, 2005 ??Rev. 6
MC14042B ONSEMI-MC14042B_14 Datasheet
101Kb / 6P
   Quad Transparent Latch
August, 2014 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com