Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

560PB6C Datasheet(PDF) 7 Page - HB Electronic Components

Part # 560PB6C
Description  LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

560PB6C Datasheet(HTML) 7 Page - HB Electronic Components

  560PB6C Datasheet HTML 1Page - HB Electronic Components 560PB6C Datasheet HTML 2Page - HB Electronic Components 560PB6C Datasheet HTML 3Page - HB Electronic Components 560PB6C Datasheet HTML 4Page - HB Electronic Components 560PB6C Datasheet HTML 5Page - HB Electronic Components 560PB6C Datasheet HTML 6Page - HB Electronic Components 560PB6C Datasheet HTML 7Page - HB Electronic Components 560PB6C Datasheet HTML 8Page - HB Electronic Components 560PB6C Datasheet HTML 9Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
2) Use LEDs with stand-off (Fig.5) or the tube or spacer made of resin (Fig.6) to position the LEDs.
FORMED LEAD
1) The lead should be bent at a point located at least 2mm away from the package. Bending
should be performed with base fixed means of a jig or pliers (Fig.7)
2) Forming lead should be carried our prior to soldering and never during or after soldering.
3) Form the lead to ensure alignment between the leads and the hole on board, so that stress
against the LED is prevented. (Fig.8)
Page :
7
Stand-off
Fig.5
Fig.6
Tube
F i g . 7
LED LAMP
APPLICATION


Similar Part No. - 560PB6C

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
560PG2D HB-560PG2D Datasheet
78Kb / 3P
   LED
560PR2C HB-560PR2C Datasheet
318Kb / 8P
   5.0 mm DIA LED LAMP
560PWC HB-560PWC Datasheet
115Kb / 5P
   5MM LED
560PWD HB-560PWD Datasheet
115Kb / 5P
   5MM LED
560PY9C HB-560PY9C Datasheet
135Kb / 9P
   LED
More results

Similar Description - 560PB6C

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
   LED
logo
HB Electronic Component...
330LW7C HB-330LW7C Datasheet
284Kb / 4P
   LED
330IB7C HB-330IB7C Datasheet
210Kb / 3P
   LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
   LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
   LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
   LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
   LED
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
   LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
   LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com