Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT7403D Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74HCT7403D
Description  4-Bit x 64-word FIFO register; 3-state
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT7403D Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74HCT7403D Datasheet HTML 3Page - NXP Semiconductors 74HCT7403D Datasheet HTML 4Page - NXP Semiconductors 74HCT7403D Datasheet HTML 5Page - NXP Semiconductors 74HCT7403D Datasheet HTML 6Page - NXP Semiconductors 74HCT7403D Datasheet HTML 7Page - NXP Semiconductors 74HCT7403D Datasheet HTML 8Page - NXP Semiconductors 74HCT7403D Datasheet HTML 9Page - NXP Semiconductors 74HCT7403D Datasheet HTML 10Page - NXP Semiconductors 74HCT7403D Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
September 1993
7
Philips Semiconductors
Product specification
4-Bit x 64-word FIFO register; 3-state
74HC/HCT7403
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr = tf = 6 ns; CL = 50 pF.
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITION
+25
−40 to +85
−40 to +125
VCC
(V)
WAVEFORMS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPHL/tPLH
propagation
delay
MR to DIR,
DOR
69
25
20
210
42
36
265
53
45
315
63
54
ns
ns
ns
2.0
4.5
6.0
Fig.8
tPHL
propagation
delay
MR to Qn
52
19
15
160
32
27
200
40
34
240
48
41
ns
ns
ns
2.0
4.5
6.0
Fig.8
tPHL/tPLH
propagation
delay
SI to DIR
66
24
19
205
41
35
255
51
43
310
62
53
ns
ns
ns
2.0
4.5
6.0
Fig.6
tPHL/tPLH
propagation
delay
SO to DOR
94
34
27
290
58
49
365
73
62
435
87
74
ns
ns
ns
2.0
4.5
6.0
Fig.9
tPHL/tPLH
propagation
delay
DOR to Qn
11
4
3
35
7
6.0
45
9
8
55
11
9
ns
ns
ns
2.0
4.5
6.0
Fig.10
tPHL/tPLH
propagation
delay
SO to Qn
105
38
30
325
65
55
406
81
69
488
98
83
ns
ns
ns
2.0
4.5
6.0
Fig.14
tPLH
propagation
delay/ripple
through delay
SI to DOR
2.2
0.8
0.6
7
1.4
1.2
8.8
1.8
1.5
10.5
2.1
1.8
µs
µs
µs
2.0
4.5
6.0
Fig.10
tPLH
propagation
delay/bubble-up
delay
SO to DIR
2.8
1.0
0.8
9
1.8
1.5
11.2
2.2
1.9
13.5
2.7
2.3
µs
µs
µs
2.0
4.5
6.0
Fig.7
tPZH/tPZL
3-state output
enable
OE to Qn
44
16
13
150
30
26
190
38
32
225
45
38
ns
ns
ns
2.0
4.5
6.0
Fig.16
tPHZ/tPLZ
3-state output
disable
OE to Qn
50
18
14
150
30
26
190
38
33
225
45
38
ns
ns
ns
2.0
4.5
6.0
Fig.16
tTHL/tTLH
output
transition time
14
5
4
60
12
10
75
15
13
90
18
15
ns
ns
ns
2.0
4.5
6.0
Fig.16
tW
SI pulse
width
HIGH or LOW
35
7
6.0
11
4
3
45
9
8
55
11
9
ns
ns
ns
2.0
4.5
6.0
Fig.6
tW
SO pulse
width
HIGH or LOW
70
14
12
22
8
6.0
90
18
15
105
21
18
ns
ns
ns
2.0
4.5
6.0
Fig.9


Similar Part No. - 74HCT7403D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT7403-Q100 NXP-74HCT7403-Q100 Datasheet
299Kb / 32P
   4-bit x 64-word FIFO register; 3-state
Rev. 1-21 September 2012
More results

Similar Description - 74HCT7403D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC7403-Q100 NXP-74HC7403-Q100 Datasheet
299Kb / 32P
   4-bit x 64-word FIFO register; 3-state
Rev. 1-21 September 2012
74HC7404 PHILIPS-74HC7404 Datasheet
131Kb / 28P
   5-Bit x 64-word FIFO register; 3-state
September 1993
74HC7030 PHILIPS-74HC7030 Datasheet
172Kb / 22P
   9-bit x 64-word FIFO register; 3-state
December 1990
74HC40105 PHILIPS-74HC40105 Datasheet
200Kb / 25P
   4-bit x 16-word FIFO register
1998 Jan 23
logo
STMicroelectronics
M54HC670 STMICROELECTRONICS-M54HC670 Datasheet
264Kb / 12P
   4 WORD X 4 BIT REGISTER FILE 3 STATE
M74HC670 STMICROELECTRONICS-M74HC670 Datasheet
482Kb / 11P
   4 WORD x 4 BIT REGISTER FILE (3 STATE)
logo
Toshiba Semiconductor
TC74HC40105AP TOSHIBA-TC74HC40105AP Datasheet
467Kb / 11P
   4 Bit 횞 16 Word FIFO Register
logo
Texas Instruments
CD54HC40105 TI-CD54HC40105_07 Datasheet
461Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD54HC40105 TI-CD54HC40105_08 Datasheet
602Kb / 22P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD54HC40105 TI-CD54HC40105 Datasheet
318Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com