Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BXF300-48S2V5L Datasheet(PDF) 3 Page - Artesyn Technologies

Part # BXF300-48S2V5L
Description  150-198W Wide Input DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

BXF300-48S2V5L Datasheet(HTML) 3 Page - Artesyn Technologies

  BXF300-48S2V5L Datasheet HTML 1Page - Artesyn Technologies BXF300-48S2V5L Datasheet HTML 2Page - Artesyn Technologies BXF300-48S2V5L Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Mechanical notes
1
All dimensions in INCHES (mm).
2
Tolerance: x.xx ±0.02in. (0.51mm).
x.xxx ±0.010in. (0.254mm).
TOP VIEW
WITH OVERALL DIMENSIONS
2.40
(61.0)
2.00
(50.8)
THREADED
INSERTS
M3 x 0.5
THROUGH
4 PLACES
4.20 (106.7)
4.60 (116.8)
SIDE VIEW
0.53 (13.5)
0.00 (0.0)
0.20 (5.1) MIN.
2.600 (66.04)
2
1
6
5
2
1
6
5
BOTTOM VIEW
PIN DETAILS
0.062
± 0.002 (1.57 ± 0.05) DIA.
11 PLACES
BOTTOM VIEW
DIMENSIONAL DETAILS
0.100 (2.54)
5 PLACES
0.200 (5.08)
7 PLACES
0.040
± 0.002 (1.02 ± 0.05) DIA.
3 PLACES
0.040
± 0.002 (1.02 ± 0.05) DIA.
6 PLACES
CASE
S2
VOUT-
VOUT-
VOUT-
VOUT-
VOUT+
VOUT+
VOUT+
VOUT+
S1
PRI ENABLE
VIN-
VIN+
0.50 (12.7)
1.50 (38.1)
0.000 (0.00)
0.100 (2.54)
4.20 (106.7)
4.40 (111.8)
2.600 (66.04)
0.000 (0.00)
0.20 (5.1)
0.70 (17.8)
0.500 (12.70)
0.000 (0.00)
0.300 (7.62)
0.500 (12.70)
0.700 (17.78)
0.900 (22.86)
1.20 (30.48)
1.50 (38.1)
1.70 (43.2)
4
3
4
3
Data Sheet © Artesyn Technologies® 2002
The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
BXF300 Series
Single output
DC/DC CONVERTERS
150-198W Wide Input DC/DC Converters
3
Please consult our website for the following items:
Application Note
www.artesyn.com
File Name: BXF300.PDF Rev: 18 Jan 2000


Similar Part No. - BXF300-48S2V5L

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
BXF3115PM APITECH-BXF3115PM Datasheet
64Kb / 1P
   RF AMPLIFIER MODEL
More results

Similar Description - BXF300-48S2V5L

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
CHB150 CINCON-CHB150 Datasheet
126Kb / 2P
   99 - 150 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
logo
Artesyn Technologies
BXA3 ARTESYN-BXA3 Datasheet
65Kb / 3P
   3W Wide Input DC/DC Converters
BXA30 ARTESYN-BXA30 Datasheet
67Kb / 2P
   30W Wide Input DC/DC Converters
BXF400 ARTESYN-BXF400 Datasheet
158Kb / 3P
   264W Wide Input DC/DC Converters
BXA40 ARTESYN-BXA40 Datasheet
74Kb / 3P
   40W Wide Input DC/DC Converters
logo
RSG Electronic Componen...
CHB150 RSG-CHB150 Datasheet
75Kb / 2P
   75 TO 150 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
logo
Murata Manufacturing Co...
NDY2405C MURATA-NDY2405C Datasheet
192Kb / 4P
   Isolated 3W Wide Input DC/DC Converters
logo
List of Unclassifed Man...
WR12S05 ETC1-WR12S05 Datasheet
37Kb / 2P
   30 Watt Wide input DC/DC converters
logo
Artesyn Technologies
BXA10 ARTESYN-BXA10 Datasheet
70Kb / 3P
   8-10W Wide Input DC/DC Converters
BXB50 ARTESYN-BXB50 Datasheet
74Kb / 3P
   33-50W Wide Input DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com