Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

599R2GBC-CA Datasheet(PDF) 2 Page - HB Electronic Components

Part # 599R2GBC-CA
Description  5.0 mm DIA LED LAMP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

599R2GBC-CA Datasheet(HTML) 2 Page - HB Electronic Components

  599R2GBC-CA Datasheet HTML 1Page - HB Electronic Components 599R2GBC-CA Datasheet HTML 2Page - HB Electronic Components 599R2GBC-CA Datasheet HTML 3Page - HB Electronic Components 599R2GBC-CA Datasheet HTML 4Page - HB Electronic Components 599R2GBC-CA Datasheet HTML 5Page - HB Electronic Components 599R2GBC-CA Datasheet HTML 6Page - HB Electronic Components 599R2GBC-CA Datasheet HTML 7Page - HB Electronic Components 599R2GBC-CA Datasheet HTML 8Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
5.0 mm DIA LED LAMP
599R2GBC-CA REV:A / 0
FEATURES
* 5.0mm DIA LED LAMP
* LOW POWER CONSUMPTION.
* I.C. COMPATIBLE.
* THREE CHIPS ARE MATCHED FOR UNIFORM LIGHT OUTPUT.
* LONG LIFE-SOLIDSTATE RELIABILITY.
* FULL COLOR AND HIGH CONTRAST LAMP
CHIP MATERIALS
* Dice Material : AlGaInP/GaAs & GaInN/GaN & GaInN/GaN
* Light Color : FULL COLOR(SUPER RED & ULTRA PURE GREEN & ULTRA
BLUE)
* Lens Color : W
ATER CLEAR
ABSOLUTE MAXIMUM RATING:(Ta=25°C)
SYMBOL
DESCRIPTION
SUPER
RED
ULTRA
PURE
GREEN
ULTRA
BLUE
UNIT
PAD
Power Dissipation Per Chip
70
130
120
mW
VR
Reverse Voltage Per Chip
5
5
5
V
IF
Average Forward Current Per Chip
30
30
30
mA
IPF
Peak Forward Current Per Chip (Duty=0.1,1KHZ)
60
120
70
mA
-
Derating Linear From 25°C Per Chip
0.4
0.4
0.4
mA/°C
Topr
Operating Temperature Range
-25°C to 85°C
Tstg
Storage Temperature Range
-40°C to 85°C
Lead Soldering Temperature{1.6mm(0.063 inch) From Body}260°C±5°C For 5 Seconds
ELECTRO-OPTICAL CHARACTERISTICS:(Ta=25°C)
SYMBOL
PARAMETER
TEST CONDITION
MIN. TYP. MAX. UNIT
Super Red
1.8
2.2
V
Ultra Pure Green
3.
5
4.
0
V
VF
Forward Voltage
IF=20mA
Ultra Blue
3.5
4.0
V
Super Red
100
µA
Ultra Pure Green
100
µA
IR
Reverse Current
VR=5V
Ultra Blue
100
µA
Super Red
6
25
nm
Ultra Pure Green
525
nm
λD
Dominant Wavelength
IF=20mA
Ultra Blue
4
60
nm
Super Red
20
nm
Ultra Pure Green
22
nm
λ
Spectral Line Half-Width IF=20mA
Ultra Blue
30
nm
Super Red
85................100
deg
Ultra Pure Green
85................100 deg
2θ1/2
Half Intensity Angle
IF=20mA
Ultra Blue
85................100 deg
Super Red
310................435
mcd
Ultra Pure Green
770...............1080
mcd
IV
Luminous Intensity
IF=20mA
Ultra Blue
200................390
mcd
DRAWING NO. : DS-35-04-0637
DATE : 200
5-10-19
Page :
2
HD-R/RD014


Similar Part No. - 599R2GBC-CA

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
599R2GBC-CC HB-599R2GBC-CC Datasheet
395Kb / 8P
   5.0 mm DIA LED LAMP
More results

Similar Description - 599R2GBC-CA

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
540R2GBC-CA HB-540R2GBC-CA Datasheet
399Kb / 8P
   5.0 mm DIA LED LAMP
520PG2C-F2 HB-520PG2C-F2 Datasheet
327Kb / 11P
   5.0 mm DIA LED LAMP
599R2GBC-CC HB-599R2GBC-CC Datasheet
395Kb / 8P
   5.0 mm DIA LED LAMP
520CG6C-F2 HB-520CG6C-F2 Datasheet
334Kb / 9P
   5.0 mm DIA LED LAMP
560JY8C HB-560JY8C Datasheet
412Kb / 8P
   5.0 mm DIA LED LAMP
560PR2C HB-560PR2C Datasheet
318Kb / 8P
   5.0 mm DIA LED LAMP
520PG0C HB-520PG0C Datasheet
223Kb / 3P
   5.0 mm DIA LED LAMP
540R2GBC-CC HB-540R2GBC-CC Datasheet
368Kb / 8P
   5.0 mm DIA LED LAMP
560MY8C HB-560MY8C Datasheet
557Kb / 8P
   5.0 mm DIA LED LAMP
520LB7C-F2 HB-520LB7C-F2 Datasheet
328Kb / 11P
   5.0 mm DIA LED LAMP
520HR3C-F2 HB-520HR3C-F2 Datasheet
328Kb / 8P
   5.0 mm DIA LED LAMP
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com