Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NV2312CSNILDC10V0.57 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # NV2312CSNILDC10V0.57
Description  Small size, light weight(8g)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NV2312CSNILDC10V0.57 Datasheet(HTML) 1 Page - DB Lectro Inc

  NV2312CSNILDC10V0.57 Datasheet HTML 1Page - DB Lectro Inc NV2312CSNILDC10V0.57 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Small size, light weight
8g
g
Withstands high temperature, operational under 85
’ ambient temperature.
Heavy contact load switching current up to 30A.
Ordering Information
NV231
2C
Z
S
DC12V
0.57
1
2
3
4
5
6
1 Part number:NV231
2 Contact arrangement:2A:2A;2C:2C
3 Enclosure:S: Sealed type;Z: Dust cover
4 Mounting:NIL: Standard;S: SMT
5 Coil rated Voltage(V):DC:10,12
6 Coil power consumption:0.55:0.55W;0.57:0.57W
Contact Data
Contact Arrangement
2A
DPSTNO
f2C DPDT(B-M)
Contact Material
Ag SnO
2
Ag Ni
Contact Rating
Resistive
2A:20A/14VDC
2C:NO:20A/14VDC;
NC:15A/14VDC
Inductive:1.0mH
On 18A(NO)13A(NC)/14VDC
Off:8A/14VDC
Max. Switching Power
280W
Max. Switching Voltage
24VDC
Max. Switching Current:30A
Contact Resistance or Voltage drop
30mV (at 10A)
Item 3.12 of IEC255-7
Electrical
10
5
Item 3.30 of IEC255-7
Operation
life
Mechanical
10
7
Item 3.31 of IEC255-7
Coil Parameter
Coil voltage
VDC
Dash
Numbers
Rated
Max.
Coil
resistance
±10%
Pickup
voltage
VDC(max)
(57%of rated
voltage )
release voltage
VDC(min)
(12.5% of rated
voltage)
Coil power
consumption
W
Operate
Time
ms
Release
Time
ms
010-550
10
12
2
y181
5.7
1.25
2
y0.55
3
1.5
012-570
12
14.4
2
y254
6.9
1.5
2
y0.57
3
1.5
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
131
NV231
23.8
×12.9×9.9
www.dblectro.com


Similar Part No. - NV2312CSNILDC10V0.57

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NV2312CSDC10VN DBLECTRO-NV2312CSDC10VN Datasheet
389Kb / 2P
   Withstands high temperature, operating under 105 ambient temperature
NV2312CSDC10VS DBLECTRO-NV2312CSDC10VS Datasheet
389Kb / 2P
   Withstands high temperature, operating under 105 ambient temperature
NV2312CSDC12VN DBLECTRO-NV2312CSDC12VN Datasheet
389Kb / 2P
   Withstands high temperature, operating under 105 ambient temperature
NV2312CSDC12VS DBLECTRO-NV2312CSDC12VS Datasheet
389Kb / 2P
   Withstands high temperature, operating under 105 ambient temperature
NV2312CSSDC10VN DBLECTRO-NV2312CSSDC10VN Datasheet
389Kb / 2P
   Withstands high temperature, operating under 105 ambient temperature
More results

Similar Description - NV2312CSNILDC10V0.57

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NV2R ETC1-NV2R Datasheet
114Kb / 2P
   Small size, light weight.
logo
HuaXinAn Electronics CO...
NG8QW2C HUAXINAN-NG8QW2C Datasheet
425Kb / 1P
   Small size, light weight
NT72-2A HUAXINAN-NT72-2A Datasheet
581Kb / 1P
   Small size, light weight
NT741C HUAXINAN-NT741C Datasheet
333Kb / 1P
   Small size, light weight.
NV2M-2A HUAXINAN-NV2M-2A Datasheet
470Kb / 1P
   Small size, light weight
NT78A HUAXINAN-NT78A Datasheet
514Kb / 1P
   Small size, light weight
NT742C HUAXINAN-NT742C Datasheet
333Kb / 1P
   Small size, light weight.
NT72C HUAXINAN-NT72C Datasheet
581Kb / 1P
   Small size, light weight.
NT742B HUAXINAN-NT742B Datasheet
333Kb / 1P
   Small size, light weight
NV2R HUAXINAN-NV2R Datasheet
806Kb / 1P
   Small size, light weight
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com