Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTD4805N-1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTD4805N-1G
Description  Power MOSFET 30 V, 88 A, Single N?묬hannel, DPAK/IPAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD4805N-1G Datasheet(HTML) 2 Page - ON Semiconductor

  NTD4805N-1G Datasheet HTML 1Page - ON Semiconductor NTD4805N-1G Datasheet HTML 2Page - ON Semiconductor NTD4805N-1G Datasheet HTML 3Page - ON Semiconductor NTD4805N-1G Datasheet HTML 4Page - ON Semiconductor NTD4805N-1G Datasheet HTML 5Page - ON Semiconductor NTD4805N-1G Datasheet HTML 6Page - ON Semiconductor NTD4805N-1G Datasheet HTML 7Page - ON Semiconductor NTD4805N-1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NTD4805N
http://onsemi.com
2
THERMAL RESISTANCE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Junction−to−Case (Drain)
RqJC
2.25
°C/W
Junction−to−TAB (Drain)
RqJC−TAB
3.5
Junction−to−Ambient − Steady State (Note 1)
RqJA
67
Junction−to−Ambient − Steady State (Note 2)
RqJA
111
1. Surface−mounted on FR4 board using 1 in sq pad size, 1 oz Cu.
2. Surface−mounted on FR4 board using the minimum recommended pad size.
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
30
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
27
mV/
°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = 24 V
TJ = 25°C
1.0
mA
TJ = 125°C
10
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250 mA
1.5
2.5
V
Negative Threshold Temperature Coefficient
VGS(TH)/TJ
5.86
mV/
°C
Drain−to−Source On Resistance
RDS(on)
VGS = 10 to
11.5 V
ID = 30 A
4.3
5.0
m
W
ID = 15 A
4.2
VGS = 4.5 V
ID = 30 A
6.0
7.4
ID = 15 A
5.8
Forward Transconductance
gFS
VDS = 15 V, ID = 15 A
17
S
CHARGES AND CAPACITANCES
Input Capacitance
Ciss
VGS = 0 V, f = 1.0 MHz,
VDS = 12 V
2865
pF
Output Capacitance
Coss
610
Reverse Transfer Capacitance
Crss
338
Total Gate Charge
QG(TOT)
VGS = 4.5 V, VDS = 15 V,
ID = 30 A
20.5
26
nC
Threshold Gate Charge
QG(TH)
4.05
Gate−to−Source Charge
QGS
8.28
Gate−to−Drain Charge
QGD
8.36
Total Gate Charge
QG(TOT)
VGS = 11.5 V, VDS = 15 V,
ID = 30 A
48
nC
SWITCHING CHARACTERISTICS (Note 4)
Turn−On Delay Time
td(on)
VGS = 4.5 V, VDS = 15 V,
ID = 30 A, RG = 3.0 W
18.3
ns
Rise Time
tr
101.5
Turn−Off Delay Time
td(off)
16.3
Fall Time
tf
10.6
Turn−On Delay Time
td(on)
VGS = 11.5 V, VDS = 15 V,
ID = 30 A, RG = 3.0 W
8.1
ns
Rise Time
tr
23.1
Turn−Off Delay Time
td(off)
27.1
Fall Time
tf
5.7
3. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2%.
4. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NTD4805N-1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD4805N-1G ONSEMI-NTD4805N-1G Datasheet
122Kb / 8P
   Power MOSFET
September, 2014 ??Rev. 8
logo
VBsemi Electronics Co.,...
NTD4805N-1G VBSEMI-NTD4805N-1G Datasheet
995Kb / 7P
   N-Channel 30-V (D-S) MOSFET
logo
ON Semiconductor
NTD4805N-1G ONSEMI-NTD4805N-1G Datasheet
250Kb / 9P
   MOSFET – Power, Single, N-Channel, DPAK/IPAK 30 V, 88 A
May, 2019 - Rev. 8
More results

Similar Description - NTD4805N-1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD4805N ONSEMI-NTD4805N_V01 Datasheet
250Kb / 9P
   MOSFET – Power, Single, N-Channel, DPAK/IPAK 30 V, 88 A
May, 2019 - Rev. 8
NTD4965N ONSEMI-NTD4965N Datasheet
118Kb / 7P
   Power MOSFET 30 V, 68 A, Single N?묬hannel, DPAK/IPAK
April, 2011 ??Rev. 1
NTD4959N ONSEMI-NTD4959N Datasheet
151Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
June, 2010 ??Rev. 1
NTD4959NH ONSEMI-NTD4959NH Datasheet
152Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
May, 2009 ??Rev. 0
NVD4804NT4G ONSEMI-NVD4804NT4G Datasheet
92Kb / 8P
   Power MOSFET 30 V, 117 A, Single N?묬hannel, DPAK/IPAK
May, 2014 ??Rev. 9
NTD4810NH ONSEMI-NTD4810NH Datasheet
89Kb / 8P
   Power MOSFET 30 V, 54 A, Single N?묬hannel, DPAK/IPAK
December, 2006 ??Rev. 0
NTD4806N ONSEMI-NTD4806N_V01 Datasheet
119Kb / 8P
   Power MOSFET 30 V, 76 A, Single N?묬hannel, DPAK/IPAK
June, 2014 ??Rev. 10
NTD4809NH ONSEMI-NTD4809NH_07 Datasheet
81Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
March, 2007 Rev. 3
NTD4905N ONSEMI-NTD4905N Datasheet
148Kb / 8P
   Power MOSFET 30 V, 67 A, Single N?묬hannel, DPAK/IPAK
June, 2009 ??Rev. 0
NTD4809NH ONSEMI-NTD4809NH Datasheet
81Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
November, 2006 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com