Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

940MR2C Datasheet(PDF) 4 Page - HB Electronic Components

Part # 940MR2C
Description  FLUX LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

940MR2C Datasheet(HTML) 4 Page - HB Electronic Components

  940MR2C Datasheet HTML 1Page - HB Electronic Components 940MR2C Datasheet HTML 2Page - HB Electronic Components 940MR2C Datasheet HTML 3Page - HB Electronic Components 940MR2C Datasheet HTML 4Page - HB Electronic Components 940MR2C Datasheet HTML 5Page - HB Electronic Components 940MR2C Datasheet HTML 6Page - HB Electronic Components 940MR2C Datasheet HTML 7Page - HB Electronic Components 940MR2C Datasheet HTML 8Page - HB Electronic Components 940MR2C Datasheet HTML 9Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Page:
4
FLUX LED SPECIFICATION
Typical electrical/optical characteristic curves:
750
450
500
600
550
650
700
75
25
50
0
Wavelength λ(nm)
100
Ambient Temperature TA ()
-30
-10
10
0
0.5
1.0
1.5
70
90
50
30
RADIANT INTENSITY Vs.
AMBIENT TEMPERATURE
2.0
2.5
80
Ambient Temperature TA ()
40
0
020
20
40
60
80
60
100
40
IF-Forward Current (mA)
Forward Voltage(V)
020
FORWARD CURRENT
DERATING CURVE
100
2.8
2.0
0
2.4
20
40
60
3.2
0
0.5
1.0
1.5
60
80
100
RADIANT INTENSITY Vs.
FORWARD CURRENT
FORWARD CURRENT Vs
FORWARD VOLTAGE
80
100
2.0
2.5
1.6
1.2


Similar Part No. - 940MR2C

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
940MW7C HB-940MW7C Datasheet
810Kb / 10P
   FLUX LED
940MWO4C HB-940MWO4C Datasheet
277Kb / 10P
   LED
940MY8C HB-940MY8C Datasheet
660Kb / 9P
   FLUX LED
More results

Similar Description - 940MR2C

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
913MY8C HB-913MY8C Datasheet
609Kb / 9P
   FLUX LED
940MW7C HB-940MW7C Datasheet
810Kb / 10P
   FLUX LED
940MY8C HB-940MY8C Datasheet
660Kb / 9P
   FLUX LED
980MY8C HB-980MY8C Datasheet
605Kb / 9P
   FLUX LED
logo
Ningbo Foryard Optoelec...
FYLF-1870UR1C FORYARD-FYLF-1870UR1C_15 Datasheet
416Kb / 7P
   Flux LED
FYLF-1870UY1C FORYARD-FYLF-1870UY1C_15 Datasheet
416Kb / 7P
   Flux LED
logo
HB Electronic Component...
980LB7C HB-980LB7C Datasheet
603Kb / 9P
   FLUX LED
980PB6C HB-980PB6C Datasheet
648Kb / 9P
   FLUX LED
logo
Ningbo Foryard Optoelec...
FYLF-1870UW1C FORYARD-FYLF-1870UW1C_15 Datasheet
416Kb / 7P
   Flux LED
FYLF-1870UW1C-UWW FORYARD-FYLF-1870UW1C-UWW Datasheet
416Kb / 7P
   Flux LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com