Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

980MW7C Datasheet(PDF) 3 Page - HB Electronic Components

Part # 980MW7C
Description  FLUX LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

980MW7C Datasheet(HTML) 3 Page - HB Electronic Components

  980MW7C Datasheet HTML 1Page - HB Electronic Components 980MW7C Datasheet HTML 2Page - HB Electronic Components 980MW7C Datasheet HTML 3Page - HB Electronic Components 980MW7C Datasheet HTML 4Page - HB Electronic Components 980MW7C Datasheet HTML 5Page - HB Electronic Components 980MW7C Datasheet HTML 6Page - HB Electronic Components 980MW7C Datasheet HTML 7Page - HB Electronic Components 980MW7C Datasheet HTML 8Page - HB Electronic Components 980MW7C Datasheet HTML 9Page - HB Electronic Components Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Bin Code
LM
Bin Code
LM
Bin Code
LM
Bin Code
LM
A
<=0.46
E
1.0-1.3
J
2.8-3.6
N
7.8-10.0
B
0.46-0.60
F
1.3-1.7
K
3.6-4.7
P
10-13
C
0.60-0.77
G
1.7-2.2
L
4.7-6.0
Q
13-17
D
0.77-1.0
H
2.2-2.8
M
6.0-7.8
R
17-22
Placing of white color BINs on CIE table
B1
450-455
YG1
555-558
B2
455-460
YG2
558-561
B3
460-465
YG3
561-564
B4
465-470
YG4
564-567
B5
470-475
YG5
567-570
B6
475-480
YG6
570-573
G1
491-494
YG7
573-576
G2
494-497
Y1
582-585
G3
497-500
Y2
585-588
G4
500-503
Y3
588-591
G5
503-506
Y4
591-594
G6
506-509
Y5
594-597
G7
509-512
YO1
597-600
G8
512-515
YO2
600-603
G9
515-518
YO3
603-606
G10
518-521
YO4
606-609
G11
521-524
O1
609-612
G12
524-527
O2
612-615
G13
527-530
O3
615-618
G14
530-533
R1
618-621
G15
533-536
R2
621-624
G16
536-539
R3
624-627
G17
539-542
R4
627-630
G18
542-545
R5
630-633
G19
545-548
R6
633-636
Bin Code
VF (V)
Bin Code
VF (V) Bin Code
VF (V)
Bin Code
VF (V)
V1
1.6-1.8
V5
2.4-2.6
V9
3.2-3.4
V13
4.0-4.2
V2
1.8-2.0
V6
2.6-2.8
V10
3.4-3.6
V14
4.2-4.4
V3
2.0-2.2
V7
2.8-3.0
V11
3.6-3.8
V15
4.4-4.6
V4
2.2-2.4
V8
3.0-3.2
V12
3.8-4.0
V16
4.6-4.8
FORWARD VOLTAGE (VF) BIN
RED
BLUE
FOR WHITE COLOR BINS SEE PAGE 3B
PURE
GREEN
FLUX BIN FOR PIRANHA (UFO) LEDS
Page:
3A


Similar Part No. - 980MW7C

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
980MR2C HB-980MR2C Datasheet
609Kb / 9P
   FLUX LED
980MY8C HB-980MY8C Datasheet
605Kb / 9P
   FLUX LED
More results

Similar Description - 980MW7C

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
913MY8C HB-913MY8C Datasheet
609Kb / 9P
   FLUX LED
940MW7C HB-940MW7C Datasheet
810Kb / 10P
   FLUX LED
940MY8C HB-940MY8C Datasheet
660Kb / 9P
   FLUX LED
980MY8C HB-980MY8C Datasheet
605Kb / 9P
   FLUX LED
logo
Ningbo Foryard Optoelec...
FYLF-1870UR1C FORYARD-FYLF-1870UR1C_15 Datasheet
416Kb / 7P
   Flux LED
FYLF-1870UY1C FORYARD-FYLF-1870UY1C_15 Datasheet
416Kb / 7P
   Flux LED
logo
HB Electronic Component...
980LB7C HB-980LB7C Datasheet
603Kb / 9P
   FLUX LED
980PB6C HB-980PB6C Datasheet
648Kb / 9P
   FLUX LED
logo
Ningbo Foryard Optoelec...
FYLF-1870UW1C FORYARD-FYLF-1870UW1C_15 Datasheet
416Kb / 7P
   Flux LED
FYLF-1870UW1C-UWW FORYARD-FYLF-1870UW1C-UWW Datasheet
416Kb / 7P
   Flux LED
logo
HB Electronic Component...
940MR2C HB-940MR2C Datasheet
639Kb / 9P
   FLUX LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com