Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC7731D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC7731D
Description  Quad 64-bit static shift register
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC7731D Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC7731D Datasheet HTML 1Page - NXP Semiconductors 74HC7731D Datasheet HTML 2Page - NXP Semiconductors 74HC7731D Datasheet HTML 3Page - NXP Semiconductors 74HC7731D Datasheet HTML 4Page - NXP Semiconductors 74HC7731D Datasheet HTML 5Page - NXP Semiconductors 74HC7731D Datasheet HTML 6Page - NXP Semiconductors 74HC7731D Datasheet HTML 7Page - NXP Semiconductors 74HC7731D Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
September 1993
2
Philips Semiconductors
Product specification
Quad 64-bit static shift register
74HC/HCT7731
FEATURES
• Frequency range DC to 100 MHz.
• Separate serial data inputs
• Cascadable
• Functionally compatible with
HEF 4731
• Includes recycling mode
• Direct shift out
• Output capability: Standard
• ICC category: LSI.
APPLICATIONS
• Data storage
• Delay line.
GENERAL DESCRIPTION
The HC/HCT7731 are high-speed
Si-gate CMOS devices. They are
specified in compliance with JEDEC
standard no. 7A.
The HC/HCT7731 are quad 64-bit
static shift registers with a recycling
mode. Each register has separate
data inputs Da to Dd, clock inputs CPa
to CPd and data outputs Qa to Qd.
Data shifts one place towards the
output, each LOW to HIGH transition
of the clock pulse. Each recycling
mode input controls two registers
RECab for registers A and B and
RECcd for registers C and D. When
the REC input is HIGH, the device is
in the recycling mode and data at the
output is shifted back into the input of
the register, so after 64 clock pulses
the contents of a register is again in
its original position. This enables the
user to tap off data from any position.
When the REC input is LOW external
data can be shifted in.
QUICK REFERENCE DATA
GND = 0 V; Tamb = 25 °C; tr = tf = 6 ns.
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW):
PD = (CPD x VCC2 x fi) + (CL + VCC2 x fo) + (Ipull-up x VCC)
where:
fi = input frequency in MHz.
fo = output frequency in MHz.
VCC = supply voltage in V.
CL = output load capacitance in pF.
Ipull-up = pull-up currents in µA.
2. For HC the condition is VI = GND to VCC
For HCT the condition is VI = GND to VCC − 1.5 V.
3. See also power dissipation information.
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
TYP.
UNIT
HC
HCT
tPHL/tPLH
propagation delay
CPa-d to Qa-d
CL = 15 pF;
VCC = 5 V
15
20
ns
fmax
maximum clock
frequency
100
100
MHz
CI
input capacitance
3.5
3.5
pF
CPD
power dissipation
capacitance per register
notes 1, 2
and 3
58
61
pF
EXTENDED TYPE
NUMBER
PACKAGE
PINS
PIN POSITION
MATERIAL
CODE
74HC/HCT7731N
16
DIL
plastic
SOT38Z
74HC/HCT7731D
16
SO16
plastic
SOT109A


Similar Part No. - 74HC7731D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC7014 PHILIPS-74HC7014 Datasheet
61Kb / 9P
   Hex non-inverting precision Schmitt-trigger
1998 Jul 08
logo
Nexperia B.V. All right...
74HC7014 NEXPERIA-74HC7014 Datasheet
209Kb / 11P
   Hex non-inverting precision Schmitt-trigger
Rev. 5 - 7 July 2022
74HC7014-Q100 NEXPERIA-74HC7014-Q100 Datasheet
833Kb / 12P
   Hex non-inverting precision Schmitt-trigger
logo
NXP Semiconductors
74HC7014D PHILIPS-74HC7014D Datasheet
61Kb / 9P
   Hex non-inverting precision Schmitt-trigger
1998 Jul 08
logo
Nexperia B.V. All right...
74HC7014D NEXPERIA-74HC7014D Datasheet
209Kb / 11P
   Hex non-inverting precision Schmitt-trigger
Rev. 5 - 7 July 2022
More results

Similar Description - 74HC7731D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
4731B FAIRCHILD-4731B Datasheet
284Kb / 2P
   QUAD 64-BIT STATIC SHIFT REGISTER
logo
NXP Semiconductors
HEF4517B NXP-HEF4517B_09 Datasheet
152Kb / 15P
   Dual 64-bit static shift register
Rev. 06-10 December 2009
logo
Hitachi Semiconductor
HD14517B HITACHI-HD14517B Datasheet
96Kb / 5P
   Dual 64-bit Static Shift Register
logo
NXP Semiconductors
HEF4517B PHILIPS-HEF4517B Datasheet
75Kb / 8P
   Dual 64-bit static shift register
January 1995
logo
ON Semiconductor
MC14517B ONSEMI-MC14517B Datasheet
157Kb / 8P
   Dual 64-Bit Static Shift Register
March, 2000 ??Rev. 3
logo
NXP Semiconductors
HEF4731B PHILIPS-HEF4731B Datasheet
49Kb / 4P
   Quadruple 64-bit static shift register
January 1995
logo
ON Semiconductor
MC14517B ONSEMI-MC14517B_14 Datasheet
109Kb / 5P
   Dual 64-Bit Static Shift Register
July, 2014 ??Rev. 9
logo
National Semiconductor ...
CD4031BM NSC-CD4031BM Datasheet
145Kb / 6P
   64-Stage Static Shift Register
logo
STMicroelectronics
HCC4031B STMICROELECTRONICS-HCC4031B Datasheet
241Kb / 12P
   64-STAGE STATIC SHIFT REGISTER
logo
NXP Semiconductors
HEF4031B PHILIPS-HEF4031B Datasheet
76Kb / 7P
   64-stage static shift register
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com