Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1206KYCT Datasheet(PDF) 4 Page - HB Electronic Components

Part # 1206KYCT
Description  SURFACE MOUNT DEVICE LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

1206KYCT Datasheet(HTML) 4 Page - HB Electronic Components

  1206KYCT Datasheet HTML 1Page - HB Electronic Components 1206KYCT Datasheet HTML 2Page - HB Electronic Components 1206KYCT Datasheet HTML 3Page - HB Electronic Components 1206KYCT Datasheet HTML 4Page - HB Electronic Components 1206KYCT Datasheet HTML 5Page - HB Electronic Components 1206KYCT Datasheet HTML 6Page - HB Electronic Components 1206KYCT Datasheet HTML 7Page - HB Electronic Components 1206KYCT Datasheet HTML 8Page - HB Electronic Components 1206KYCT Datasheet HTML 9Page - HB Electronic Components Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SURFACE MOUNT DEVICE LED
Part No. : 1206KYCT
REV:B / 01
Typical Electro-Optical Characteristics Curves
(25℃ Ambient Temperature Unless Otherwise Noted)
0.7
0.1
0.5 0.3
0.4
0.2
0.6
90°
80°
Fig.5 Luminous Intensity vs.Ambient Temperature
Ambient Temperature Ta(℃)
20
1.0
0.8
0.9
-40
-60
1
-20 -0
70°
60°
50°
40°
30°
10°
20°
4
0 60
100
80
Fig.6 Forward Current Derating Curve
Ambient Temperature Ta(℃)
0
0
20
40
80
60
100
Fig.2 Forward Current vs.Forward Voltage
10
100
1000
10
20
30
40
50
Fig.4 Relative Luminous Intensity vs.Forward Current
Fig.7 Relative Intensity vs.Angle
Fig.3 Luminous Intensity vs.Forward Current
DRAWING NO. : DS-71-04-0005
DATE : 2004-06-07
PAGE 4 of 10


Similar Part No. - 1206KYCT

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
1206K100JA11A AVX-1206K100JA11A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
1206K100JA13A AVX-1206K100JA13A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
1206K100JA19A AVX-1206K100JA19A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
1206K100JAT1A AVX-1206K100JAT1A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
1206K100JAT3A AVX-1206K100JAT3A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
More results

Similar Description - 1206KYCT

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
0603KRCT HB-0603KRCT Datasheet
745Kb / 10P
   SURFACE MOUNT DEVICE LED
0603LGCT HB-0603LGCT Datasheet
811Kb / 10P
   SURFACE MOUNT DEVICE LED
logo
PARA LIGHT ELECTRONICS ...
L-T670KGCT PARALIGHT-L-T670KGCT Datasheet
745Kb / 14P
   SURFACE MOUNT DEVICE LED
L-T670WDT-NW2-Q PARALIGHT-L-T670WDT-NW2-Q Datasheet
297Kb / 17P
   SURFACE MOUNT DEVICE LED
L-T2835WDT-NW1-Q PARALIGHT-L-T2835WDT-NW1-Q Datasheet
222Kb / 15P
   SURFACE MOUNT DEVICE LED
L-T670WDT-CW1 PARALIGHT-L-T670WDT-CW1 Datasheet
882Kb / 16P
   SURFACE MOUNT DEVICE LED
L-C155TBJSCT-5A PARALIGHT-L-C155TBJSCT-5A Datasheet
234Kb / 13P
   SURFACE MOUNT DEVICE LED
L-C170JGCT PARALIGHT-L-C170JGCT Datasheet
273Kb / 14P
   SURFACE MOUNT DEVICE LED
L-C170JYCT PARALIGHT-L-C170JYCT Datasheet
301Kb / 14P
   SURFACE MOUNT DEVICE LED
L-C170LBCT PARALIGHT-L-C170LBCT Datasheet
307Kb / 14P
   SURFACE MOUNT DEVICE LED
L-C170WDT PARALIGHT-L-C170WDT Datasheet
294Kb / 15P
   SURFACE MOUNT DEVICE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com