Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38C32E8MXXXFS Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M38C32E8MXXXFS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38C32E8MXXXFS Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M38C32E8MXXXFS Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M38C32E8MXXXFS Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M38C32E8MXXXFS Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M38C32E8MXXXFS Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M38C32E8MXXXFS Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M38C32E8MXXXFS Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M38C32E8MXXXFS Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M38C32E8MXXXFS Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M38C32E8MXXXFS Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 62 page
background image
5
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
38C3 Group
M38C3
4
M
6 A
XXX
FP
Product
ROM/PROM size
1
2
3
4
5
6
7
8
: 4096 bytes
: 8192 bytes
: 12288 bytes
: 16384 bytes
: 20480 bytes
: 24576 bytes
: 28672 bytes
: 32768 bytes
The first 128 bytes and the last 2 bytes of ROM
are reserved areas ; they cannot be used.
Memory type
M
E
: Mask ROM version
: EPROM or One Time PROM version
RAM size
0
1
2
3
4
5
6
7
: 192 bytes
: 256 bytes
: 384 bytes
: 512 bytes
: 640 bytes
: 768 bytes
: 896 bytes
: 1024 bytes
Package type
FP
FS
ROM number
Omitted in some types.
A : Standard(Note)
M : M version
: 80P6N-A package
: 80D0 package
9
A
B
C
: 36864 bytes
: 40960 bytes
: 45056 bytes
: 49152 bytes
Note : Difference between standard and M version
• Standard :
• M version :
Port P50/TAOUT pin remains set to the input mode until the direction
register is set to the output mode during reset and after
reset.
Port P50/TAOUT pin remains set to the output mode (“L” output) until
the direction register is set to the input mode during reset
and after reset.
PART NUMBERING
Fig. 3 Part numbering


Similar Part No. - M38C32E8MXXXFS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38C32E8MXXXFS RENESAS-M38C32E8MXXXFS Datasheet
1Mb / 224P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
More results

Similar Description - M38C32E8MXXXFS

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com