Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL-IRM0101-3 Datasheet(PDF) 10 Page - HB Electronic Components

Part # PL-IRM0101-3
Description  INFRARED REMOTE CONTROL RECEIVER MODULE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

PL-IRM0101-3 Datasheet(HTML) 10 Page - HB Electronic Components

Back Button PL-IRM0101-3 Datasheet HTML 2Page - HB Electronic Components PL-IRM0101-3 Datasheet HTML 3Page - HB Electronic Components PL-IRM0101-3 Datasheet HTML 4Page - HB Electronic Components PL-IRM0101-3 Datasheet HTML 5Page - HB Electronic Components PL-IRM0101-3 Datasheet HTML 6Page - HB Electronic Components PL-IRM0101-3 Datasheet HTML 7Page - HB Electronic Components PL-IRM0101-3 Datasheet HTML 8Page - HB Electronic Components PL-IRM0101-3 Datasheet HTML 9Page - HB Electronic Components PL-IRM0101-3 Datasheet HTML 10Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
INFRARED REMOTE CONTROL RECEIVER MODULE
PL-IRM0101-3
REV: B / 0
Reliability Test Item And Condition
Samples (n)
Test Items
Test Conditions
Failure Judgment Criteria
Defectives(c)
High Temperature
Storage
+85℃ 240hrs
N=22
C=0
Low Temperature
Storage
-25℃ 240hrs
N=22
C=0
Temperature Cycle
-55℃--------+105℃
(10min)
(10min)
20cycles
N=22
C=0
High Temperature
High Humidity
85℃ 85%RH 240hrs
N=22
C=0
Soldering Heat
255±5℃ 10s
Performance test
requirement and
criteria given in page 6
should be satisfied.
N=22
C=0
Others:
The appearance and specifications of the product may be modified for improvement without notice.
DRAWING NO.: DS-27-01-0001
DATE: 2004-08-31
Page: 1
0


Similar Part No. - PL-IRM0101-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PL-IRM0101-3 ETC1-PL-IRM0101-3 Datasheet
1Mb / 14P
   RECEIVER MODULE
More results

Similar Description - PL-IRM0101-3

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IRM-8885V-P EVERLIGHT-IRM-8885V-P Datasheet
231Kb / 9P
   Infrared Remote-control Receiver Module
IRM-8751-2 EVERLIGHT-IRM-8751-2 Datasheet
251Kb / 9P
   Infrared Remote-control Receiver Module
IRM-2638AF31 EVERLIGHT-IRM-2638AF31 Datasheet
220Kb / 9P
   Infrared Remote-control Receiver Module
IRM-2738F4 EVERLIGHT-IRM-2738F4 Datasheet
295Kb / 10P
   Infrared Remote-control Receiver Module
IRM-8608S-5 EVERLIGHT-IRM-8608S-5 Datasheet
250Kb / 9P
   Infrared Remote-control Receiver Module
logo
List of Unclassifed Man...
IRM-2638V ETC-IRM-2638V Datasheet
197Kb / 9P
   Infrared Remote-control Receiver Module
logo
Everlight Electronics C...
IRM-H6XXT EVERLIGHT-IRM-H6XXT Datasheet
223Kb / 11P
   Infrared Remote-control Receiver Module
IRM-8751-1 EVERLIGHT-IRM-8751-1 Datasheet
251Kb / 9P
   Infrared Remote-control Receiver Module
IRM-3633AF4 EVERLIGHT-IRM-3633AF4 Datasheet
235Kb / 9P
   Infrared Remote-control Receiver Module
IRM-3736 EVERLIGHT-IRM-3736 Datasheet
256Kb / 9P
   Infrared Remote-control Receiver Module
IRM-8608S-2 EVERLIGHT-IRM-8608S-2 Datasheet
250Kb / 9P
   Infrared Remote-control Receiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com