Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF-MSMF014 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # MF-MSMF014
Description  MF-MSMF Series - PTC Resettable Fuses
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-MSMF014 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  MF-MSMF014 Datasheet HTML 1Page - Bourns Electronic Solutions MF-MSMF014 Datasheet HTML 2Page - Bourns Electronic Solutions MF-MSMF014 Datasheet HTML 3Page - Bourns Electronic Solutions MF-MSMF014 Datasheet HTML 4Page - Bourns Electronic Solutions MF-MSMF014 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
*
RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Characteristics
Max. Time
Tripped
Ihold
Itrip
To Trip
Power
Resistance
Dissipation
Model
Amperes
Ohms
Amperes
Seconds
Watts
V max.
I max.
at 23 °C
at 23 °C
at 23 °C
at 23 °C
at 23 °C
Volts
Amps
Hold
Trip
RMin.
R1Max.
Typ.
MF-MSMF010
60.0
40
0.10
0.30
0.70
15.00
0.5
1.50
0.8
MF-MSMF014
60.0
40
0.14
0.34
0.40
6.50
1.5
0.15
0.8
MF-MSMF020
30.0
80
0.20
0.40
0.40
6.00
6.0
0.06
0.8
MF-MSMF030
30.0
10
0.30
0.60
0.30
3.00
8.0
0.10
0.8
MF-MSMF050
15.0
100
0.50
1.00
0.15
1.00
8.0
0.15
0.8
MF-MSMF075
13.2
100
0.75
1.50
0.11
0.45
8.0
0.20
0.8
MF-MSMF075/24
24.0
40
0.75
1.50
0.11
0.45
8.0
0.20
0.8
MF-MSMF110
6.0
100
1.10
2.20
0.04
0.21
8.0
0.30
0.8
MF-MSMF110/16
16.0
100
1.10
2.20
0.04
0.21
8.0
0.30
0.8
MF-MSMF125
6.0
100
1.25
2.50
0.035
0.14
8.0
0.40
0.8
MF-MSMF150
6.0
100
1.50
3.00
0.03
0.120
8.0
0.5
0.8
MF-MSMF160
8.0
100
1.60
2.80
0.035
0.099
8.0
2.0
0.8
MF-MSMF200
8.0
40
2.00
4.00
0.020
0.080
8.0
3.0
0.8
MF-MSMF250/16
16.0
100
2.50
5.00
0.015
0.100
8.0
5.0
0.8
MF-MSMF260
6.0
100
2.60
5.20
0.015
0.080
8.0
5.0
0.8
Operating Temperature ......................................-40 °C to +85 °C
Maximum Device Surface Temperature
in Tripped State ................................................125 °C
Passive Aging......................................................+85 °C, 1000 hours ....................................±5 % typical resistance change
Humidity Aging....................................................+85 °C, 85 % R.H. 1000 hours ..................±5 % typical resistance change
Thermal Shock ....................................................+85 °C to -40 °C, 20 times ........................±10 % typical resistance change
Solvent Resistance ............................................MIL-STD-202, Method 215 ........................No change
Vibration ..............................................................MIL-STD-883C, Method 2007.1, ................No change
Condition A
Environmental Characteristics
Test
Test Conditions
Accept/Reject Criteria
Visual/Mech.....................................Verify dimensions and materials ....................................Per MF physical description
Resistance ......................................In still air @ 23 °C............................................................Rmin ≤ R ≤ R1max
Time to Trip ....................................At specified current, Vmax, 23 °C ..................................T ≤ max. time to trip (seconds)
Hold Current ..................................30 min. at Ihold ..............................................................No trip
Trip Cycle Life ................................Vmax, Imax, 100 cycles ..................................................No arcing or burning
Trip Endurance ................................Vmax, 48 hours ..............................................................No arcing or burning
Solderability ....................................ANSI/J-STD-002 ............................................................95 % min. coverage
UL File Number ..................................E174545
http://www.ul.com/ Follow link to Certifications, then UL File No., enter E174545
CSA File Number ................................CA110338
http://directories.csa-international.org/ Under “Certification Record” and “File Number” enter 110338-0-000
(Model MF-MSMF110 is CSA approved)
TÜV Certificate Number......................R 02057213
http://www.tuvdotcom.com/ Follow link to “other certificates”, enter File No. 2057213
(Model MF-MSMF110 is TÜV approved)
Test Procedures And Requirements For Model MF-MSMF Series
MF-MSMF Series - PTC Resettable Fuses
Features
100 % electrically compatible with all
previous generations of 1812 SMT devices
Compatible with Pb and Pb-free solder
reflow profiles
Surface mount packaging for automated
assembly
RoHS compliant*
Agency recognition:
Applications
High Density Circuit Board Applications:
Hard disk drives
PC motherboards
PC peripherals
Point-of-sale (POS) equipment
PCMCIA cards
USB ports
TV Rheinland


Similar Part No. - MF-MSMF014

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-MSMF014 BOURNS-MF-MSMF014 Datasheet
319Kb / 5P
   Surface mount packaging for automated assembly
MF-MSMF014 BOURNS-MF-MSMF014 Datasheet
319Kb / 5P
   Surface mount packaging for automated assembly
MF-MSMF014 BOURNS-MF-MSMF014 Datasheet
319Kb / 5P
   Compliant with AEC-Q200 Rev-C- Stress Test Qualifi cation for Passive Components in Automotive Applications
MF-MSMF014 BOURNS-MF-MSMF014 Datasheet
319Kb / 5P
   PTC Resettable Fuses
MF-MSMF014 BOURNS-MF-MSMF014 Datasheet
319Kb / 5P
   MF-MSMF Series - PTC Resettable Fuses
More results

Similar Description - MF-MSMF014

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-MSMF125-2 BOURNS-MF-MSMF125-2 Datasheet
396Kb / 5P
   MF-MSMF Series - PTC Resettable Fuses
MFMSMF BOURNS-MFMSMF Datasheet
319Kb / 5P
   MF-MSMF Series - PTC Resettable Fuses
MF-MSMF200-2 BOURNS-MF-MSMF200-2 Datasheet
356Kb / 5P
   MF-MSMF Series - PTC Resettable Fuses
MF-MSMF020-2 BOURNS-MF-MSMF020-2 Datasheet
319Kb / 5P
   MF-MSMF Series - PTC Resettable Fuses
MF-SM125-2 BOURNS-MF-SM125-2 Datasheet
287Kb / 4P
   MF-SM Series - PTC Resettable Fuses
MF-SM100-2 BOURNS-MF-SM100-2 Datasheet
298Kb / 5P
   MF-SM Series - PTC Resettable Fuses
MF-PSMF010X BOURNS-MF-PSMF010X Datasheet
300Kb / 3P
   MF-PSMF Series - PTC Resettable Fuses
MF-R110-0-99 BOURNS-MF-R110-0-99 Datasheet
210Kb / 6P
   MF-R Series - PTC Resettable Fuses
MF-SM200-2 BOURNS-MF-SM200-2 Datasheet
290Kb / 4P
   MF-SM Series - PTC Resettable Fuses
MF-R110-2 BOURNS-MF-R110-2 Datasheet
210Kb / 6P
   MF-R Series - PTC Resettable Fuses
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com