Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62702-F1613 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # Q62702-F1613
Description  Silicon N-Channel MOSFET Tetrode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-F1613 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  Q62702-F1613 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-F1613 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-F1613 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-F1613 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BF 1009
Semiconductor Group
4
Sep-09-1998
Gate 1 input capacitance
Cg1ss = f (Vg2s)
f = 200MHz
0.0
1.0
2.0
3.0
4.0
V
6.0
VG2S
0.0
0.4
0.8
1.2
1.6
2.0
2.4
pF
3.2
Output capacitance
Cdss = f (VG2)
f = 200MHz
0.0
1.0
2.0
3.0
4.0
V
6.0
VG2S
0.0
0.4
0.8
1.2
1.6
2.0
2.4
mA
3.2
Semiconductor Group
4
1998-11-01


Similar Part No. - Q62702-F1613

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-F1611 SIEMENS-Q62702-F1611 Datasheet
59Kb / 7P
   NPN Silicon RF Transistor (For low-noise amplifiers up to 2GHz at collector currents from 0.5 mA to 20 mA.)
More results

Similar Description - Q62702-F1613

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF1009S INFINEON-BF1009S Datasheet
251Kb / 5P
   Silicon N-Channel MOSFET Tetrode
Feb-18-2004
BF5030W INFINEON-BF5030W Datasheet
168Kb / 10P
   Silicon N-Channel MOSFET Tetrode
2006-04-13
BF5030 INFINEON-BF5030_09 Datasheet
585Kb / 13P
   Silicon N-Channel MOSFET Tetrode
2009-05-05
BF2030 INFINEON-BF2030 Datasheet
277Kb / 6P
   Silicon N-Channel MOSFET Tetrode
Apr-23-2004
BF1009S INFINEON-BF1009S_07 Datasheet
84Kb / 8P
   Silicon N-Channel MOSFET Tetrode
2007-04-20
BF2040 INFINEON-BF2040_07 Datasheet
210Kb / 11P
   Silicon N-Channel MOSFET Tetrode
2007-06-01
BF998 INFINEON-BF998 Datasheet
249Kb / 6P
   Silicon N-Channel MOSFET Tetrode
Feb-13-2004
BF1005 INFINEON-BF1005 Datasheet
252Kb / 5P
   Silicon N-Channel MOSFET Tetrode
Feb-18-2004
BF1005S INFINEON-BF1005S Datasheet
252Kb / 5P
   Silicon N-Channel MOSFET Tetrode
Feb-18-2004
logo
Siemens Semiconductor G...
BF2000 SIEMENS-BF2000 Datasheet
19Kb / 3P
   Silicon N Channel MOSFET Tetrode
logo
Infineon Technologies A...
BF1009SW INFINEON-BF1009SW Datasheet
48Kb / 4P
   Silicon N-Channel MOSFET Tetrode
Jun-28-2001
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com