Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDR12 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # DDR12
Description  Tracking Dual Output DC-DC Converters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DDR12 Datasheet(HTML) 2 Page - Artesyn Technologies

  DDR12 Datasheet HTML 1Page - Artesyn Technologies DDR12 Datasheet HTML 2Page - Artesyn Technologies DDR12 Datasheet HTML 3Page - Artesyn Technologies DDR12 Datasheet HTML 4Page - Artesyn Technologies DDR12 Datasheet HTML 5Page - Artesyn Technologies DDR12 Datasheet HTML 6Page - Artesyn Technologies DDR12 Datasheet HTML 7Page - Artesyn Technologies DDR12 Datasheet HTML 8Page - Artesyn Technologies DDR12 Datasheet HTML 9Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SXA10 Series
| 15W DC/DC
DDR12 Series | Tracking Dual Output
DC-DC Converters
2
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Input voltage - turn on
Vin (on)
10
10.2
10.4
Vdc
Input voltage - turn off
Vin (off)
9.7
9.9
10.1
Vdc
Turn on delay - enabled,
Tdelay
5
ms
With the enable signal asserted,
then power applied
(power)
this is the time from when the
input voltage reaches the
minimum specified operating
voltage until the POWER GOOD
is asserted high
Turn on delay - power
Tdelay
5ms
Vin = Vin (nom), then enabled.
applied, then enabled
(enable)
This is the time taken until the
POWER GOOD is asserted
high
Output to POWER GOOD
Tdelay
3
ms
Output voltage in full regulation
delay
to POWER GOOD asserted high
Rise time
Trise
2ms
Stresses in excess of the maximum ratings can cause permanent damage to the device. Operation of the device is not implied at these or any
other conditions in excess of those given in the specification. Exposure to absolute maximum ratings can adversely affect device reliability.
All specifications are typical at Vin(nom), Vddq = 2.5 V, Vtt = 1.25 V and full load. Tests were performed at 25 ˚C unless otherwise stated.
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Input voltage - continuous
Vin (cont)
-0.3
13.2
Vdc
Vin(+) - Vin(-)
Input voltage - nominal
Vin (nom)
12
Operating temperature
Top
0
80
ºC
Refer to derating guidelines
and Note 1
Storage temperature
Tstorage
-40
125
ºC
Output current
Iddq (max)
25
A
Itt (max)
8
A
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Input voltage - operating
Vin (oper)
10.8
12
13.2
Vdc
Input current - min. load
lin
400
mAdc
Vin (min) - Vin (max), enabled
Input current - Quiescent
lin (off)
20
mAdc
Converter disabled
Absolute Maximum Ratings
Input Characteristics
Turn On/Off
File Name: lf_ddr12.pdf Rev: 29 Nov 2005


Similar Part No. - DDR12

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DDR12 EMERSON-NETWORKPOWER-DDR12 Datasheet
248Kb / 3P
   DC-DC CONVERTERS
DDR12-25D08-AJ EMERSON-NETWORKPOWER-DDR12-25D08-AJ Datasheet
248Kb / 3P
   DC-DC CONVERTERS
More results

Similar Description - DDR12

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
V7PC-10AT5 BEL-V7PC-10AT5 Datasheet
122Kb / 2P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 50% Tracking Output / 10A
logo
Extech Instruments Corp...
382285 EXTECH-382285 Datasheet
175Kb / 1P
   Dual Tracking, Triple Output DC Power Supply
logo
C&D Technologies
NMH05055 CANDD-NMH05055 Datasheet
111Kb / 2P
   ISOLATED 2W DUAL OUTPUT DC-DC CONVERTERS
logo
Murata Manufacturing Co...
BWR-5 MURATA-BWR-5 Datasheet
151Kb / 5P
   7-10W, Dual Output DC/DC converters
logo
Murata Power Solutions ...
NMH MURATA-PS-NMH Datasheet
272Kb / 6P
   Isolated 2W Dual Output DC/DC Converters
logo
RSG Electronic Componen...
DS3-XX3.3D RSG-DS3-XX3.3D Datasheet
60Kb / 1P
   Dual output unregulated DC/DC converters 1W
logo
Murata Manufacturing Co...
BWR-12 MURATA-BWR-12 Datasheet
136Kb / 4P
   3 Watt, Dual Output DC/DC Converters
logo
Microdc power Technolog...
2A-XSD MICRODC-2A-XSD Datasheet
632Kb / 4P
   Isolated 2W Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NDH2415SC MURATA-NDH2415SC Datasheet
113Kb / 4P
   Isolated 3W Dual Output DC/DC Converters
logo
C&D Technologies
NMH CANDD-NMH Datasheet
111Kb / 2P
   Isolated 2W Dual Output DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com