Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPF600 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # DPF600
Description  Dual output 600 Watt AC/DC PFC front-end for distributed power architectures
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DPF600 Datasheet(HTML) 1 Page - Artesyn Technologies

  DPF600 Datasheet HTML 1Page - Artesyn Technologies DPF600 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
International Safety Standard Approvals
VDE0805/EN60950/IEC950
UL1950 File No. E136005
CSA C22.2 No. 950 File No. LR41062C
Certificate No. 606090
TÜV
Patent No. 5446366
OUTPUT SPECIFICATIONS
Voltage set point
-49VDC ±245mVDC
with 2A load applied
Total regulation
Main output
±5.0%
Full load to no load
Rise time
At turn-on
0.5s, max.
Transient response
Main output
5.0% max. dev.,
50% to 100%
1ms recovery
step at 1.0A/µs
to 1.0%
Ripple and noise
Main output
750mV pk-pk,
(0Hz to 30MHz)
Auxiliary output
100mV pk-pk
Overvoltage protection
Latching main output
-55V to -60V
Latching
5.7V to 6.5V
Output power limit
750W
Short circuit protection
Non-latching
Auto-recovery
Current sharing
±10%, 3V droop from
15% to 100%
INPUT SPECIFICATIONS
Input voltage range
85 to 264VAC
Input frequency range
47Hz to 63Hz
Input surge current
230VAC, cold start @ 25°C
35A max.
Input surge
300VAC
20ms
Safety ground
120VAC, 60Hz
0.2mA
leakage current
230VAC, 50Hz
0.4mA
Input current
90VAC, 600W
7.35A rms max.
220VAC
2.84A rms max.
Input fuse
Non-replaceable
15A
Power factor
0.99 120Vin, >66% load
DPF600 SERIES
Dual output
[ 2 YEAR WARRANTY ]
• 600W front end
• EN61000-3-2 compliant
• Hot pluggable
• N+1 redundancy
• Full set of status signals
• EN55022, EN55011 conducted emissions level B
• UL, TÜV, CSA and BABT approvals
The DPF600 is a 600W universal input AC/DC front end power supply in a fully
enclosed hot pluggable case with built-in fan, front panel with handle, IEC input
connector, on/off switch and DIN output signal connector. Providing dual 49V and 5V
outputs with a full set of status signals, the DPF600 is designed as a slot-in front end
for distributed power systems. The DPF600 provides 600W of output power and is
fully compliant with EN61000-3-2. Standard features include current sharing and full
protection against overvoltage, overload and short circuit. Remote or local system
monitoring is possible via a full set of status signals that include fan fail, DC good,
remote inhibit and current monitoring. The DPF600, with full international safety
approval and the CE mark, meets conducted emissions EN55022 level B. The
DPF600 is designed for use as a front end in medium power communication
applications adopting distributed power architecture. The DPF600 can be used in
conjunction with our complete range of 3 to 200W DC/DC converters to fully configure
a distributed power system.
SPECIFICATION All specifications are typical at nominal input, full load at 25°C unless otherwise stated
PAGE 1
EMC CHARACTERISTICS
Radiated emissions
EN55022/11, FCC part 15
Level A
Conducted emissions
EN55022/11, FCC part 15
Level B
Harmonic current emm. EN61000-3-2
Compliant
Electrical fast
EN61000-4-4
Level 3
transients/bursts
Surge susceptibility
EN61000-4-5
Level 3
GENERAL SPECIFICATIONS
Hold-up time
120VAC, 60Hz FL
20ms @ 600W
Efficiency
100Vin, load >66% rated
82% min.
Isolation voltage
Input/output
3000VAC
Input/chassis
1500VAC
Switching frequency
50kHz
Approvals and
EN60950, UL1950, BABT
standards
CSA C22.2 No. 950
Weight
6.9kg (15Ibs)
MTBF
500,000 hours
demonstrated
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient
0°C to +50°C
Non-operating
-40°C to +85°C
50°C to 70°C ambient
Derate to 50%
Cooling
Built-in fan
Relative humidity
Non-condensing
5% to 85% RH
Altitude
Operating
10,000 feet max.
Non-operating
40,000 feet max.
Vibration
5Hz to 500Hz
2.4G rms peak


Similar Part No. - DPF600

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DPF60C200HB IXYS-DPF60C200HB Datasheet
94Kb / 4P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Common Cathode
DPF60C300HB IXYS-DPF60C300HB Datasheet
131Kb / 4P
   HiPerFRED High Performance Fast Recovery Diode low Loss Soft Recovery Common Cathode
DPF60IM400HB IXYS-DPF60IM400HB Datasheet
272Kb / 4P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
More results

Similar Description - DPF600

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
DPF950 ARTESYN-DPF950 Datasheet
63Kb / 2P
   Dual output 950 Watt AC/DC PFC front-end for distributed power architectures
DFP1000 ARTESYN-DFP1000 Datasheet
267Kb / 4P
   Dual output 1000 Watt AC/DC PFC front-end for distributed power architectures
DPF1500 ARTESYN-DPF1500 Datasheet
79Kb / 2P
   Single output 1500 Watt AC/DC PFC front-end for distributed power architectures
logo
Lineage Power Corporati...
JAW075F1 LINEAGEPOWER-JAW075F1 Datasheet
524Kb / 16P
   Distributed power architectures
logo
Power-One
QLS20ZG POWER-ONE-QLS20ZG Datasheet
217Kb / 8P
   Distributed power architectures
logo
Lineage Power Corporati...
JC050C1 LINEAGEPOWER-JC050C1 Datasheet
458Kb / 16P
   Distributed power architectures
logo
Power-One
FXC7000 POWER-ONE-FXC7000 Datasheet
123Kb / 4P
   Distributed Power Front-End
FXC6000 POWER-ONE-FXC6000 Datasheet
124Kb / 4P
   Distributed Power Front-End
FXP7000 POWER-ONE-FXP7000 Datasheet
357Kb / 8P
   Distributed Power Front-End
logo
Bel Fuse Inc.
SRBH-06H1A0 BEL-SRBH-06H1A0 Datasheet
1Mb / 10P
   Distributed Power Architectures
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com