Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPF600 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # DPF600
Description  Dual output 600 Watt AC/DC PFC front-end for distributed power architectures
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DPF600 Datasheet(HTML) 2 Page - Artesyn Technologies

  DPF600 Datasheet HTML 1Page - Artesyn Technologies DPF600 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OUTPUT
OUTPUT CURRENT
RIPPLE
TOTAL
MODEL NUMBER
VOLTAGE
MIN
MAX
REGULATION
-49V (3)
0A (4)
12A
750mV
±5.0%
DPF600-9617
+5V
0.2A
10A
50mV
±5.0%
Notes
1
Fan fail and power good are open collector signals.
2
All signals are referenced to earth ground, as is the 5V output.
3
The main output is floating.
4
49.5V at minimum current.
Mating connectors
Signal
48-pin female DIN connector
Main output
ICON connectors (ELCON P/N: 259-28-00100)
Input
IEC
STATUS AND CONTROL SIGNALS (1,2)
Fan fail H
Asserted in event of a failure
Power good L
Asserted when the output voltage
is within specification
Inhibit L
Inhibits the main output when
this pin is open or low
Current monitor
Provides an analog voltage
reflection of the main output current
ALL DIMENSIONS IN INCHES (mm)
2.18
± .02
(55.37
± 0.51)
1.47
± .02
(37.34
± 0.51)
.985 REF
(25.019)
3.340
(84.84)
1.015
± .01
(25.78
± 0.25)
.806
± .01
(20.47
± 0.25)
.22 (2PL)
(5.59)
2.105
± .015
(53.467
± 0.381)
1.619
(REF.)
(41.12)
6.73
(170.94)
2.18 (REF.)
(55.37)
1.47 (REF.)
(37.34)
11.94
(303.28)
1.25
(31.75)
AIR FLOW
600 Watt
AC/DC PFC front-end for distributed power architectures
DISTRIBUTED POWER FRONT END AC/DC POWER SUPPLIES
|
600W AC/DC
PAGE 2
http://www.artesyn.com
OUTPUT PIN CONNECTIONS
PIN NUMBER
FUNCTION
PIN NUMBER
FUNCTION
Pin C6
Power Good H
Pins A10-12
5V Output
Pin C8
Inhibit L
Pins B9-12
5V Output
Pin C4
Current Monitor
Pins C9-12
5V Output
Pin B6
Fan Fail H
Pins A-C, 13-16
Ground
Pins B1, C1
-48V Fan
Pin A9
+5V Sense
Pins A1-2
-48V Fan Return
Pin B8
Ground Sense
Data Sheet © Artesyn Technologies® 2000
The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.


Similar Part No. - DPF600

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DPF60C200HB IXYS-DPF60C200HB Datasheet
94Kb / 4P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Common Cathode
DPF60C300HB IXYS-DPF60C300HB Datasheet
131Kb / 4P
   HiPerFRED High Performance Fast Recovery Diode low Loss Soft Recovery Common Cathode
DPF60IM400HB IXYS-DPF60IM400HB Datasheet
272Kb / 4P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
More results

Similar Description - DPF600

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
DPF950 ARTESYN-DPF950 Datasheet
63Kb / 2P
   Dual output 950 Watt AC/DC PFC front-end for distributed power architectures
DFP1000 ARTESYN-DFP1000 Datasheet
267Kb / 4P
   Dual output 1000 Watt AC/DC PFC front-end for distributed power architectures
DPF1500 ARTESYN-DPF1500 Datasheet
79Kb / 2P
   Single output 1500 Watt AC/DC PFC front-end for distributed power architectures
logo
Lineage Power Corporati...
JAW075F1 LINEAGEPOWER-JAW075F1 Datasheet
524Kb / 16P
   Distributed power architectures
logo
Power-One
QLS20ZG POWER-ONE-QLS20ZG Datasheet
217Kb / 8P
   Distributed power architectures
logo
Lineage Power Corporati...
JC050C1 LINEAGEPOWER-JC050C1 Datasheet
458Kb / 16P
   Distributed power architectures
logo
Power-One
FXC7000 POWER-ONE-FXC7000 Datasheet
123Kb / 4P
   Distributed Power Front-End
FXC6000 POWER-ONE-FXC6000 Datasheet
124Kb / 4P
   Distributed Power Front-End
FXP7000 POWER-ONE-FXP7000 Datasheet
357Kb / 8P
   Distributed Power Front-End
logo
Bel Fuse Inc.
SRBH-06H1A0 BEL-SRBH-06H1A0 Datasheet
1Mb / 10P
   Distributed Power Architectures
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com