Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H11L3X Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # H11L3X
Description  MICROPROCESSOR COMPATIBLE SCHMITT TRIGGER OPTICALLY COUPLED ISOLATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

H11L3X Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  H11L3X Datasheet HTML 1Page - List of Unclassifed Manufacturers H11L3X Datasheet HTML 2Page - List of Unclassifed Manufacturers H11L3X Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DB92224-AAS/A2
7/12/00
C
I
F
1
2
R
E
6
5
4
R
L
V
O
270
5V
I
6
V
IN
tr = tf = 0.01
µs
Z = 50
V
IN 5V
0
V
O
t
on
t
off
t
r
t
f
SWITCHING CHARACTERISTICS
SWITCHING TEST CIRCUIT
PARAMETER
MIN TYP MAX UNITS
TEST CONDITION
Input
Forward Voltage (V
F )
0.75
V
I
F = 0.3mA
Forward Voltage (V
F )
1.5
V
I
F = 10mA
Reverse Current (I
R )
10
µA
V
R = 3V
Capacitance (C
J )
100
pF
V = 0, f = 1MHz
Output
Operating Voltage Range (V
CC )
3
15
V
Supply Current I
6 (off )
1
5
mA
I
F = 0mA, VCC = 5V
Output Current High ( I
OH )
100
µA
I
F= 0mA,VCC= VO=15V
Coupled
Supply Current I
6 (on )
1.6
5
mA
I
F = 10mA, VCC = 5V
Output Voltage, Low (V
OL )
0.4
V
R
L= 270Ω, VCC = 5V
Turn-on Threshold Current I
F (on )
H11L1
1.6
mA
R
L= 270Ω, VCC = 5V
H11L2
10
mA
R
L= 270Ω, VCC = 5V
H11L3
5
mA
R
L= 270Ω, VCC = 5V
H11L4
2
mA
R
L= 270Ω, VCC = 5V
Turn-off Threshold Current I
F (off )
0.3
mA
R
L= 270Ω, VCC = 5V
Hysteresis Ratio I
F (off ) / IF (on )
0.5
0.9
R
L= 270Ω, VCC = 5V
Input to Output Isolation Voltage V
IS0
5300
V
RMS
See note 1
7500
V
PK
See note 1
Turn-on Time
t
on
0.57
µs
R
E = 1200Ω
Fall Time
t
f
0.09
µs
C =270pF
Turn-off Time
t
off
1.40
µs
f
100kHz
Rise Time
t
r
0.05
µs
tp = 1
µs or greater
Note 1
Measured with input leads shorted together and output leads shorted together.
Note 2
Special Selections are available on request. Please consult the factory.
ELECTRICAL CHARACTERISTICS ( T
A= 25°C Unless otherwise noted )


Similar Part No. - H11L3X

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
H11L3 QT-H11L3 Datasheet
434Kb / 6P
   MICROPROCESSOR COMPLATIBLE CAAS SCHMITT TRIGGER OPTOCOUPLERS
logo
Everlight Electronics C...
H11L3 EVERLIGHT-H11L3 Datasheet
297Kb / 11P
   6 PIN DIP PHOTO COUPLER
logo
ISOCOM COMPONENTS
H11L3 ISOCOM-H11L3 Datasheet
131Kb / 3P
   MICROPROCESSOR COMPATIBLE SCHMITT TRIGGER OPTICALLY COUPLED ISOLATOR
logo
List of Unclassifed Man...
H11L3 ETC1-H11L3 Datasheet
584Kb / 12P
   6-PIN DIP PHOTOCOUPLER SCHMITT TRIGGER
logo
CT Micro International ...
H11L3 CTMICRO-H11L3 Datasheet
685Kb / 11P
   Schmitt Trigger Output 6-Pin Optocoupler
More results

Similar Description - H11L3X

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
IS900 ISOCOM-IS900 Datasheet
430Kb / 3P
   MICROPROCESSOR COMPATIBLE SCHMITT TRIGGER OPTICALLY COUPLED ISOLATOR
MOC5007 ISOCOM-MOC5007 Datasheet
403Kb / 3P
   MICROPROCESSOR COMPATIBLE SCHMITT TRIGGER OPTICALLY COUPLED ISOLATOR
IS609 ISOCOM-IS609 Datasheet
67Kb / 3P
   MICROPROCESSOR COMPATIBLE SCHMITT TRIGGER OPTICALLY COUPLED ISOLATOR
H11L1SMTR ISOCOM-H11L1SMTR Datasheet
131Kb / 3P
   MICROPROCESSOR COMPATIBLE SCHMITT TRIGGER OPTICALLY COUPLED ISOLATOR
logo
TT Electronics.
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
   Optically Coupled Isolator / High Speed Optically Coupled Isolator
logo
OPTEK Technologies
OPI110 OPTEK-OPI110_07 Datasheet
81Kb / 3P
   Optically Coupled Isolator
logo
ISOCOM COMPONENTS
4N35 ISOCOM-4N35 Datasheet
78Kb / 3P
   OPTICALLY COUPLED ISOLATOR
CNX72A ISOCOM-CNX72A_10 Datasheet
753Kb / 3P
   OPTICALLY COUPLED ISOLATOR
CQY80X ISOCOM-CQY80X_10 Datasheet
771Kb / 3P
   OPTICALLY COUPLED ISOLATOR
H11AV1X ISOCOM-H11AV1X_08 Datasheet
77Kb / 3P
   OPTICALLY COUPLED ISOLATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com