Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDO10C Datasheet(PDF) 4 Page - Artesyn Technologies

Part # LDO10C
Description  Single Output 10 A DC-DC C Class Non-Isolated DC-DC Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LDO10C Datasheet(HTML) 4 Page - Artesyn Technologies

  LDO10C Datasheet HTML 1Page - Artesyn Technologies LDO10C Datasheet HTML 2Page - Artesyn Technologies LDO10C Datasheet HTML 3Page - Artesyn Technologies LDO10C Datasheet HTML 4Page - Artesyn Technologies LDO10C Datasheet HTML 5Page - Artesyn Technologies LDO10C Datasheet HTML 6Page - Artesyn Technologies LDO10C Datasheet HTML 7Page - Artesyn Technologies LDO10C Datasheet HTML 8Page - Artesyn Technologies LDO10C Datasheet HTML 9Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LDO10C Series | 10 A DC-DC
C Class Non-Isolated DC-DC Converter
File Name: lf_ldo10.pdf Rev: (01) 25 Apr 2006
4
Safety Agency Approvals
Characteristic
UL/cUL
UL/cUL60950
TÜV Product Service
IEC 60950
Material Ratings
Characteristic Signal Name
Notes and Conditions
Flammability rating
UL94V-0
Material type
FR4 PCB
Model Numbers
Model
Number
Input
Voltage
Output
Voltage
Output Current
(Max.)
Efficiency
at Full Load
Max. Load
Regulation
LDO10C-005W05-SJ
LDO10C-005W05-HJ
LDO10C-005W05-VJ
3.0-13.8 V
3.0-13.8 V
3.0-13.8 V
0.59-5.1 V
0.59-5.1 V
0.59-5.1 V
10 A
10 A
10 A
92%
92%
92%
±0.5%
±0.5%
±0.5%
4
Environmental Specifications
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Thermal performance
0
70
˚C
(See Note 1 and individual derat-
ing curves)
Type
Parameter
Reference
Test Level
Notes and Conditions
Air temperature operating
Air temperature non-operating
10 ˚C to 70 ˚C
-40 ˚C to 120 ˚C
Max. rate of change is 30 degrees
per hour while operating and 20
degrees per hour while non-op-
erating
Relative humidity - operating
Relative humidity - non-operating
80%
100%
With non-condensing
Excluding rain during parts ship-
ment
Vibration - operating
Sinusoidal vibration, 0.5 G (0 to
peak) acceleration.
Vibration - non-operating
Sinusoidal vibration, 1.0 G (0 to
peak)
Shock
Accerlation
Non-operating square wave
40 G, square wave at 200 in/s
(508 cm/s); on all six sides
Non-operating half sine
Half sine pulse for 70 in/s (178
cm/s) for 2 ms; on all sides except
top
Operating half sine
Half sine pulse for 40 in/s (102
cm/s) for 2 ms; on all sides except
top
RoHS Compliance Ordering Information
The ‘J’ at the end of the part number
indicates that the part is Pb-free
(RoHS 6/6 compliant). TSE RoHS 5/6
(non PB-free) compliant versions may
be available on special request, please
contact your local sales representative
for details.


Similar Part No. - LDO10C

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LDO10C EMERSON-NETWORKPOWER-LDO10C Datasheet
160Kb / 4P
   10 A output current rating
logo
Advanced Energy Industr...
LDO10C ADVANCEDENERGY-LDO10C Datasheet
592Kb / 6P
   50 Watts
logo
Emerson Network Power
LDO10C-005W05-HJ EMERSON-NETWORKPOWER-LDO10C-005W05-HJ Datasheet
160Kb / 4P
   10 A output current rating
logo
Artesyn Technologies
LDO10C-005W05-HJ ARTESYN-LDO10C-005W05-HJ Datasheet
748Kb / 4P
   Power enable (5-pin model)
LDO10C-005W05-HJ ARTESYN-LDO10C-005W05-HJ Datasheet
748Kb / 4P
   Total Power: 50 Watts
More results

Similar Description - LDO10C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LDO06C ARTESYN-LDO06C Datasheet
715Kb / 21P
   Single Output 6 A DC-DC C Class Non-Isolated DC/DC Converter
LDO03C ARTESYN-LDO03C Datasheet
833Kb / 21P
   Single Output C Class Non-Isolated DC/DC Converter
SIL25C ARTESYN-SIL25C Datasheet
705Kb / 11P
   Single negative output 25 A DC-DC Converter C Class Non-Isolated
SIL06C ARTESYN-SIL06C Datasheet
102Kb / 3P
   DC/DC CONVERTERS C Class Non-isolated
SIL20C2 ARTESYN-SIL20C2 Datasheet
793Kb / 4P
   DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SMT20C2 EMERSON-NETWORKPOWER-SMT20C2 Datasheet
278Kb / 4P
   DC-DC CONVERTERS C Class Non-isolated
logo
Wall Industries,Inc.
DCDA1 WALL-DCDA1 Datasheet
282Kb / 3P
   2A Non-Isolated DC/DC Converter Single Output
logo
Emerson Network Power
SIL25C EMERSON-NETWORKPOWER-SIL25C Datasheet
689Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
logo
Artesyn Technologies
SIL40C ARTESYN-SIL40C Datasheet
214Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
SMT06C ARTESYN-SMT06C Datasheet
186Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com