Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDO10C-005W05-SJ Datasheet(PDF) 9 Page - Artesyn Technologies

Part # LDO10C-005W05-SJ
Description  Single Output 10 A DC-DC C Class Non-Isolated DC-DC Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LDO10C-005W05-SJ Datasheet(HTML) 9 Page - Artesyn Technologies

Back Button LDO10C-005W05-SJ Datasheet HTML 5Page - Artesyn Technologies LDO10C-005W05-SJ Datasheet HTML 6Page - Artesyn Technologies LDO10C-005W05-SJ Datasheet HTML 7Page - Artesyn Technologies LDO10C-005W05-SJ Datasheet HTML 8Page - Artesyn Technologies LDO10C-005W05-SJ Datasheet HTML 9Page - Artesyn Technologies LDO10C-005W05-SJ Datasheet HTML 10Page - Artesyn Technologies LDO10C-005W05-SJ Datasheet HTML 11Page - Artesyn Technologies LDO10C-005W05-SJ Datasheet HTML 12Page - Artesyn Technologies LDO10C-005W05-SJ Datasheet HTML 13Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
www.artesyn.com
LDO10C Series | 10 A DC-DC
C Class Non-Isolated DC-DC Converter
File Name: lf_ldo10.pdf Rev: (01) 25 Apr 2006
9
12 V Model
5 V Setpoint
Electrical Characteristics
- O/P
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Nominal set-point voltage
Vo (nom)
4.95
5.00
5.05
Vdc
Vin = Vin (nom); Iout = Iout
(nom)
Line regulation
±0.2
%
Iout = Iout (nom); Vin (min) to
Vin (max)
Load regulation
±0.5
%
Vin = Vin (nom); Iout (min) to
Iout (max)
Output current - continuous
Iout
0
10.0
Adc
Output current - short circuit
Isc
20.6
Apk
Continuous, unit auto recovers
from short
Output voltage - noise Vrms
Vp-p
45
mV pk-pk
Measurement band width
20 MHz
See Application Note 186 for
details
12 V Model
5 V Setpoint
Electrical Charateristics
- O/P
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Load transient response -
park deviation
Load transient response
- recover
Vdynamic
Trecovery
100
10
mV
µs
Peak deviation for 50% to
100% step load, di/dt =
10 A/s
Settling time to within 1% of
output set point voltage for
50% to 75% step load
External load capacitance
Cext
0
1100
µF
See Application Notes 186 for
output capitance values vs.
stability
12 V Model
5 V Setpoint
Input Characteristics
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Input current - operating
4.48
Vin = Vin (nom); Iout = Iout
(max); Vo = V0 (nom)
Input capacitance - internal
filter
Cinput
22
µF
Internal to converter
Input capacitance - external
filter
Cbypass
1
µF
Recommended customer
added capacitance


Similar Part No. - LDO10C-005W05-SJ

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LDO10C-005W05-SJ EMERSON-NETWORKPOWER-LDO10C-005W05-SJ Datasheet
160Kb / 4P
   10 A output current rating
logo
Artesyn Technologies
LDO10C-005W05-SJ ARTESYN-LDO10C-005W05-SJ Datasheet
748Kb / 4P
   Power enable (5-pin model)
LDO10C-005W05-SJ ARTESYN-LDO10C-005W05-SJ Datasheet
748Kb / 4P
   Total Power: 50 Watts
More results

Similar Description - LDO10C-005W05-SJ

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LDO06C ARTESYN-LDO06C Datasheet
715Kb / 21P
   Single Output 6 A DC-DC C Class Non-Isolated DC/DC Converter
LDO03C ARTESYN-LDO03C Datasheet
833Kb / 21P
   Single Output C Class Non-Isolated DC/DC Converter
SIL25C ARTESYN-SIL25C Datasheet
705Kb / 11P
   Single negative output 25 A DC-DC Converter C Class Non-Isolated
SIL06C ARTESYN-SIL06C Datasheet
102Kb / 3P
   DC/DC CONVERTERS C Class Non-isolated
SIL20C2 ARTESYN-SIL20C2 Datasheet
793Kb / 4P
   DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SMT20C2 EMERSON-NETWORKPOWER-SMT20C2 Datasheet
278Kb / 4P
   DC-DC CONVERTERS C Class Non-isolated
logo
Wall Industries,Inc.
DCDA1 WALL-DCDA1 Datasheet
282Kb / 3P
   2A Non-Isolated DC/DC Converter Single Output
logo
Emerson Network Power
SIL25C EMERSON-NETWORKPOWER-SIL25C Datasheet
689Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
logo
Artesyn Technologies
SIL40C ARTESYN-SIL40C Datasheet
214Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
SMT06C ARTESYN-SMT06C Datasheet
186Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com