Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H11L4 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # H11L4
Description  MICROPROCESSOR COMPATIBLE SCHMITT TRIGGER OPTICALLY COUPLED ISOLATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

H11L4 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  H11L4 Datasheet HTML 1Page - List of Unclassifed Manufacturers H11L4 Datasheet HTML 2Page - List of Unclassifed Manufacturers H11L4 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISOCOM COMPONENTS LTD
Unit 25B, Park View Road West,
Park View Industrial Estate, Brenda Road
Hartlepool, Cleveland, TS25 1YD
Tel: (01429) 863609 Fax :(01429) 863581
7/12/00
DB92224-AAS/A2
APPROVALS
l
UL recognised, File No. E91231
'X' SPECIFICATION APPROVALS
l
l
VDE 0884 in 2 available lead forms : -
- STD
- G form
DESCRIPTION
The H11L1, 2, 3, 4 series are optically coupled
isolators consisting of a Gallium Arsenide infrared
emitting diode and a Microprocessor Compatible
Schmitt trigger output mounted in a standard 6 pin
dual in line package.
FEATURES
l
Options :-
10mm lead spread - add G after part no.
Surface mount - add SM after part no.
Tape&reel - add SMT&R after part no.
l
High data rate, 1MHz typical (NRZ)
l
Microprocessor compatible drive
l
Logic compatible output sinks 16
milliamperes at 0.4 volts maximum
l
High Isolation Voltage (5.3kV
RMS ,7.5kVPK )
l
High common mode rejection ratio
l
Fast swiching : t rise, t fall = 100ns typical
l
Wide supply voltage capability, compatible
with all popular logic systems
l
Guaranteed On / Off threshold hysteresis
APPLICATIONS
l
Logic to logic isolator
l
Line receiver-eliminates noise and
transient problems
l
Programmable current level sensor
l
AC to TTL conversion - square wave shaping
l
Digital programming of power supplies
l
Interfaces computers with peripherals
MICROPROCESSOR COMPATIBLE
SCHMITT TRIGGER OPTICALLY
COUPLED ISOLATOR
ABSOLUTE MAXIMUM RATINGS
(25°C unless otherwise specified)
Storage Temperature
-55°C to + 150°C
Operating Temperature
-55°C to + 100°C
Lead Soldering Temperature
(1/16 inch (1.6mm) from case for 10 secs) 260°C
INPUT DIODE
Forward Current
60mA
Reverse Voltage
6V
Power Dissipation
(derate linearly 1.33mW / °C above 25°C)
105mW
OUTPUT DETECTOR
V
45 allowed range
0 to 16V
V
65 allowed range
0 to 16V
I
4 output current
50mA
Power Dissipation
(derate linearly 2mW / °C above 25°C)
150mW
POWER DISSIPATION
Total Power Dissipation
(derate linearly 2.27mW/ °C above 25°C)
170mW
H11L1X, H11L2X, H11L3X, H11L4X
H11L1, H11L2, H11L3, H11L4
Dimensions in mm
2.54
7.0
6.0
7.62
max.
0.5
min.
3.9
3.1
5.1
max.
15°
Max
0.25
0.48
8.3 max.
OPTION G
8.3 max
SURFACE MOUNT
OPTION SM
10.16
10.2
9.5
0.26
1.2
0.6
1.4
0.9
6
5 GROUND
4
1
2
3
V
CC
V
O
ISOCOM INC
1024 S. Greenville Ave, Suite 240,
Allen, TX 75002 USA
Tel:(214)495-0755 Fax:(214)495-0901
e-mail info@isocom.com
http://www.isocom.com


Similar Part No. - H11L4

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
H11L4 ISOCOM-H11L4 Datasheet
131Kb / 3P
   MICROPROCESSOR COMPATIBLE SCHMITT TRIGGER OPTICALLY COUPLED ISOLATOR
More results

Similar Description - H11L4

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
IS900 ISOCOM-IS900 Datasheet
430Kb / 3P
   MICROPROCESSOR COMPATIBLE SCHMITT TRIGGER OPTICALLY COUPLED ISOLATOR
MOC5007 ISOCOM-MOC5007 Datasheet
403Kb / 3P
   MICROPROCESSOR COMPATIBLE SCHMITT TRIGGER OPTICALLY COUPLED ISOLATOR
IS609 ISOCOM-IS609 Datasheet
67Kb / 3P
   MICROPROCESSOR COMPATIBLE SCHMITT TRIGGER OPTICALLY COUPLED ISOLATOR
H11L1SMTR ISOCOM-H11L1SMTR Datasheet
131Kb / 3P
   MICROPROCESSOR COMPATIBLE SCHMITT TRIGGER OPTICALLY COUPLED ISOLATOR
logo
TT Electronics.
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
   Optically Coupled Isolator / High Speed Optically Coupled Isolator
logo
OPTEK Technologies
OPI110 OPTEK-OPI110_07 Datasheet
81Kb / 3P
   Optically Coupled Isolator
logo
ISOCOM COMPONENTS
4N35 ISOCOM-4N35 Datasheet
78Kb / 3P
   OPTICALLY COUPLED ISOLATOR
CNX72A ISOCOM-CNX72A_10 Datasheet
753Kb / 3P
   OPTICALLY COUPLED ISOLATOR
CQY80X ISOCOM-CQY80X_10 Datasheet
771Kb / 3P
   OPTICALLY COUPLED ISOLATOR
H11AV1X ISOCOM-H11AV1X_08 Datasheet
77Kb / 3P
   OPTICALLY COUPLED ISOLATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com