Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT85PW Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74HCT85PW
Description  4-bit magnitude comparator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT85PW Datasheet(HTML) 7 Page - NXP Semiconductors

  74HCT85PW Datasheet HTML 1Page - NXP Semiconductors 74HCT85PW Datasheet HTML 2Page - NXP Semiconductors 74HCT85PW Datasheet HTML 3Page - NXP Semiconductors 74HCT85PW Datasheet HTML 4Page - NXP Semiconductors 74HCT85PW Datasheet HTML 5Page - NXP Semiconductors 74HCT85PW Datasheet HTML 6Page - NXP Semiconductors 74HCT85PW Datasheet HTML 7Page - NXP Semiconductors 74HCT85PW Datasheet HTML 8Page - NXP Semiconductors 74HCT85PW Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
December 1990
7
Philips Semiconductors
Product specification
4-bit magnitude comparator
74HC/HCT85
DC CHARACTERISTICS FOR 74HCT
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
Note to HCT types
The value of additional quiescent supply current (
∆ICC) for a unit load of 1 is given in the family specifications.
To determine
∆ICC per input, multiply this value by the unit load coefficient shown in the table below.
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
INPUT
UNIT LOAD COEFFICIENT
IA<B
IA>B
IA=B
An, Bn
1.00
1.00
1.50
1.50
SYMBOL PARAMETER
Tamb (°C)
TEST CONDITIONS
74HCT
UNIT
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min.
typ.
max.
min. max.
min.
max.
tPHL/ tPLH
propagation delay
An, Bn to QA>B or QA<B
26
44
55
66
ns
4.5
Fig.6
tPHL/ tPLH
propagation delay
An, Bn to QA=B
24
40
50
60
ns
4.5
Fig.6
tPHL/ tPLH
propagation delay
IA<B, IA=B, IA>B to
QA<B, QA>B
18
31
39
47
ns
4.5
Fig.6
tPHL/ tPLH
propagation delay
IA=B to QA=B
18
31
39
47
ns
4.5
Fig.6
tTHL/ tTLH
output transition time
7
15
19
22
ns
4.5
Fig.6


Similar Part No. - 74HCT85PW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT85PW NEXPERIA-74HCT85PW Datasheet
263Kb / 17P
   4-bit magnitude comparator
Rev. 4 - 4 August 2021
More results

Similar Description - 74HCT85PW

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C85 FAIRCHILD-MM74C85 Datasheet
64Kb / 5P
   4-Bit Magnitude Comparator
logo
STMicroelectronics
HCF4063B STMICROELECTRONICS-HCF4063B_01 Datasheet
854Kb / 9P
   4-BIT MAGNITUDE COMPARATOR
M74HC85-1 STMICROELECTRONICS-M74HC85-1 Datasheet
326Kb / 10P
   4-BIT MAGNITUDE COMPARATOR
logo
Renesas Technology Corp
HD74HC85 RENESAS-HD74HC85 Datasheet
104Kb / 8P
   4-bit Magnitude Comparator
logo
Fairchild Semiconductor
DM74LS85 FAIRCHILD-DM74LS85 Datasheet
58Kb / 6P
   4-Bit Magnitude Comparator
logo
STMicroelectronics
HCC4585B STMICROELECTRONICS-HCC4585B Datasheet
284Kb / 12P
   4-BIT MAGNITUDE COMPARATOR
logo
Motorola, Inc
SN54LS85 MOTOROLA-SN54LS85 Datasheet
102Kb / 4P
   4-BIT MAGNITUDE COMPARATOR
MC74HC85 MOTOROLA-MC74HC85 Datasheet
219Kb / 8P
   4-Bit Magnitude Comparator
logo
NXP Semiconductors
74HC_HCT85_CNV PHILIPS-74HC_HCT85_CNV_15 Datasheet
73Kb / 9P
   4-bit magnitude comparator
December 1990
logo
Nexperia B.V. All right...
74HCT85 NEXPERIA-74HCT85 Datasheet
263Kb / 17P
   4-bit magnitude comparator
Rev. 4 - 4 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com