Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX350-7620-C Datasheet(PDF) 3 Page - Artesyn Technologies

Part # LX350-7620-C
Description  Flexible single and multiple outputs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LX350-7620-C Datasheet(HTML) 3 Page - Artesyn Technologies

  LX350-7620-C Datasheet HTML 1Page - Artesyn Technologies LX350-7620-C Datasheet HTML 2Page - Artesyn Technologies LX350-7620-C Datasheet HTML 3Page - Artesyn Technologies LX350-7620-C Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
87.5W
350W
0°C 10°C
20°C
30°C
40°C
50°C
60°C
70°C
DERATING CURVE
Output Power (Watts)
NATURAL
CONVECTION
COOLING
0W
550W
PEAK OUTPUT
POWER
Mechanical notes
A
Input and output connectors are 3 way and 11 way 9.5mm barrier strip
with M4 X 8 fixings, 250V 20A. Signals board connector is 8 way, single
row right angle 0.1”, Molex 910210128, this mates with 90147 1108 or
equivalent.
B
Customer fixing screws (A) are M3 isometric. They must not penetrate into
unit by more than 5mm.
International Safety Standard Approvals:
Multiple output and 24V Single output units are approved to these standards.
Safety approval pending for 48V output model. See Note 7
EN60950/VDE0805 Reg. File No. 90370
UL1950 File No. E136005
CSA C22.2 No. 950 File No. LR41062C/LR101320
ALL DIMENSIONS IN INCHES (mm)
INPUT
1 2
3
4 5
SYSTEM
O. K. LED
SIGNALS
1
8
12
1 2
3 4 5 6
7 8 9 10 11
OUTPUT
11.81 (300.00)
9.44 (240.00)
10.39 (264.00)
0.71
(18.00)
1.18
(30.00)
A
A
A
A
A
A
A
A
350 Watt
AC/DC universal input switch mode power supplies
AC/DC POWER SUPPLIES
|
350W AC
PAGE 3


Similar Part No. - LX350-7620-C

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
LX3 BANNER-LX3 Datasheet
746Kb / 6P
   LX Series Part-Sensing Light Screen
logo
Microsemi Corporation
LX3005 MICROSEMI-LX3005 Datasheet
104Kb / 3P
   2A STEP-DOWN CONVERTER
LX3005CDM MICROSEMI-LX3005CDM Datasheet
104Kb / 3P
   2A STEP-DOWN CONVERTER
LX3005CDM-TR MICROSEMI-LX3005CDM-TR Datasheet
104Kb / 3P
   2A STEP-DOWN CONVERTER
LX3044 MICROSEMI-LX3044 Datasheet
727Kb / 5P
   10.3 Gbps Coplanar GaAs PIN Photo Diode
Rev. 1.1
More results

Similar Description - LX350-7620-C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LX550 ARTESYN-LX550 Datasheet
51Kb / 4P
   Flexible single and multiple outputs
LX200 ARTESYN-LX200 Datasheet
54Kb / 4P
   Flexible single and muliple outputs
logo
RF Micro Devices
RFVC1832A RFMD-RFVC1832A Datasheet
739Kb / 9P
   Multiple Frequency Outputs
RFVC1838 RFMD-RFVC1838 Datasheet
603Kb / 10P
   Multiple Frequency Outputs
RFVC1839 RFMD-RFVC1839 Datasheet
1Mb / 10P
   Multiple Frequency Outputs
RFVC1840 RFMD-RFVC1840 Datasheet
601Kb / 10P
   Multiple Frequency Outputs
RFVC1838A RFMD-RFVC1838A Datasheet
633Kb / 10P
   Multiple Frequency Outputs
RFVC1839A RFMD-RFVC1839A Datasheet
1Mb / 10P
   Multiple Frequency Outputs
RFVC1831 RFMD-RFVC1831 Datasheet
964Kb / 10P
   Multiple Frequency Outputs
RFVC1835 RFMD-RFVC1835 Datasheet
1Mb / 10P
   Multiple Frequency Outputs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com