Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD5226 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # BD5226
Description  VOLTAGE DETECTOR IC with adjustable delay time
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BD5226 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  BD5226 Datasheet HTML 1Page - List of Unclassifed Manufacturers BD5226 Datasheet HTML 2Page - List of Unclassifed Manufacturers BD5226 Datasheet HTML 3Page - List of Unclassifed Manufacturers BD5226 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Part number and Marking of samples
BD5260
PW
PV
PU
PT
PS
PR
PQ
PP
PN
PM
6.0V
5.9V
5.8V
5.7V
5.6V
5.5V
5.4V
5.3V
5.2V
5.1V
PB
PA
MV
MU
MT
MS
MR
MQ
MP
MN
4.1V
4.0V
3.9V
3.8V
3.7V
3.6V
3.5V
3.4V
3.3V
3.2V
RW
RV
RU
RT
RS
RR
RQ
RN
RM
RP
6.0V
5.9V
5.8V
5.7V
5.6V
5.5V
5.4V
5.3V
BD5241
BD5259
BD5258
BD5257
BD5256
BD5255
BD5254
BD5253
BD5252
BD5251
BD5240
BD5239
BD5238
BD5237
BD5236
BD5235
BD5234
BD5233
BD5232
BD5360
BD5359
BD5358
BD5357
BD5356
BD5355
BD5354
BD5353
5.2V
5.1V
BD5352
BD5351
Marking Voltage
Part No.
Marking Voltage Part No.
Marking Voltage Part No.
Marking Voltage
Part No.
BD5341
RB
RA
QV
QU
QT
QS
QR
QQ
QP
QN
4.1V
4.0V
3.9V
3.8V
3.7V
3.6V
3.5V
3.4V
3.3V
3.2V
BD5340
BD5339
BD5338
BD5337
BD5336
BD5335
BD5334
BD5333
BD5332
BD5250
PL
PK
PJ
PH
PG
PF
PE
PD
PC
5.0V
4.9V
4.8V
4.7V
4.6V
4.5V
4.4V
4.3V
4.2V
MM
ML
MK
MJ
MH
MG
MF
ME
MD
3.1V
3.0V
2.9V
2.8V
2.7V
2.6V
2.5V
2.4V
2.3V
RL
RK
RJ
RH
RG
RF
RE
RC
RD
5.0V
4.9V
4.8V
4.7V
4.6V
4.5V
4.4V
4.3V
BD5231
BD5249
BD5248
BD5247
BD5246
BD5245
BD5244
BD5243
BD5242
BD5230
BD5229
BD5228
BD5227
BD5226
BD5225
BD5224
BD5223
BD5350
BD5349
BD5348
BD5347
BD5346
BD5345
BD5344
BD5343
4.2V
BD5342
BD5331
QM
QL
QK
QJ
QH
QG
QF
QE
QD
3.1V
3.0V
2.9V
2.8V
2.7V
2.6V
2.5V
2.4V
2.3V
BD5330
BD5329
BD5328
BD5327
BD5326
BD5325
BD5324
BD5323
Circuit current
"L" output current
"H" output current
I/O characteristic
BD52XXG/BD53XXG : SSOP5 (SMP5C2)
BD52XXFVE/BD53XXFVE : VSOF5 (EMP5)
(5)
(4)
(3)
(2)
(1)
Marking
Lot.No
(5)
(4)
(3)
(2)
(1)
Marking
Lot.No
3
4
5
6
25
30
35
45
40
1
2
5
10
15
20
0
VDS [V]
VDD=8.0
V
VDD=6.0V
VDD=4.8V
[BD5342G/FVE]
Timing waveform
Detection voltage
VDD
VDD
VOUT
CT
GND
A
VDD
VDS
VDD
VOUT
GND
A
VDD
VDS
VDD
VOUT
GND
A
CT
CT
RL=470K
VDD
V
VDD
VOUT
GND
CT
RL=470K
VDD
V
VDD
VOUT
GND
CT
5
2
1
4
3
10
7
6
9
8
0.5
1.0
1.5
VDD[V]
0
[BD5242G/FVE]
18
1.5
2
2.5
10
15
0.5
1
5
0
VDS [V]
VDD=1.2V
VDD=2.4V
[BD5242G/FVE]
3.5
0.5
1.5
2.5
3
4.5
4
5.5
5
2
1
1
2
3
4
5
6
7
8
9
0
VDD[V]
Ta=25˚C
Ta=25˚C
[BD5242G/FVE]
0
50
-40
90
Ta [˚C]
3.4
3.8
4.2
4.6
5.0
5.4
[BD5242G/FVE]
low to high(VDET+
∆VDET)
high to low(VDET)
VDD
VDD
VOUT
VDET
0V
VOH
TPLH
VOL
VDET+
∆VDET
TPHL
TPLH


Similar Part No. - BD5226

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BD5226 ETC-BD5226 Datasheet
375Kb / 4P
   VOLTAGE DETECTOR IC
logo
Rohm
BD5226 ROHM-BD5226 Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5226 ROHM-BD5226 Datasheet
277Kb / 10P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5226 ROHM-BD5226 Datasheet
410Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5226 ROHM-BD5226 Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
More results

Similar Description - BD5226

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M6518 PERICOM-PT7M6518 Datasheet
504Kb / 8P
   Voltage Detector with Adjustable Delay Time
logo
Diodes Incorporated
PT7M6518 DIODES-PT7M6518 Datasheet
998Kb / 9P
   Voltage Detector with Adjustable Delay Time
5/10/2017
logo
Torex Semiconductor
XC6119 TOREX-XC6119 Datasheet
313Kb / 16P
   Voltage Detector with Delay Time Adjustable
XC6129 TOREX-XC6129 Datasheet
598Kb / 30P
   Voltage Detector with Delay Time Adjustable
logo
Rohm
BD53XXG ROHM-BD53XXG Datasheet
307Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BD52XXFVE ROHM-BD52XXFVE Datasheet
317Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BD53XXFVE ROHM-BD53XXFVE Datasheet
311Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BD52XXG ROHM-BD52XXG Datasheet
316Kb / 6P
   Voltage Detector IC Adjustable Output Delay
BU42XXG ROHM-BU42XXG Datasheet
341Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU42XXFVE ROHM-BU42XXFVE Datasheet
349Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com