Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFC40-24S15-M Datasheet(PDF) 3 Page - Artesyn Technologies

Part # NFC40-24S15-M
Description  Single and triple output 40 Watt Wide input DC/DC converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NFC40-24S15-M Datasheet(HTML) 3 Page - Artesyn Technologies

  NFC40-24S15-M Datasheet HTML 1Page - Artesyn Technologies NFC40-24S15-M Datasheet HTML 2Page - Artesyn Technologies NFC40-24S15-M Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
10K
TRIM
UP/DOWN
TRIM
DOWN
TRIM
UP
PIN 7
PIN 8
PIN 9
-40
-20
0
20
40
60
80
100
120
AMBIENT TEMPERATURE (
°C)
100
75
50
25
0
Power Derating Curve
Without Additional Heatsink
A
B
C
D
71
-40
-20
0
20
40
60
80
100
120
AMBIENT TEMPERATURE (
°C)
100
75
50
25
0
Power Derating Curve
With Side Mounted Heatsink
A
B
C
D
-40
-20
0
20
40
60
80
100
120
AMBIENT TEMPERATURE (
°C)
100
75
50
25
0
Power Derating Curve
With Top Mounted Heatsink
A
B
C
D
Derating Curves
The derating curves shown are based on measurements of actual
power supplies and reflect Artesyn Technologies conservative
design guidelines. Adherence to these guidelines contributes to the
high reliability of our products by restricting the maximum operating
semiconductor junction temperatures to 125°C which is well below
the component manufacturers’ maximum limits.
Key to power derating curves:
A
Natural convection.
B
150 linear feet per minute forced air flow.
C
300 linear feet per minute forced air flow.
D
Maximum case temperature
Heatsink options:
Two heatsink kits are available for the NFC40: top mounted and side
mounted. Each heatsink may be oriented parallel to or perpendicular
to the direction of the pins, thus providing optimum flexibility for
cooling requirements.
Top mounted heatsink
If board area is at a premium in your application then the top
mounted heatsink should be used. This heatsink kit comes com-
plete with screws and is mounted as shown in the diagram over. To
fit the heatsink, place it in the required orientation, and tighten the
four screws. The order number for the top mounted heatsink kit with
Metric screws is: NFC40-HTSK-T. The order number for the top
mounted heatsink kit with Imperial screws is: NFC40-HTSK-T-I.
Side mounted heatsink
With many applications, e.g. rack systems, the profile must be kept
to a minimum. The side mounted heatsink is intended to meet the
requirements of low profile applications. The NFC40 with this
heatsink option is 12.7mm (0.5 inch) high. The kit contains two side
mounted heatsinks, which must be fitted opposite to one another on
the NFC40. The order number for the side mounted heatsink is:
NFC40-HTSK-S
Factory fitted heatsinks
As a further option, Artesyn Technologies offers factory fitted
heatsinks. Simply add the suffix as described by the diagrams
above to the part number: e.g. NFC40-48S12-MY or NFC40-
48S12-1Y for Metric and Imperial screws respectively.
PAGE 144
40 Watt
Wide input DC/DC converters
40W DC/DC
|
DC/DC CONVERTERS
Heatsink Mounting Options
Side Mounted
Top Mounted
76.2
(3.00)
76.2
(3.00)
21.08
(0.83)
21.08
(0.83)
- MX or
-1X
- MY or
-1Y
- MS or
-1S
- ME or
-1E
EXTERNAL OUTPUT TRIMMING (8)
Output can be externally trimmed
by ±10% using either method shown below.


Similar Part No. - NFC40-24S15-M

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
NFC PANASONICBATTERY-NFC Datasheet
202Kb / 1P
   Near Field Communication LSI
logo
Artesyn Technologies
NFC10 ARTESYN-NFC10 Datasheet
45Kb / 2P
   Single and dual output 10 Watt Wide input DC/DC converters
NFC10-12D12 ARTESYN-NFC10-12D12 Datasheet
45Kb / 2P
   Single and dual output 10 Watt Wide input DC/DC converters
NFC10-12D15 ARTESYN-NFC10-12D15 Datasheet
45Kb / 2P
   Single and dual output 10 Watt Wide input DC/DC converters
NFC10-12S05 ARTESYN-NFC10-12S05 Datasheet
45Kb / 2P
   Single and dual output 10 Watt Wide input DC/DC converters
More results

Similar Description - NFC40-24S15-M

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LPD10 ARTESYN-LPD10 Datasheet
44Kb / 2P
   Single, dual and triple output 10 Watt Wide input DC/DC converters
SDW30 ARTESYN-SDW30 Datasheet
43Kb / 2P
   Single, dual and triple output 30 Watt Wide input DC/DC converters
HPD15 ARTESYN-HPD15 Datasheet
49Kb / 3P
   Single, dual and triple output 15 Watt Wide input DC/DC converters
NFC25 ARTESYN-NFC25 Datasheet
162Kb / 3P
   Triple output 25 Watt Wide input DC-DC converters
logo
RSG Electronic Componen...
CFB200 RSG-CFB200 Datasheet
1Mb / 1P
   200 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
logo
Artesyn Technologies
NFC20 ARTESYN-NFC20 Datasheet
47Kb / 2P
   Single and dual output 20 Watt Wide input DC/DC converters
MHP10 ARTESYN-MHP10 Datasheet
44Kb / 3P
   Single and dual output 10 Watt Wide input DC/DC converters
NFC10 ARTESYN-NFC10 Datasheet
45Kb / 2P
   Single and dual output 10 Watt Wide input DC/DC converters
NFC15 ARTESYN-NFC15 Datasheet
47Kb / 2P
   Single and dual output 15 Watt Wide input DC/DC converters
logo
CINCON ELECTRONICS Corp...
CHB75 CINCON-CHB75 Datasheet
183Kb / 2P
   49.5 - 75 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com