Electronic Components Datasheet Search |
|
NFC10-48D15 Datasheet(PDF) 1 Page - Artesyn Technologies |
|
NFC10-48D15 Datasheet(HTML) 1 Page - Artesyn Technologies |
1 / 2 page International Safety Standard Approvals: 48V input units VDE0805/EN60950/IEC950 File No. 10401-3336-1077, VDE licence No. 1663 UL1950 File No. E136005 CSA C22.2 No. 950 File No. LR41062C/LR50913C/LR101320 NFC10 SERIES Single and dual output [ 2 YEAR WARRANTY ] • 10 Watts output power • Power density 13.3W/in3 • 2:1 input voltage range • UL, CSA and VDE safety approvals (48V input units) • Overvoltage protection • Extended operating temperature range • Fixed switching frequency The NFC10 offers 10 Watts of output power from a 2 x 1 x 0.375 inch package without derating to 71°C. A range of 15 models with 2:1 wide input voltages of 9–18, 18–36 and 36–72VDC and single and dual outputs are offered. Features of the NFC10 series include fixed frequency operation, high MTBF, overvoltage protection and tight load regulation. All of the models have been designed to meet EN60950 (Vin <60VDC) safety requirements. Typical applications are telecommunications, industrial automation and distributed power. SPECIFICATION All specifications are typical at nominal input, full load at 25°C unless otherwise stated PAGE 110 GENERAL SPECIFICATIONS Efficiency See table 79% to 86% Isolation voltage Input/output 500VAC/710VDC Switching frequency Fixed 400kHz ±10% Approvals and Safety VDE0805, EN60950, standards IEC950, UL1950 See Note 5 CSA C22.2 No. 950 Case material Thick aluminum alloy, hard black anodized finish Cover material UL94V-0 10% glass reinforced polyetherimide GE ULTEM #2110 or equivalent Material flammability UL94V-0 Weight 27g (0.95oz.) MTBF MIL-HDBK-217E 760,000 hours ENVIRONMENTAL SPECIFICATIONS Thermal performance Operating ambient –25°C to +71°C Max. case temperature, +110°C max. (See Notes 6, 8) Non-operating amb., –55°C to +125°C Option, ambient, -40°C to +71°C (See Note 7) Derating (See curve, None to +71°C and Note 8) Cooling Free air convection cooled OUTPUT SPECIFICATIONS Line regulation LL to HL, single output ±1.0% LL to HL, dual output ±1.0% Load regulation FL to 10% FL, singles ±1.0% typ. FL to 10% FL, duals ±2.0% typ. Total error band Singles ±3.0% max. Duals ±5.0% max. Ripple and noise 5Hz to 20MHz 100mV pk-pk, max. 20mV rms max. Transient response 25% step ±2.0% max. dev., 500µs recovery Temperature coefficient ±0.02%/°C, max. Overvoltage protection Single output 125% Vout clamp Dual output 125% Vout total Short circuit protection Continuous (See Note 9) automatic recovery INPUT SPECIFICATIONS Input voltage range 12VDC 9 to 18VDC 24VDC 18 to 36VDC 48VDC 36 to 72VDC Input filter Pi filter Surge protection 24VDC 50V for 100ms 48VDC 100V for 100ms Continuous ETSI requirement for 48V 75VDC protection and 60VDC telecoms |
Similar Part No. - NFC10-48D15 |
|
Similar Description - NFC10-48D15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |