Electronic Components Datasheet Search |
|
N1200-96-124 Datasheet(PDF) 1 Page - Artesyn Technologies |
|
N1200-96-124 Datasheet(HTML) 1 Page - Artesyn Technologies |
1 / 4 page OUTPUT SPECIFICATIONS (2) Voltage adjustability Accessible at front panel ±10% Remote sense Open/reverse sense lead protection Compensates for voltage drop of up to 0.5V to the load Regulation, line or load All outputs, NL-FL ±0.2%; at nominal line or all 10mV min. line variations at FL Cross regulation 0.2% max. or 10mV between outputs Overshoot/undershoot None at turn on/off Transient response Main output ≤2.0% max. dev., 25% step load ≤200µs recovery change at 1A/µs to 1.0% Temperature coefficient ±0.02%/°C Ripple and noise 0Hz to 20MHz 50mV pk-pk or 1% Overvoltage protection Reset by cycling AC 115 to 130% of nominal Overload protection 105-115% full load Short circuit protection All outputs Auto recovery Thermal protection Auto shutdown, AC reset Current sharing ±5.0% 50% to 100% load Current monitor (V1) 5VDC at full load ±0.5V INPUT SPECIFICATIONS Input voltage range 90 to 264VAC Input frequency range 47Hz to 63Hz Input surge current Meets IEEE std. 587.1980; 3KV ring wave Input current 120VAC, 1000W 12A Power factor 115/230VAC, 1kW load 0.995 min. Power up time Full load 1.0s max. EMC CHARACTERISTICS Radiated emissions EN55022/11, FCC part 15 Level A Conducted emissions EN55022/11, FCC part 15 Level A Harmonic distortion EN61000-3-2 Conforms Electrostatic discharge EN61000-4-2 Level 3 RF field susceptibility EN61000-4-3 Level 3 Electrical fast EN61000-4-4 Level 3 transients/bursts Surge susceptibility EN61000-4-5 Level 3 GENERAL SPECIFICATIONS Hold-up time 90VAC, 1KW load 24ms min. Efficiency 230VAC, full load 73% Isolation voltage Input/output 3000VAC Input/chassis 1500VAC Output/output 500VAC Switching frequency 100kHz Approvals and EN60950, UL1950, standards CSA C22.2 No. 950 Weight 6.9kg (15Ibs) Size 5 x 8 x 11 inches 127 x 203.2 x 279.4 mm MTBF per MIL-HDBK-217E 100,000 hours ENVIRONMENTAL SPECIFICATIONS Thermal performance Operating ambient 0°C to +50°C Non-operating -15°C to +85°C Cooling 60CFM Internal DC ball bearing fan Relative humidity Non-condensing 0% to 95% RH Altitude Operating 6,000 feet max. Non-operating 55,000 feet max. Vibration 5Hz to 500Hz 2.4G rms peak N1000 and N1200 SERIES Single, dual, triple and quad output [ 2 YEAR WARRANTY ] • Active harmonic correction to EN61000-3-2 • 90VAC to 264VAC universal input • Flexible output voltage configuration • Two output power ratings • Forced current sharing, all outputs • DC OK (including LED) • UL, CSA and TÜV safety approvals • Industry standard 5 x 8 x 11 inch footprint The N1000 and N1200 series are a range of systems-orientated, one to four output power supplies which provide 1000W or 1200W of continuous power at line voltages from 90VAC to 264VAC. Both series are harmonically corrected and carry world wide safety approvals. Fully enclosed, fan cooled and in the industry standard 5 x 8 x 11 inch form, the N series is an ideal choice when the economy and predictable performance of a centralized system power supply are desired. A unique dual converter architecture isolates the 5VDC logic output and the peripheral voltages. Maximum flexibility is provided as power budgets shift and change during the design cycle or as system upgrades are implemented. This overcomes a major shortfall of many system power supplies which use a single converter. To meet redundancy requirements, each output rail is isolated, individually regulated and features forced current share. System interface signals include AC and DC Good, current monitor (V1), overvoltage, OCP, over- temperature protection, remote enable, margin check and inhibit as standard. By combining robust performance and broad range, the N Series sets the standard for centralized system power supplies. SPECIFICATION All specifications are typical at nominal input, full load at 25°C unless otherwise stated PAGE 1 |
Similar Part No. - N1200-96-124 |
|
Similar Description - N1200-96-124 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |